Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIC5225-3.3YM5 Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # MIC5225-3.3YM5
Description  Ultra-Low Quiescent Current 150mA 關Cap Low Dropout Regulator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5225-3.3YM5 Datasheet(HTML) 2 Page - Micrel Semiconductor

  MIC5225-3.3YM5 Datasheet HTML 1Page - Micrel Semiconductor MIC5225-3.3YM5 Datasheet HTML 2Page - Micrel Semiconductor MIC5225-3.3YM5 Datasheet HTML 3Page - Micrel Semiconductor MIC5225-3.3YM5 Datasheet HTML 4Page - Micrel Semiconductor MIC5225-3.3YM5 Datasheet HTML 5Page - Micrel Semiconductor MIC5225-3.3YM5 Datasheet HTML 6Page - Micrel Semiconductor MIC5225-3.3YM5 Datasheet HTML 7Page - Micrel Semiconductor MIC5225-3.3YM5 Datasheet HTML 8Page - Micrel Semiconductor MIC5225-3.3YM5 Datasheet HTML 9Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Micrel, Inc.
MIC5225
July 2008
2
M9999-072908-A
Ordering Information
Part Number
Marking*
Voltage**
Junction Temp. Range
Package
Lead Finish
MIC5225-1.5YM5
QT15
1.5V
–40° to +125°C
5-Pin SOT23
Pb-Free
MIC5225-1.8YM5
QT18
1.8V
–40° to +125°C
5-Pin SOT23
Pb-Free
MIC5225-2.5YM5
QT25
2.5V
–40° to +125°C
5-Pin SOT23
Pb-Free
MIC5225-2.7YM5
QT27
2.7V
–40° to +125°C
5-Pin SOT23
Pb-Free
MIC5225-3.0YM5
QT30
3.0V
–40° to +125°C
5-Pin SOT23
Pb-Free
MIC5225-3.3YM5
QT33
3.3V
–40° to +125°C
5-Pin SOT23
Pb-Free
MIC5225-5.0YM5
QT50
5.0V
–40° to +125°C
5-Pin SOT23
Pb-Free
MIC5225YM5
QTAA
Adj.
–40° to +125°C
5-Pin SOT23
Pb-Free
* Under bar symbol ( _ ) may not be to scale.
** For other voltage options available. Contact Micrel Marketing for details.
Pin Configuration
IN
OUT
NC/ADJ
EN
1
3
45
2
GND
5-Pin SOT23 (M5)
Pin Description
Pin Number
Pin Name
Pin Function
1
IN
Supply Input.
2
GND
Ground.
3
EN
Enable (Input): Logic Low or Open = Shutdown; Logic High = Enable.
NC (Fixed)
No Connect.
4
ADJ (Adjust)
Adjust (Input): Feedback input. Connect to resistive voltage-divider network.
5
OUT
Regulator Output.


Similar Part No. - MIC5225-3.3YM5

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5200 MICREL-MIC5200 Datasheet
87Kb / 6P
   100mA Low-Dropout Voltage Regulator Preliminary Information
logo
Microchip Technology
MIC5200 MICROCHIP-MIC5200 Datasheet
320Kb / 24P
   100 mA Low-Dropout Regulator
06/23/16
logo
Micrel Semiconductor
MIC5200-3.0BM MICREL-MIC5200-3.0BM Datasheet
87Kb / 6P
   100mA Low-Dropout Voltage Regulator Preliminary Information
MIC5200-3.0BM MICREL-MIC5200-3.0BM Datasheet
179Kb / 10P
   100mA Low-Dropout Regulator
MIC5200-3.0BS MICREL-MIC5200-3.0BS Datasheet
87Kb / 6P
   100mA Low-Dropout Voltage Regulator Preliminary Information
More results

Similar Description - MIC5225-3.3YM5

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5238 MICREL-MIC5238_09 Datasheet
1Mb / 12P
   Ultra-Low Quiescent Current, 150mA 關Cap LDO Regulator
MIC5235 MICREL-MIC5235_09 Datasheet
366Kb / 9P
   Ultra-Low Quiescent Current, 150mA 關Cap LDO Regulator
MIC5305 MICREL-MIC5305_07 Datasheet
350Kb / 12P
   150mA 關Cap Ultra-Low Dropout LDO Regulator
logo
Texas Instruments
TPS78218 TI1-TPS78218 Datasheet
853Kb / 25P
[Old version datasheet]   500nA, IQ 150mA, Ultra-Low Quiescent Current Low-Dropout Linear Regulator
TPS783XX TI-TPS783XX Datasheet
338Kb / 15P
[Old version datasheet]   500nA IQ, 150mA, Ultra-Low Quiescent Current Low-Dropout Linear Regulator
TPS782XX TI-TPS782XX Datasheet
629Kb / 18P
[Old version datasheet]   150mA, Ultra-Low Quiescent Current, IQ 1mA Low-Dropout Linear Regulator
TPS78223 TI-TPS78223 Datasheet
743Kb / 20P
[Old version datasheet]   150mA, Ultra-Low Quiescent Current, IQ 1mA Low-Dropout Linear Regulator
TPS78330 TI1-TPS78330 Datasheet
504Kb / 17P
[Old version datasheet]   500nA IQ, 150mA, Ultra-Low Quiescent Current Low-Dropout Linear Regulator
TPS783XX TI-TPS783XX_10 Datasheet
504Kb / 17P
[Old version datasheet]   500nA IQ, 150mA, Ultra-Low Quiescent Current Low-Dropout Linear Regulator
LM9076 TI1-LM9076 Datasheet
1Mb / 20P
[Old version datasheet]   150mA Ultra-Low Quiescent Current LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com