Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LC680100A Datasheet(PDF) 5 Page - Sanyo Semicon Device

Part # LC680100A
Description  32-Bit RISC Microcontroller
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC680100A Datasheet(HTML) 5 Page - Sanyo Semicon Device

  LC680100A Datasheet HTML 1Page - Sanyo Semicon Device LC680100A Datasheet HTML 2Page - Sanyo Semicon Device LC680100A Datasheet HTML 3Page - Sanyo Semicon Device LC680100A Datasheet HTML 4Page - Sanyo Semicon Device LC680100A Datasheet HTML 5Page - Sanyo Semicon Device LC680100A Datasheet HTML 6Page - Sanyo Semicon Device LC680100A Datasheet HTML 7Page - Sanyo Semicon Device LC680100A Datasheet HTML 8Page - Sanyo Semicon Device LC680100A Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
LC680100A
No.6830-5/16
Pin Number
Pin Name
I/O
Function Description
Pin Format
33
NMI
I
NMI interrupt
Schmitt Input
35
P10/BGNT
I/O
PORT1 bit0 input.
Also bus grant output.
36
P11/RAS
I/O
PORT1 bit1 input.
Also
DRAM control RAS signal out.
37
P12/CASU
I/O
PORT1 bit2 input.
Also
DRAM control CASU signal out.
38
P13/CASL
I/O
PORT1 bit3 input.
Also
DRAM control CASL signal out.
39
P14/DMXS
I/O
PORT1 bit4 input.
Also
DRAM control DMXS signal out.
Schmitt Input•Tristate
output
40
P15/RFREQ
I/O
PORT1 bit5 input.
Also
DRAM control RFREQ I/O.
Schmitt Input•PU
Output
41
P16/IRQOT
I/O
PORT1 bit6 input.
Also IRQOT output.
42
P17/MCLK/HOLD0
I/O
PORT1 bit7 input.
MCLK output,
HOLD state output
Schmitt Input•Tristate
output
44
A0/LBS
I/O
Bus Address bit0 or
Lower byte strobe signal.
45 to 54,
56 to 69
A1to A24
I/O
Bus Address bit1 to 24.
70
A25/CS5
I/O
Bus Address bit25
or
CS5.
71
A26/CS4
I/O
Bus Address bit26
or
CS4
72
A27/CS3
I/O
Bus Address bit27
or
CS3.
Schmitt Input•Tristate
output
74 to 81,
83 to 90
D0 to D15
I/O
Bus data bit0 to 15
Schmitt Input•Tristate
output
92
CS0
I/O
CS0
93
CS1
I/O
CS1
94
CS2
I/O
CS2
95
CS6
I/O
CS6
Schmitt Input•Tristate
output
96
RD
I/O
Bus read signal.
97
WRU
/UBS
I/O
Upper byte write signal
or
Upper byte strobe.
98
WRL
/WR
I/O
Upper byte write signal
or
Write.
Schmitt Input•Tristate
output
99
WAIT
I/O
Bus cycle wait
Schmitt Input•PU
output
100
BREQ
I
Bus request.
Schmitt Input


Similar Part No. - LC680100A

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
LC680Z SEOUL-LC680Z Datasheet
390Kb / 12P
   GREEN OVAL LAMP LED
More results

Similar Description - LC680100A

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB91360G FUJITSU-MB91360G Datasheet
2Mb / 189P
   32-bit RISC Microcontroller
MB91F109 FUJITSU-MB91F109 Datasheet
1Mb / 117P
   32-bit RISC Microcontroller
MB91F369GA FUJITSU-MB91F369GA Datasheet
2Mb / 206P
   32-BIT RISC MICROCONTROLLER
logo
RDC Semiconductor
W5610 RDC-W5610 Datasheet
99Kb / 4P
   32-BIT RISC MICROCONTROLLER
logo
Fujitsu Component Limit...
MB91106 FUJITSU-MB91106 Datasheet
1Mb / 116P
   32-bit RISC Microcontroller
MB91110 FUJITSU-MB91110 Datasheet
1Mb / 112P
   32-Bit RISC Microcontroller
MB91133 FUJITSU-MB91133 Datasheet
1Mb / 123P
   32-Bit RISC Microcontroller
MB91360G FUJITSU-MB91360G_05 Datasheet
2Mb / 239P
   32-bit RISC Microcontroller
MB91101 FUJITSU-MB91101 Datasheet
870Kb / 99P
   32-bit RISC Microcontroller CMOS
MB91107 FUJITSU-MB91107 Datasheet
1Mb / 96P
   32-bit RISC Microcontroller CMOS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com