Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LC680100A Datasheet(PDF) 8 Page - Sanyo Semicon Device

Part # LC680100A
Description  32-Bit RISC Microcontroller
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC680100A Datasheet(HTML) 8 Page - Sanyo Semicon Device

Back Button LC680100A Datasheet HTML 4Page - Sanyo Semicon Device LC680100A Datasheet HTML 5Page - Sanyo Semicon Device LC680100A Datasheet HTML 6Page - Sanyo Semicon Device LC680100A Datasheet HTML 7Page - Sanyo Semicon Device LC680100A Datasheet HTML 8Page - Sanyo Semicon Device LC680100A Datasheet HTML 9Page - Sanyo Semicon Device LC680100A Datasheet HTML 10Page - Sanyo Semicon Device LC680100A Datasheet HTML 11Page - Sanyo Semicon Device LC680100A Datasheet HTML 12Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
LC680100A
No.6830-8/16
3. Electrical Characteristics at Ta = -20 to 70
°C, VSS = 0V, VDD = 3.0 to 3.6V
Ratings
Parameter
Symbol
Pins
Conditions
Min.
Typ.
Max.
Unit
IIH(1)
Pins for each input
only
VIN = VDD
5
High level input
current
IIH(2)
Pins for both input
and output
VIN = VDD
Output disabled
5
µA
IIL(1)
Pins for each input
only
VIN = VSS
-5
IIL(2)
P15/RFREQ,WAIT
VIN = VSS
Output disabled
-5
Low level input
current
IIL(3)
Input/output
commonly terminals
except written above
VIN = VSS
Output disabled
-5
µA
VOH(1)
Port0 with PU option,
P15/RFREQ
IOH = -0.05mA
VDD-0.5
High level output
voltage
VOH(2)
Input/output
commonly terminals
except written above,
CKOT, PHIOT
IOH = -1mA
VDD-0.5
V
VOL(1)
Pins for each output
only
IOL = 4mA
0.4
Low level output
voltage
VOL(2)
Pins for both input
and output
IOL = 4mA
0.4
V
PU resistor
rPU
Port0 with PU option,
P15/RFREQ
1K
20K
Hysterisis voltage
vHIS
Each input only, I/O
terminal
0.1
VDD
NMI
2
External interrupt
pulse width
tINTL
tINTH
INT0 to INT3
Figure 4
4
Tcyc
Reset input pulse
width
tRESL
RESET
Figure 4
2
ms
VCO frequency
fVCO
CKOT
Figure 5
4M
16M
Hz
VCO lock-up time
tLOCK
CMP,CKOT
Figure 5,
cCMP = 0.1
µF
10
ms
RC oscillation
frequency
fRC
Built-in RC oscillation
circuit
300k
1M
Hz
Ceramic oscillation
stabilizing time
tCF
CK1,CK2
Figure 3
10
ms
Current consumption
in run mode
IDDRUN
VDD
CKIN=15MHz
60
120
mA
Current consumption
in sleep mode
IDDSLP
VDD
50
100
mA
Current consumption
in standby mode
IDDSTY
VDD
10
200
µA
Pin capacitance
cP
All pins
10
PF


Similar Part No. - LC680100A

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
LC680Z SEOUL-LC680Z Datasheet
390Kb / 12P
   GREEN OVAL LAMP LED
More results

Similar Description - LC680100A

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB91360G FUJITSU-MB91360G Datasheet
2Mb / 189P
   32-bit RISC Microcontroller
MB91F109 FUJITSU-MB91F109 Datasheet
1Mb / 117P
   32-bit RISC Microcontroller
MB91F369GA FUJITSU-MB91F369GA Datasheet
2Mb / 206P
   32-BIT RISC MICROCONTROLLER
logo
RDC Semiconductor
W5610 RDC-W5610 Datasheet
99Kb / 4P
   32-BIT RISC MICROCONTROLLER
logo
Fujitsu Component Limit...
MB91106 FUJITSU-MB91106 Datasheet
1Mb / 116P
   32-bit RISC Microcontroller
MB91110 FUJITSU-MB91110 Datasheet
1Mb / 112P
   32-Bit RISC Microcontroller
MB91133 FUJITSU-MB91133 Datasheet
1Mb / 123P
   32-Bit RISC Microcontroller
MB91360G FUJITSU-MB91360G_05 Datasheet
2Mb / 239P
   32-bit RISC Microcontroller
MB91101 FUJITSU-MB91101 Datasheet
870Kb / 99P
   32-bit RISC Microcontroller CMOS
MB91107 FUJITSU-MB91107 Datasheet
1Mb / 96P
   32-bit RISC Microcontroller CMOS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com