Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIC5225-2.5YM5 Datasheet(PDF) 7 Page - Micrel Semiconductor

Part # MIC5225-2.5YM5
Description  Ultra-Low Quiescent Current 150mA 關Cap Low Dropout Regulator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5225-2.5YM5 Datasheet(HTML) 7 Page - Micrel Semiconductor

  MIC5225-2.5YM5 Datasheet HTML 1Page - Micrel Semiconductor MIC5225-2.5YM5 Datasheet HTML 2Page - Micrel Semiconductor MIC5225-2.5YM5 Datasheet HTML 3Page - Micrel Semiconductor MIC5225-2.5YM5 Datasheet HTML 4Page - Micrel Semiconductor MIC5225-2.5YM5 Datasheet HTML 5Page - Micrel Semiconductor MIC5225-2.5YM5 Datasheet HTML 6Page - Micrel Semiconductor MIC5225-2.5YM5 Datasheet HTML 7Page - Micrel Semiconductor MIC5225-2.5YM5 Datasheet HTML 8Page - Micrel Semiconductor MIC5225-2.5YM5 Datasheet HTML 9Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
Micrel, Inc.
MIC5225
July 2008
7
M9999-072908-A
Application Information
Enable/Shutdown
The MIC5225 comes with an active-high enable pin that
allows the regulator to be disabled. Forcing the enable
pin lows disables the regulator and sends it into a “zero”
off-mode current state. In this state, current consumed
by the regulator goes nearly to zero. Forcing the enable
pin high enables the output voltage.
Input Capacitor
The MIC5225 has a wide input voltage capability up to
16V. The input capacitor must be rated to sustain
voltages that may be used on the input. An input
capacitor may be required when the device is not near
the source power supply or when supplied by a battery.
Small, surface mount, ceramic capacitors can be used
for bypassing. Larger value may be required if the
source supply has high ripple.
Output Capacitor
The MIC5225 requires an output capacitor for stability.
The design requires 1.0µF or greater on the output to
maintain stability. The design is optimized for use with
low-ESR ceramic chip capacitors. High ESR capacitors
may cause high frequency oscillation. The maximum
recommended ESR is 300mΩ. The output capacitor can
be increased, but performance has been optimized for a
1.0µF ceramic output capacitor and does not improve
significantly with the use of a larger capacitor.
X7R/X5R
dielectric-type
ceramic
capacitors
are
recommended
because
of
their
temperature
performance. X7R-type capacitors change capacitance
by 15% over their operating temperature range and are
the most stable type of ceramic capacitors. Z5U and
Y5V dielectric capacitors change value by as much as
50% and 60% respectively over their operating
temperature ranges. To use a ceramic chip capacitor
with Y5V dielectric, the value must be much higher than
an X7R ceramic capacitor to ensure the same minimum
capacitance over the equivalent operating temperature
range.
No-Load Stability
The MIC5225 will remain stable and in regulation with no
load unlike many other voltage regulators. This is
especially
important
in
CMOS
RAM
keep-alive
applications.
Thermal Consideration
The MIC5225 is designed to provide 150mA of
continuous current in a very small package. Maximum
power dissipation can be calculated based on the output
current and the voltage drop across the part. To
determine the maximum power dissipation of the
package, use the junction-to-ambient thermal resistance
of the device and the following basic equation:
PD(MAX) = (TJ(MAX) – TA)/θJA
TJ(MAX) is the maximum junction temperature of the die,
125
°C, and T
A is the ambient operating temperature. θJA
is layout dependent; Table 1 shows examples of the
junction-to-ambient thermal resistance for the MIC5225.
Package
θJA Recommended
Minimum Footprint
SOT-23-5
235
oC/W
Table 1. SOT-23-5 Thermal Resistance
The actual power dissipation of the regulator circuit can
be determined using the equation:
PD = (VIN – VOUT)IOUT + VINIGND
Substituting PD(MAX for PD and solving for the operating
conditions that are critical to the application will give the
maximum operating conditions for the regulator circuit.
For example, when operating the MIC5225-3.0BMM at
50
°C with a minimum footprint layout, the maximum input
voltage for a set output current can be determined as
follows:
PD(MAX) = (125
oC – 50oC)/ 235oC/W
PD(MAX) = 319mW
The junction-to-ambient thermal resistance for the
minimum footprint is 235
°C/W, from Table 1. The
maximum power dissipation must not be exceeded for
proper operation. Using the output voltage of 3.0V, and
an output current of 150mA, the maximum input voltage
can be determined.
319mW = (VIN – 3.0V)150mA + VIN × 3.0mA
319mW = VIN × 153mA – 450mW
769mW = VIN × 153mA
VIN(MAX) = 5.02V
Therefore, a 3.0V application at 150mA of output current
can accept a maximum input voltage of 5.02V in the
SOT-23-5 package. For a full discussion of heat sinking
and thermal effects on the voltage regulators, refer to the
Regulator Thermals section of Micrel’s Designing with
Low-Dropout
Voltage
Regulators
handbook:
http://www.onfulfillment.com/estore/pdf_download.asp?
s=2243381&p=18&pdf=842935-iecjdf-bicadii


Similar Part No. - MIC5225-2.5YM5

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5200 MICREL-MIC5200 Datasheet
87Kb / 6P
   100mA Low-Dropout Voltage Regulator Preliminary Information
logo
Microchip Technology
MIC5200 MICROCHIP-MIC5200 Datasheet
320Kb / 24P
   100 mA Low-Dropout Regulator
06/23/16
logo
Micrel Semiconductor
MIC5200-3.0BM MICREL-MIC5200-3.0BM Datasheet
87Kb / 6P
   100mA Low-Dropout Voltage Regulator Preliminary Information
MIC5200-3.0BM MICREL-MIC5200-3.0BM Datasheet
179Kb / 10P
   100mA Low-Dropout Regulator
MIC5200-3.0BS MICREL-MIC5200-3.0BS Datasheet
87Kb / 6P
   100mA Low-Dropout Voltage Regulator Preliminary Information
More results

Similar Description - MIC5225-2.5YM5

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5238 MICREL-MIC5238_09 Datasheet
1Mb / 12P
   Ultra-Low Quiescent Current, 150mA 關Cap LDO Regulator
MIC5235 MICREL-MIC5235_09 Datasheet
366Kb / 9P
   Ultra-Low Quiescent Current, 150mA 關Cap LDO Regulator
MIC5305 MICREL-MIC5305_07 Datasheet
350Kb / 12P
   150mA 關Cap Ultra-Low Dropout LDO Regulator
logo
Texas Instruments
TPS78218 TI1-TPS78218 Datasheet
853Kb / 25P
[Old version datasheet]   500nA, IQ 150mA, Ultra-Low Quiescent Current Low-Dropout Linear Regulator
TPS783XX TI-TPS783XX Datasheet
338Kb / 15P
[Old version datasheet]   500nA IQ, 150mA, Ultra-Low Quiescent Current Low-Dropout Linear Regulator
TPS782XX TI-TPS782XX Datasheet
629Kb / 18P
[Old version datasheet]   150mA, Ultra-Low Quiescent Current, IQ 1mA Low-Dropout Linear Regulator
TPS78223 TI-TPS78223 Datasheet
743Kb / 20P
[Old version datasheet]   150mA, Ultra-Low Quiescent Current, IQ 1mA Low-Dropout Linear Regulator
TPS78330 TI1-TPS78330 Datasheet
504Kb / 17P
[Old version datasheet]   500nA IQ, 150mA, Ultra-Low Quiescent Current Low-Dropout Linear Regulator
TPS783XX TI-TPS783XX_10 Datasheet
504Kb / 17P
[Old version datasheet]   500nA IQ, 150mA, Ultra-Low Quiescent Current Low-Dropout Linear Regulator
LM9076 TI1-LM9076 Datasheet
1Mb / 20P
[Old version datasheet]   150mA Ultra-Low Quiescent Current LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com