Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIC5216-3.3BM5 Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # MIC5216-3.3BM5
Description  500mA-Peak Output LDO Regulator
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5216-3.3BM5 Datasheet(HTML) 4 Page - Micrel Semiconductor

  MIC5216-3.3BM5 Datasheet HTML 1Page - Micrel Semiconductor MIC5216-3.3BM5 Datasheet HTML 2Page - Micrel Semiconductor MIC5216-3.3BM5 Datasheet HTML 3Page - Micrel Semiconductor MIC5216-3.3BM5 Datasheet HTML 4Page - Micrel Semiconductor MIC5216-3.3BM5 Datasheet HTML 5Page - Micrel Semiconductor MIC5216-3.3BM5 Datasheet HTML 6Page - Micrel Semiconductor MIC5216-3.3BM5 Datasheet HTML 7Page - Micrel Semiconductor MIC5216-3.3BM5 Datasheet HTML 8Page - Micrel Semiconductor MIC5216-3.3BM5 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
Micrel, Inc.
MIC5216
March 2007
4
M9999-032307
Absolute Maximum Ratings
Supply Input Voltage (VIN).............................. –20V to +20V
Power Dissipation (PD)..............................Internally Limited
Junction Temperature (TJ) ........................–40°C to +125°C
Lead Temperature (soldering, 5 sec.)........................ 260°C
Operating Ratings
Supply Input Voltage (VIN)................................. 2.5V to 12V
Enable Input Voltage (VEN)..................................... 0V to VIN
Junction Temperature (TJ) ........................–40°C to +125°C
Thermal Resistance (θJA).......................................... Note 1
Electrical Characteristics
VIN = VOUT +1V; COUT = 4.7µF; IOUT = 100µA; TJ = 25°C, bold values indicate –40°C < TJ < +125°C, unless noted.
Symbol
Parameter
Condition
Min
Typ
Max
Units
VO
Output Voltage Accuracy
Variation from nominal VOUT
–1
–2
1
2
%
%
∆VO/∆T
Output Voltage Temperature
Coefficient
Note 2
40
ppm/°C
∆VO/VO
Line Regulation
VIN = VOUT +1V to 12V
0.009
0.05
0.1
%/V
%/V
∆VO/VO
Load Regulation
IOUT = 100µA to 150mA (Note 3)
0.05
0.5
0.7
%
%
VIN – VO
Dropout Voltage, Note 4
IOUT = 100µA
IOUT = 50mA
IOUT = 150mA
IOUT = 500mA
10
115
165
300
60
80
175
250
300
400
500
600
mV
mV
mV
mV
mV
mV
mV
mV
IGND
Ground Pin Current, Notes 5, 6
(per regulator)
VEN ≥ 3.0V, IOUT = 100µA
VEN ≥ 3.0V, IOUT = 50mA
VEN ≥ 3.0V, IOUT = 150mA
VEN ≥ 3.0V, IOUT = 500mA
80
350
1.8
8
130
170
650
900
2.5
3.0
20
25
µA
µA
µA
µA
mA
mA
mA
mA
IGND
Quiescent Current, Note 6
VEN ≤ 0.4V
VEN ≤ 0.18V
0.05
0.10
3
8
µA
µA
PSRR
Ripple Rejection
Frequency = 120Hz
75
dB
ILIMIT
Current Limit
VOUT = 0V
700
1000
mA
∆VO/∆PD
Thermal Regulation
Note 7
0.05
%/W
eno
Output Noise
IOUT = 50mA, COUT = 2.2µF
500
nV/√Hz


Similar Part No. - MIC5216-3.3BM5

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5216-3.3BM5 MICREL-MIC5216-3.3BM5 Datasheet
66Kb / 12P
   500mA-Peak Output LDO Regulator Preliminary Information
More results

Similar Description - MIC5216-3.3BM5

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5219 MICREL-MIC5219 Datasheet
118Kb / 12P
   500mA-Peak Output LDO Regulator
MIC5219 MICREL-MIC5219_09 Datasheet
405Kb / 14P
   500mA-Peak Output LDO Regulator
MIC5219 MICREL-MIC5219_01 Datasheet
97Kb / 13P
   500mA-Peak Output LDO Regulator
MIC5216 MICREL-MIC5216 Datasheet
66Kb / 12P
   500mA-Peak Output LDO Regulator Preliminary Information
logo
Richtek Technology Corp...
RT9017 RICHTEK-RT9017 Datasheet
307Kb / 12P
   500mA Peak, Thermal Folded Back CMOS LDO Regulator
RT9016 RICHTEK-RT9016 Datasheet
299Kb / 11P
   500mA Peak, Thermal Folded Back CMOS LDO Regulator
logo
SHENZHEN FUMAN ELECTRON...
FM6211 FUMAN-FM6211 Datasheet
256Kb / 9P
   500mA LDO Regulator
logo
List of Unclassifed Man...
RT9168 ETC-RT9168 Datasheet
236Kb / 13P
   200MA / 500MA FIXED OUTPUT VOLTAGE LDO REGULATOR
logo
Richtek Technology Corp...
RT9168 RICHTEK-RT9168 Datasheet
155Kb / 11P
   200mA/500mA Fixed Output Voltage LDO Regulator
logo
Global Mixed-mode Techn...
G926 GMT-G926 Datasheet
137Kb / 1P
   Dual 500mA LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com