Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIC5216-2.5BMM Datasheet(PDF) 8 Page - Micrel Semiconductor

Part # MIC5216-2.5BMM
Description  500mA-Peak Output LDO Regulator
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5216-2.5BMM Datasheet(HTML) 8 Page - Micrel Semiconductor

Back Button MIC5216-2.5BMM Datasheet HTML 4Page - Micrel Semiconductor MIC5216-2.5BMM Datasheet HTML 5Page - Micrel Semiconductor MIC5216-2.5BMM Datasheet HTML 6Page - Micrel Semiconductor MIC5216-2.5BMM Datasheet HTML 7Page - Micrel Semiconductor MIC5216-2.5BMM Datasheet HTML 8Page - Micrel Semiconductor MIC5216-2.5BMM Datasheet HTML 9Page - Micrel Semiconductor MIC5216-2.5BMM Datasheet HTML 10Page - Micrel Semiconductor MIC5216-2.5BMM Datasheet HTML 11Page - Micrel Semiconductor MIC5216-2.5BMM Datasheet HTML 12Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
Micrel, Inc.
MIC5216
March 2007
8
M9999-032307
Application Information
The MIC5216 is designed for 150mA to 200mA output
current applications where a high current spike (500mA)
is needed for short, startup conditions. Basic application
of the device will be discussed initially followed by a
more detailed discussion of higher current applications.
Enable/Shutdown
Forcing EN (enable/shutdown) high (> 2V) enables the
regulator. EN is compatible with CMOS logic. If the
enable/shutdown feature is not required, connect EN to
IN (supply input). See Figure 5.
Input Capacitor
A 1µF capacitor should be placed from IN to GND if
there is more than 10 inches of wire between the input
and the ac filter capacitor or if a battery is used as the
input.
Output Capacitor
An output capacitor is required between OUT and GND
to prevent oscillation. 1µF minimum is recommended.
Larger
values
improve
the
regulator’s
transient
response. The output capacitor value may be increased
without limit.
The output capacitor should have an ESR (equivalent
series resistance) of about 5Ω or less and a resonant
frequency above 1MHz. Ultralow-ESR capacitors could
cause
oscillation
and/or
underdamped
transient
response. Most tantalum or aluminum electrolytic
capacitors are adequate; film types will work, but more
expensive.
Many
aluminum
electrolytics
have
electrolytes that freeze at about –30°C, so solid
tantalums are recommended for operation below –25°C.
At lower values of output current, less output
capacitance is needed for stability. The capacitor can be
reduced to 0.47µF for current below 10mA or 0.33µF for
currents below 1mA.
No-Load Stability
The MIC5216 will remain stable and in regulation with no
load (other than the internal voltage divider) unlike many
other voltage regulators. This is especially important in
CMOS RAM keep-alive applications.
Error Flag Output
The error flag is an open-collector output and is active
(low) when an undervoltage of approximately 5% below
the nominal output voltage is detected. A pull-up resistor
from IN to FLAG is shown in all schematics.
If an error indication is not required, FLAG may be left
open and the pull-up resistor may be omitted.
Thermal Considerations
The MIC5216 is designed to provide 200mA of
continuous current in two very small profile packages.
Maximum power dissipation can be calculated based on
the output current and the voltage drop across the part.
To determine the maximum power dissipation of the
package, use the thermal resistance, junction-to-
ambient, of the device and the following basic equation.
(
)
JA
A
J(MAX)
D(MAX)
θ
T
T
P
=
TJ(MAX) is the maximum junction temperature of the die,
125°C, and TA is the ambient operating temperature. θJA
is layout dependent; table 1 shows examples of thermal
resistance, junction-to-ambient, for the MIC5216.
Package
θ
JA Recommended
Minimum Footprint
θ
JA 1” Square
Copper Clad
θ
JC
MM8™ (MM)
160°C/W
70°C/W
30°C/W
SOT-23-5 (M5)
220°C/W
170°C/W
130°C/W
Table 1. MIC5216 Thermal Resistance
The actual power dissipation of the regulator circuit can
be determined using one simple equation.
PD = (VIN – VOUT) IOUT + VIN IGND
Substituting PD(MAX) for PD and solving for the operating
conditions that are critical to the application will give the
maximum operating conditions for the regulator circuit.
For example, if we are operating the MIC5216-3.3BM5
at room temperature, with a minimum footprint layout,
we can determine the maximum input voltage for a set
output current.
(
)
C/W
220
C
25
C
125
PD(MAX)
°
°
°
=
PD(MAX) = 455mW
The thermal resistance, junction-to-ambient, for the
minimum footprint is 220°C/W, taken from table 1. The
maximum
power
dissipation
number
cannot
be
exceeded for proper operation of the device. Using the
output voltage of 3.3V, and an output current of 150mA,
we can determine the maximum input voltage. Ground
current, maximum of 3mA for 150mA of output current,
can be taken from the Electrical Characteristics section
of the data sheet.
455mW = (VIN – 3.3V) 150mA + VIN × 3mA
()
+
+
3mA
150mA
150mA
3.3V
455mW
VIN


Similar Part No. - MIC5216-2.5BMM

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5216-3.0BM5 MICREL-MIC5216-3.0BM5 Datasheet
66Kb / 12P
   500mA-Peak Output LDO Regulator Preliminary Information
MIC5216-3.0BMM MICREL-MIC5216-3.0BMM Datasheet
66Kb / 12P
   500mA-Peak Output LDO Regulator Preliminary Information
MIC5216-3.3BM5 MICREL-MIC5216-3.3BM5 Datasheet
66Kb / 12P
   500mA-Peak Output LDO Regulator Preliminary Information
MIC5216-3.3BMM MICREL-MIC5216-3.3BMM Datasheet
66Kb / 12P
   500mA-Peak Output LDO Regulator Preliminary Information
MIC5216-3.6BM5 MICREL-MIC5216-3.6BM5 Datasheet
66Kb / 12P
   500mA-Peak Output LDO Regulator Preliminary Information
More results

Similar Description - MIC5216-2.5BMM

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5219 MICREL-MIC5219 Datasheet
118Kb / 12P
   500mA-Peak Output LDO Regulator
MIC5219 MICREL-MIC5219_09 Datasheet
405Kb / 14P
   500mA-Peak Output LDO Regulator
MIC5219 MICREL-MIC5219_01 Datasheet
97Kb / 13P
   500mA-Peak Output LDO Regulator
MIC5216 MICREL-MIC5216 Datasheet
66Kb / 12P
   500mA-Peak Output LDO Regulator Preliminary Information
logo
Richtek Technology Corp...
RT9017 RICHTEK-RT9017 Datasheet
307Kb / 12P
   500mA Peak, Thermal Folded Back CMOS LDO Regulator
RT9016 RICHTEK-RT9016 Datasheet
299Kb / 11P
   500mA Peak, Thermal Folded Back CMOS LDO Regulator
logo
SHENZHEN FUMAN ELECTRON...
FM6211 FUMAN-FM6211 Datasheet
256Kb / 9P
   500mA LDO Regulator
logo
List of Unclassifed Man...
RT9168 ETC-RT9168 Datasheet
236Kb / 13P
   200MA / 500MA FIXED OUTPUT VOLTAGE LDO REGULATOR
logo
Richtek Technology Corp...
RT9168 RICHTEK-RT9168 Datasheet
155Kb / 11P
   200mA/500mA Fixed Output Voltage LDO Regulator
logo
Global Mixed-mode Techn...
G926 GMT-G926 Datasheet
137Kb / 1P
   Dual 500mA LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com