Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIC5213-2.5BC5 Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # MIC5213-2.5BC5
Description  Teeny SC-70 關Cap Low-Dropout Regulator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5213-2.5BC5 Datasheet(HTML) 1 Page - Micrel Semiconductor

  MIC5213-2.5BC5 Datasheet HTML 1Page - Micrel Semiconductor MIC5213-2.5BC5 Datasheet HTML 2Page - Micrel Semiconductor MIC5213-2.5BC5 Datasheet HTML 3Page - Micrel Semiconductor MIC5213-2.5BC5 Datasheet HTML 4Page - Micrel Semiconductor MIC5213-2.5BC5 Datasheet HTML 5Page - Micrel Semiconductor MIC5213-2.5BC5 Datasheet HTML 6Page - Micrel Semiconductor MIC5213-2.5BC5 Datasheet HTML 7Page - Micrel Semiconductor MIC5213-2.5BC5 Datasheet HTML 8Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
August 2004
1
MIC5213
MIC5213
Micrel
General Description
The MIC5213 is a
µCap 80mA linear voltage regulator in the
Teeny™ SC-70 package. Featuring half the footprint of the
standard SOT-23 package, this Teeny™ SC-70 regulator
has very low dropout voltage (typically 20mV at light loads
and 300mV at 80mA) and very low ground current (225
µA at
20mA output). It also offers better than 3% initial accuracy
and includes a logic-compatible enable input.
The
µCap regulator design is optimized to work with low-
value, low-cost ceramic capacitors. The outputs typically
require only 0.47
µF of output capacitance for stability.
Designed especially for hand-held, battery-powered devices,
the MIC5213 can be controlled by a CMOS or TTL compatible
logic signal. When disabled, power consumption drops nearly
to zero. If on-off control is not required, the enable pin may be
tied to the input for 3-terminal operation. The ground current
of the MIC5213 increases only slightly in dropout, further
prolonging battery life. Key MIC5213 features include current
limiting, overtemperature shutdown, and protection against
reversed battery.
The MIC5213 is available in 2.5V, 2.6V, 2.7V, 2.8V, 3.0V,
3.3V, 3.6V, and 5.0V fixed voltages. Other voltages are
available; contact Micrel for details.
Typical Applications
15
2
34
0.47µF
VOUT
Enable
Shutdown
Regulator Circuit
Ordering Information
Part Number
Marking
Voltage
Junction Temp. Range
Package
Standard
Pb-Free
Standard
Pb-Free
MIC5213-2.5BC5
MIC5213-2.5YC5
LAM
LAM
2.5V
–40
°C to +125°C
SC-70-5
MIC5213-2.6BC5
MIC5213-2.6YC5
LAQ
LAQ
2.6V
–40
°C to +125°C
SC-70-5
MIC5213-2.7BC5
MIC5213-2.7YC5
LAL
LAL
2.7V
–40
°C to +125°C
SC-70-5
MIC5213-2.8BC5
MIC5213-2.8YC5
LAJ
LAJ
2.8V
–40
°C to +125°C
SC-70-5
MIC5213-3.0BC5
MIC5213-3.0YC5
LAG
LAG
3.0V
–40
°C to +125°C
SC-70-5
MIC5213-3.3BC5
MIC5213-3.3YC5
LAE
LAE
3.3V
–40
°C to +125°C
SC-70-5
MIC5213-3.6BC5
MIC5213-3.6YC5
LAD
LAD
3.6V
–40
°C to +125°C
SC-70-5
MIC5213-5.0BC5
MIC5213-5.0YC5
LAB
LAB
5.0V
–40
°C to +125°C
SC-70-5
Other voltages available. Contact Micrel for details.
Features
• Teeny™ SC-70 package
• Wide selection of output voltages
• Guaranteed 80mA output
• Low quiescent current
• Low dropout voltage
• Tight load and line regulation
• Low temperature coefficient
• Current and thermal limiting
• Reversed input polarity protection
• Zero off-mode current
• Logic-controlled shutdown
• Stability with low ESR ceramic capacitors
Applications
• Cellular telephones
• Laptop, notebook, and palmtop computers
• Battery-powered equipment
• Bar code scanners
• SMPS post-regulator/dc-to-dc modules
• High-efficiency linear power supplies
MIC5213
Teeny™ SC-70
µCap Low-Dropout Regulator
Final Information
Teeny is a trademark of Micrel, Inc.
Micrel, Inc. • 1849 Fortune Drive • San Jose, CA 95131 • USA • tel + 1 (408) 944-0800 • fax + 1 (408) 474-1000• http://www.micrel.com


Similar Part No. - MIC5213-2.5BC5

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5213-2.5BC5 MICREL-MIC5213-2.5BC5 Datasheet
69Kb / 8P
   Teeny??SC-70 關Cap Low-Dropout Regulator Advance Information
More results

Similar Description - MIC5213-2.5BC5

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5213 MICREL-MIC5213 Datasheet
69Kb / 8P
   Teeny??SC-70 關Cap Low-Dropout Regulator Advance Information
logo
Microchip Technology
MIC5271 MICROCHIP-MIC5271 Datasheet
2Mb / 20P
   關Cap Negative Low Dropout Regulator
09/14/21
logo
Micrel Semiconductor
MIC5270 MICREL-MIC5270_05 Datasheet
534Kb / 8P
   關Cap Negative Low-Dropout Regulator
MIC5271 MICREL-MIC5271 Datasheet
123Kb / 10P
   關Cap Negative Low-Dropout Regulator
MIC5203 MICREL-MIC5203_09 Datasheet
267Kb / 10P
   關Cap 80mA Low-Dropout Regulator
MIC5253 MICREL-MIC5253_04 Datasheet
178Kb / 9P
   100mA Low Noise 關Cap Teeny??LDO
MIC5203 MICREL-MIC5203 Datasheet
81Kb / 7P
   關Cap??80mA Low-Dropout Voltage Regulator
MIC3775 MICREL-MIC3775_06 Datasheet
1Mb / 13P
   750mA 關Cap Low-Voltage Low-Dropout Regulator
MIC3975 MICREL-MIC3975_05 Datasheet
652Kb / 12P
   750mA 關Cap Low-Voltage Low-Dropout Regulator
MIC39500 MICREL-MIC39500_05 Datasheet
1Mb / 10P
   5A 關Cap Low-Voltage Low-Dropout Regulator
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com