Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RJK4018DPK Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # RJK4018DPK
Description  Silicon N Channel MOS FET High Speed Power Switching
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RJK4018DPK Datasheet(HTML) 4 Page - Renesas Technology Corp

  RJK4018DPK_10 Datasheet HTML 1Page - Renesas Technology Corp RJK4018DPK_10 Datasheet HTML 2Page - Renesas Technology Corp RJK4018DPK_10 Datasheet HTML 3Page - Renesas Technology Corp RJK4018DPK_10 Datasheet HTML 4Page - Renesas Technology Corp RJK4018DPK_10 Datasheet HTML 5Page - Renesas Technology Corp RJK4018DPK_10 Datasheet HTML 6Page - Renesas Technology Corp RJK4018DPK_10 Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
RJK4018DPK
Preliminary
R07DS0215EJ0200 Rev2.00
Page 4 of 6
Dec 03, 2010
800
0
16
600
12
400
8
200
4
40
80
120
160
200
0
Drain to Source Voltage VDS (V)
Typical Capacitance vs.
Drain to Source Voltage
Gate Charge Qg (nC)
Dynamic Input Characteristics (Typical)
0
0.4
00.81.21.62.0
100
40
Source to Drain Voltage VSD (V)
Reverse Drain Current vs.
Source to Drain Voltage (Typical)
Case Temperature
Tc (
°C)
Gate to Source Cutoff Voltage
vs. Case Temperature (Typical)
20
60
80
0
8
-25
0
25
50
75
100 125
150
2
1
4
6
7
3
5
VGS = 0
Ta = 25
°C
Pulse Test
VDS
VGS
VDD = 320 V
200 V
100 V
VDD = 320 V
200 V
100 V
VDS = 10 V
1 mA
0.1 mA
ID = 43 A
Ta = 25
°C
0
100
200
10000
100
1000
10
VGS = 0
f = 1 MHz
Ta = 25
°C
Ciss
Coss
Crss
ID = 10 mA


Similar Part No. - RJK4018DPK_10

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJK4018DPK RENESAS-RJK4018DPK_15 Datasheet
85Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
More results

Similar Description - RJK4018DPK_10

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
H7N0608LD RENESAS-H7N0608LD Datasheet
118Kb / 12P
   Silicon N Channel MOS FET High Speed Power Switching
H5N1503P RENESAS-H5N1503P Datasheet
81Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
RJK6015DPK RENESAS-RJK6015DPK Datasheet
107Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
H7N0310LD RENESAS-H7N0310LD Datasheet
131Kb / 14P
   Silicon N Channel MOS FET High Speed Power Switching
2SK2788 RENESAS-2SK2788_11 Datasheet
82Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
RJK5013DPE RENESAS-RJK5013DPE_15 Datasheet
89Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
RJL5014DPK RENESAS-RJL5014DPK_15 Datasheet
89Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
H5N5006DL RENESAS-H5N5006DL_15 Datasheet
113Kb / 10P
   Silicon N Channel MOS FET High Speed Power Switching
H7N1005LD RENESAS-H7N1005LD_15 Datasheet
145Kb / 11P
   Silicon N Channel MOS FET High Speed Power Switching
HAT2179R RENESAS-HAT2179R_15 Datasheet
126Kb / 9P
   Silicon N Channel MOS FET High Speed Power Switching
H7N1005DL RENESAS-H7N1005DL_15 Datasheet
139Kb / 11P
   Silicon N Channel MOS FET High Speed Power Switching
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com