Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LC66306A Datasheet(PDF) 9 Page - Sanyo Semicon Device

Part # LC66306A
Description  Four-Bit Single-Chip Microcontrollers with 4, 6, and 8 KB of On-Chip ROM
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC66306A Datasheet(HTML) 9 Page - Sanyo Semicon Device

Back Button LC66306A Datasheet HTML 5Page - Sanyo Semicon Device LC66306A Datasheet HTML 6Page - Sanyo Semicon Device LC66306A Datasheet HTML 7Page - Sanyo Semicon Device LC66306A Datasheet HTML 8Page - Sanyo Semicon Device LC66306A Datasheet HTML 9Page - Sanyo Semicon Device LC66306A Datasheet HTML 10Page - Sanyo Semicon Device LC66306A Datasheet HTML 11Page - Sanyo Semicon Device LC66306A Datasheet HTML 12Page - Sanyo Semicon Device LC66306A Datasheet HTML 13Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
No. 5996-9/13
LC662104A, 662106A, 662108A
Continued from preceding page.
ROM area
Bit
Option specified
Option/data relationship
7
6
5
200FH
4
Reserved. Must be set to predefined values.
This data is generated by the assmbler (00).
3
If the assembler is not used, set this data to (00).
2
1
0
Note: 1. Applies to pins with open-drain output specifications. For pins with other than open-drain output specifications, the ratings in the pin column for that
pin apply.
2. For the oscillator input and output pins, levels up to the free-running oscillation level are allowed.
3. Sink current
4. Source current
5. We recommend the use of reflow soldering techniques to solder mount MFP packages.
Please consult with your Sanyo representative for details on process conditions if the package itself is to be directly immersed in a dip-soldering
bath (dip-soldering techniques).
Parameter
Symbol
Conditions
Ratings
Unit
Note
Maximum supply voltage
VDD max
VDD
–0.3 to +7.0
V
VIN1
P2, P3 (except for the P33/HOLD pin),
–0.3 to +15.0
V
1
Input voltage
P4, P51, and P53
VIN2
All other inputs
–0.3 to VDD + 0.3
V
2
Output voltage
VOUT1
P2 and P3 (except for the P33/HOLD pin)
–0.3 to +15.0
V
1
VOUT2
All other inputs
–0.3 to VDD + 0.3
V
2
ION1
P0, P1, P2, P3 (except for the P33/HOLD pin),
20
mA
3
Output current per pin
P4, P5
–IOP1
P0, P1, P4, P5
2
mA
4
–IOP2
P2, P3 (except for the P33/HOLD pin)
4
mA
4
Σ I
ON1
P1, P2, P3 (except for the P33/HOLD pin)
75
mA
3
Total pin current
Σ I
ON2
P0, P4, P5
75
mA
3
Σ I
OP1
P1, P2, P3 (except for the P33/HOLD pin)
25
mA
4
Σ I
OP2
P0, P4, P5
25
mA
4
Allowable power dissipation
Pd max
Ta = –30 to +70°C: DIP30S (MFP30S)
340 (200)
mW
5
Operating temperature
Topr
–30 to +70
°C
Storage temperature
Tstg
–55 to +125
°C
Specifications
Absolute Maximum Ratings at Ta = 25°C, VSS = 0 V


Similar Part No. - LC66306A

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC66306A SANYO-LC66306A Datasheet
158Kb / 25P
   Four-Bit Single-Chip Microcontrollers with 4, 6, 8, 12, and 16 KB of On-Chip ROM
LC66306A SANYO-LC66306A Datasheet
201Kb / 27P
   Four-Bit Single-Chip Microcontroller with 16 KB of On-Chip EPROM
LC66306A SANYO-LC66306A Datasheet
151Kb / 17P
   Four-Bit Single-Chip Microcontrollers with 8, 12, and 16 KB of On-Chip ROM
LC66306A SANYO-LC66306A Datasheet
176Kb / 27P
   Four-Bit Single-Chip Microcontroller with 16 KB of On-Chip OTP PROM
LC66306A SANYO-LC66306A Datasheet
617Kb / 24P
   4K/6K/8K-BYTE ROM-CONTAINED SINGLE-CHIP 4-BIT MICROCOMPUTER FOR CONTROL-ORIENTED APPLICATIONS
More results

Similar Description - LC66306A

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC66354C SANYO-LC66354C Datasheet
140Kb / 21P
   Four-Bit Single-Chip Microcontrollers with 4, 6, and 8 KB of On-Chip ROM
LC662304A SANYO-LC662304A Datasheet
158Kb / 25P
   Four-Bit Single-Chip Microcontrollers with 4, 6, 8, 12, and 16 KB of On-Chip ROM
LC665304A SANYO-LC665304A Datasheet
182Kb / 26P
   Four-Bit Single-Chip Microcontrollers with 4, 6, 8, 12, and 16 KB of On-Chip ROM
LC662508A SANYO-LC662508A Datasheet
151Kb / 17P
   Four-Bit Single-Chip Microcontrollers with 8, 12, and 16 KB of On-Chip ROM
LC66556B SANYO-LC66556B Datasheet
647Kb / 21P
   Four-Bit Single-Chip Microcontrollers with 6k and 8k of On-Chip ROM?
LC66E2316 SANYO-LC66E2316 Datasheet
170Kb / 26P
   Four-Bit Single-Chip Microcontroller with 16 KB of On-Chip EPROM
LC66E5316 SANYO-LC66E5316 Datasheet
201Kb / 27P
   Four-Bit Single-Chip Microcontroller with 16 KB of On-Chip EPROM
LC66P2316 SANYO-LC66P2316 Datasheet
176Kb / 27P
   Four-Bit Single-Chip Microcontroller with 16 KB of On-Chip OTP PROM
LC66P5316 SANYO-LC66P5316 Datasheet
205Kb / 28P
   Four-Bit Single-Chip Microcontroller with 16 KB of On-Chip OTP PROM
LC876596B SANYO-LC876596B Datasheet
682Kb / 23P
   8-Bit Single Chip Microcontroller with 96/80 KB ROM and 2048-Byte RAM On Chip
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com