Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIC2196 Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # MIC2196
Description  400kHz SO-8 Boost Control IC
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2196 Datasheet(HTML) 2 Page - Micrel Semiconductor

  MIC2196_08 Datasheet HTML 1Page - Micrel Semiconductor MIC2196_08 Datasheet HTML 2Page - Micrel Semiconductor MIC2196_08 Datasheet HTML 3Page - Micrel Semiconductor MIC2196_08 Datasheet HTML 4Page - Micrel Semiconductor MIC2196_08 Datasheet HTML 5Page - Micrel Semiconductor MIC2196_08 Datasheet HTML 6Page - Micrel Semiconductor MIC2196_08 Datasheet HTML 7Page - Micrel Semiconductor MIC2196_08 Datasheet HTML 8Page - Micrel Semiconductor MIC2196_08 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Micrel, Inc.
MIC2196
September 2008
2
M9999-092908
Ordering Information
Part Number
Voltage
Frequency
Temperature Range
Package
Lead Finish
MIC2196BM
Adj.
400kHz
–40°C to +125°C
8-Pin SOIC
Standard
MIC2196YM
Adj.
400kHz
–40°C to +125°C
8-Pin SOIC
Pb-Free
Pin Configuration
1
COMP
FB
EN/UVLO
CS
8VIN
OUTN
GND
VDD
7
6
5
2
3
4
8-Pin SOIC (M)
Pin Description
Pin Number
Pin Name
Pin Function
1
COMP
Compensation (Output): Internal error amplifier output. Connect to a capacitor or
series RC network to compensate the regulator’s control loop.
2
FB
Feedback (Input): Regulates FB to 1.245V.
3
EN/UVLO
Enable/Undervoltage Lockout (input): A low level on this pin will power down the
device, reducing the quiescent current to under 0.5μA. This pin has two separate
thresholds, below 1.5V the output switching is disabled, and below 0.9V the device is
forced into a complete micropower shutdown. The 1.5V threshold functions as an
accurate undervoltage lockout (UVLO) with 100mV hysteresis.
4
CS
The (+) input to the current limit comparator. A built in offset of 100mV between CS
and GND in conjunction with the current sense resistor sets the current limit threshold
level. This is also the (+) input to the current amplifier.
5
VDD
3V internal linear-regulator output. VDD is also the supply voltage bus for the chip.
Bypass to GND with 1μF.
6
GND
Ground.
7
OUTN
High current drive for N-Channel MOSFET. Voltage swing is from ground to VIN.
RON is typically 3Ω @ 5VIN.
8
VIN
Input voltage to the control IC. This pin also supplies power to the gate drive circuit.


Similar Part No. - MIC2196_08

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2196BM MICREL-MIC2196BM Datasheet
68Kb / 11P
   400kHz SO-8 Boost Control IC
MIC2196YM MICREL-MIC2196YM Datasheet
68Kb / 11P
   400kHz SO-8 Boost Control IC
More results

Similar Description - MIC2196_08

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2196 MICREL-MIC2196 Datasheet
68Kb / 11P
   400kHz SO-8 Boost Control IC
MIC2194 MICREL-MIC2194_05 Datasheet
64Kb / 10P
   400kHz SO-8 Buck Control IC
MIC2194 MICREL-MIC2194 Datasheet
63Kb / 10P
   400kHz SO-8 Buck Control IC
MIC2193 MICREL-MIC2193 Datasheet
63Kb / 10P
   400KHZ SO 8 SYNCHRONOUS BUCK CONTROL IC
logo
Shenzhen Huazhimei Semi...
HM3800S HMSEMI-HM3800S Datasheet
783Kb / 27P
   BOOST CONVERT CONTROL IC
logo
International Rectifier
IRS2505LPBF IRF-IRS2505LPBF Datasheet
235Kb / 11P
   SOT-23 Boost PFC Control IC
IRS2505LPBF IRF-IRS2505LPBF_15 Datasheet
422Kb / 11P
   SOT-23 Boost PFC Control IC
logo
Infineon Technologies A...
IRS2505LPBF INFINEON-IRS2505LPBF Datasheet
965Kb / 19P
   Boost PFC and SMPS Control IC
2015-9-2
logo
Micrel Semiconductor
MIC2185 MICREL-MIC2185 Datasheet
141Kb / 15P
   Low Voltage Synchronous Boost PWM Control IC
MIC2185 MICREL-MIC2185_05 Datasheet
386Kb / 15P
   Low Voltage Synchronous Boost PWM Control IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com