Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R5F562N7ADFP Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # R5F562N7ADFP
Description  100 MHz 32-bit RX MCU with FPU, 165 DMIPS, up to 512-Kbyte Flash, Ethernet, USB 2.0
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F562N7ADFP Datasheet(HTML) 2 Page - Renesas Technology Corp

  R5F562N7ADFP Datasheet HTML 1Page - Renesas Technology Corp R5F562N7ADFP Datasheet HTML 2Page - Renesas Technology Corp R5F562N7ADFP Datasheet HTML 3Page - Renesas Technology Corp R5F562N7ADFP Datasheet HTML 4Page - Renesas Technology Corp R5F562N7ADFP Datasheet HTML 5Page - Renesas Technology Corp R5F562N7ADFP Datasheet HTML 6Page - Renesas Technology Corp R5F562N7ADFP Datasheet HTML 7Page - Renesas Technology Corp R5F562N7ADFP Datasheet HTML 8Page - Renesas Technology Corp R5F562N7ADFP Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
RX62N Group and RX621 Group
16-Bit SDRAM Connection and Access Examples
R01AN0585EJ0202 Rev.2.02
Page 2 of 22
Feb 14, 2014
1.
Specifications
The SDRAM interface included in the RX62N and RX621 Group microcontrollers allows the direct connection of up to
128 MB (1024 Mbits) of SDRAM. This interface supports SDRAM with a CAS latency of 1 to 3 cycles.
This application note uses a Micron Technology 128 Mbit SDRAM (the 2 Mword
× 16 bit × 4 bank
MT48LC8M16A2P-75), and connects to it over a 16-bit bus.
Figure 1 shows a sample DRAM connection diagram and Table 1 lists the SDRAM specifications.
RX62N
A12-A1
D15-D0
SDCS#
RAS#
CAS#
WE#
DQM0
CKE
SDCLK
A11-A0
DQ15-DQ0
CS#
RAS#
CAS#
WE#
DQML
CKE
CLK
BA1-0
A14-A13
2
12
16
SDRAM
MT48LC8M16A2P-75
2M-word
× 16bit × 4bank
DQM1
DQMH
Figure 1 16-bit SDRAM Connection
Table 1
SDRAM Specifications
Item
Symbol
Description
Catalog number
MT48LC8M16A2P-75 (Micron Technology, Inc)
Structure
2 Mwords
× 16 bits × 4 banks
Capacity
128 MB
Row address lines
A11-A0
Column address lines
A8-A0
Auto refresh interval
4096 refresh cycles every 64 ms
CAS latency
2/3
Initialization auto refresh count
2 times
Auto refresh period
(tRFC)
66 ns (min)
Write recovery period
(tWR)
28.33 ns (min)
Precharge command period
(tRP)
20 ns (min)
Period from active command to
precharge command
(tRAS)
44 ns (min)
Delay time from active command to
read/write command
(tRCD)
20 ns (min)


Similar Part No. - R5F562N7ADFP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R5F562T6ADFF RENESAS-R5F562T6ADFF Datasheet
640Kb / 94P
   100-MHz 32-bit RX MCUs, FPU, 165 DMIPS, 12-bit ADC
R5F562T6ADFF RENESAS-R5F562T6ADFF Datasheet
640Kb / 25P
   MCUs
R5F562T6ADFM RENESAS-R5F562T6ADFM Datasheet
640Kb / 94P
   100-MHz 32-bit RX MCUs, FPU, 165 DMIPS, 12-bit ADC
R5F562T6ADFM RENESAS-R5F562T6ADFM Datasheet
640Kb / 25P
   MCUs
R5F562T6BDFF RENESAS-R5F562T6BDFF Datasheet
640Kb / 94P
   100-MHz 32-bit RX MCUs, FPU, 165 DMIPS, 12-bit ADC
More results

Similar Description - R5F562N7ADFP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RX62N RENESAS-RX62N_12 Datasheet
1Mb / 149P
   100 MHz 32-bit RX MCU with FPU, 165 DMIPS, up to 512-Kbyte Flash, Ethernet
RX63T RENESAS-RX63T_16 Datasheet
1Mb / 186P
   100-MHz 32-bit RX MCU, on-chip FPU, 165 DMIPS
RX63T RENESAS-RX63T Datasheet
1Mb / 186P
   100-MHz 32-bit RX MCU, on-chip FPU, 165 DMIPS,
Mar 31, 2016
RX634 RENESAS-RX634 Datasheet
902Kb / 106P
   54 MHz 32-bit RX MCU with FPU, 90 DMIPS, up to 2-Mbyte flash memory
R5F562TAADFH RENESAS-R5F562TAADFH Datasheet
640Kb / 94P
   100-MHz 32-bit RX MCUs, FPU, 165 DMIPS, 12-bit ADC
RX231 RENESAS-RX231 Datasheet
3Mb / 170P
   54-MHz 32-bit RX MCUs, built-in FPU, 88.56 DMIPS, up to 512-KB flash memory
RX230 RENESAS-RX230 Datasheet
2Mb / 177P
   54-MHz 32-bit RX MCUs, built-in FPU, 88.56 DMIPS, up to 512-KB flash memory
RX71M RENESAS-RX71M Datasheet
1Mb / 164P
   240-MHz 32-bit RX MCU, on-chip FPU, 480 DMIPS, up to 4-MB flash memory
Rev.1.20 Oct 20, 2022
RX64M RENESAS-RX64M_16 Datasheet
2Mb / 228P
   120-MHz 32-bit RX MCU, on-chip FPU, 240 DMIPS, up to 4-MB flash memory
RX65N RENESAS-RX65N Datasheet
1Mb / 190P
   120-MHz, 32-bit RX MCU, on-chip FPU, 240 DMIPS, up to 1-MB flash memory,
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com