Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R8C33M Datasheet(PDF) 27 Page - Renesas Technology Corp

Part # R8C33M
Description  Electronic household appliances, office equipment, audio equipment, consumer equipment
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C33M Datasheet(HTML) 27 Page - Renesas Technology Corp

Back Button R8C33M Datasheet HTML 23Page - Renesas Technology Corp R8C33M Datasheet HTML 24Page - Renesas Technology Corp R8C33M Datasheet HTML 25Page - Renesas Technology Corp R8C33M Datasheet HTML 26Page - Renesas Technology Corp R8C33M Datasheet HTML 27Page - Renesas Technology Corp R8C33M Datasheet HTML 28Page - Renesas Technology Corp R8C33M Datasheet HTML 29Page - Renesas Technology Corp R8C33M Datasheet HTML 30Page - Renesas Technology Corp R8C33M Datasheet HTML 31Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 56 page
background image
R01DS0023EJ0020 Rev.0.20
Page 27 of 53
Feb 15, 2011
R8C/33M Group
5. Electrical Characteristics
Under development Preliminary document
Specifications in this document are tentative and subject to change.
Notes:
1.
VCC = 1.8 to 5.5 V and Topr =
−20 to 85°C (N version) / −40 to 85°C (D version), unless otherwise specified.
2.
The average output current indicates the average value of current measured during 100 ms.
3.
fOCO40M can be used as the count source for timer RC in the range of VCC = 2.7 V to 5.5 V.
Table 5.2
Recommended Operating Conditions
Symbol
Parameter
Conditions
Standard
Unit
Min.
Typ.
Max.
VCC/AVCC Supply voltage
1.8
5.5
V
VSS/AVSS Supply voltage
0
V
VIH
Input “H” voltage
Other than CMOS input
0.8 VCC
VCC
V
CMOS
input
Input level
switching
function
(I/O port)
Input level selection
: 0.35 VCC
4.0 V
≤ VCC ≤ 5.5 V
0.5 VCC
VCC
V
2.7 V
≤ VCC < 4.0 V
0.55 VCC
VCC
V
1.8 V
≤ VCC < 2.7 V
0.65 VCC
VCC
V
Input level selection
: 0.5 VCC
4.0 V
≤ VCC ≤ 5.5 V
0.65 VCC
VCC
V
2.7 V
≤ VCC < 4.0 V
0.7 VCC
VCC
V
1.8 V
≤ VCC < 2.7 V
0.8 VCC
VCC
V
Input level selection
: 0.7 VCC
4.0 V
≤ VCC ≤ 5.5 V
0.85 VCC
VCC
V
2.7 V
≤ VCC < 4.0 V
0.85 VCC
VCC
V
1.8 V
≤ VCC < 2.7 V
0.85 VCC
VCC
V
External clock input (XOUT)
1.2
VCC
V
VIL
Input “L” voltage
Other than CMOS input
0
0.2 VCC
V
CMOS
input
Input level
switching
function
(I/O port)
Input level selection
: 0.35 VCC
4.0 V
≤ VCC ≤ 5.5 V
0
0.2 VCC
V
2.7 V
≤ VCC < 4.0 V
0
0.2 VCC
V
1.8 V
≤ VCC < 2.7 V
0
0.2 VCC
V
Input level selection
: 0.5 VCC
4.0 V
≤ VCC ≤ 5.5 V
0
0.4 VCC
V
2.7 V
≤ VCC < 4.0 V
0
0.3 VCC
V
1.8 V
≤ VCC < 2.7 V
0
0.2 VCC
V
Input level selection
: 0.7 VCC
4.0 V
≤ VCC ≤ 5.5 V
0
0.55 VCC
V
2.7 V
≤ VCC < 4.0 V
0
0.45 VCC
V
1.8 V
≤ VCC < 2.7 V
0
0.35 VCC
V
External clock input (XOUT)
0
0.4
V
IOH(sum)
Peak sum output
“H” current
Sum of all pins IOH(peak)
−−
−160
mA
IOH(sum)
Average sum
output “H” current
Sum of all pins IOH(avg)
−−
−80
mA
IOH(peak)
Peak output “H”
current
Drive capacity Low
−−
−10
mA
Drive capacity High
−−
−40
mA
IOH(avg)
Average output
“H” current
Drive capacity Low
−−
−5mA
Drive capacity High
−−
−20
mA
IOL(sum)
Peak sum output
“L” current
Sum of all pins IOL(peak)
−−
160
mA
IOL(sum)
Average sum
output “L” current
Sum of all pins IOL(avg)
−−
80
mA
IOL(peak)
Peak output “L”
current
Drive capacity Low
−−
10
mA
Drive capacity High
−−
40
mA
IOL(avg)
Average output
“L” current
Drive capacity Low
−−
5mA
Drive capacity High
−−
20
mA
f(XIN)
XIN clock input oscillation frequency
2.7 V
≤ VCC ≤ 5.5 V
−−
20
MHz
1.8 V
≤ VCC < 2.7 V
−−
5MHz
f(XCIN)
XCIN clock input oscillation frequency
1.8 V
≤ VCC ≤ 5.5 V
TBD
32.768
50
kHz
fOCO40M When used as the count source for timer RC (3)
2.7 V
≤ VCC ≤ 5.5 V
32
40
MHz
fOCO-F
fOCO-F frequency
2.7 V
≤ VCC ≤ 5.5 V
−−
20
MHz
1.8 V
≤ VCC < 2.7 V
−−
5MHz
System clock frequency
2.7 V
≤ VCC ≤ 5.5 V
−−
20
MHz
1.8 V
≤ VCC < 2.7 V
−−
5MHz
f(BCLK)
CPU clock frequency
2.7 V
≤ VCC ≤ 5.5 V
−−
20
MHz
1.8 V
≤ VCC < 2.7 V
−−
5MHz


Similar Part No. - R8C33M

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R8C33M RENESAS-R8C33M_15 Datasheet
532Kb / 56P
   RENESAS MCU
More results

Similar Description - R8C33M

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R8C3NT RENESAS-R8C3NT Datasheet
589Kb / 58P
   Electronic household appliances, office equipment, audio equipment, consumer equipment
R8C32M RENESAS-R8C32M Datasheet
541Kb / 56P
   Electronic household appliances, office equipment, audio equipment, consumer equipment
R8C35M RENESAS-R8C35M Datasheet
560Kb / 57P
   household appliances, office equipment, audio equipment, consumer equipment
R5F2LA64ANFP RENESAS-R5F2LA64ANFP Datasheet
1Mb / 106P
   Household appliances, office equipment, audio equipment, consumer products
R8CL35A RENESAS-R8CL35A_09 Datasheet
1Mb / 89P
   Household appliances, office equipment, audio equipment, consumer products, etc.
logo
Toshiba Semiconductor
TLP785GBFC TOSHIBA-TLP785GBFC Datasheet
374Kb / 16P
   Office Equipment Household Appliances
logo
Renesas Technology Corp
M16C64C RENESAS-M16C64C Datasheet
757Kb / 91P
   cameras, televisions, household appliances, office equipment
M16C RENESAS-M16C_11 Datasheet
891Kb / 112P
   televisions, household appliances, office equipment, communication devices
logo
American Electronic Com...
DG31H AEC-DG31H Datasheet
353Kb / 2P
   Domestic appliances, office equipment etc
logo
Toshiba Semiconductor
TLP3061 TOSHIBA-TLP3061 Datasheet
285Kb / 5P
   office machine household use equipment
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com