Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R5F21355MNFP Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # R5F21355MNFP
Description  household appliances, office equipment, audio equipment, consumer equipment
Download  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F21355MNFP Datasheet(HTML) 4 Page - Renesas Technology Corp

  R5F21355MNFP Datasheet HTML 1Page - Renesas Technology Corp R5F21355MNFP Datasheet HTML 2Page - Renesas Technology Corp R5F21355MNFP Datasheet HTML 3Page - Renesas Technology Corp R5F21355MNFP Datasheet HTML 4Page - Renesas Technology Corp R5F21355MNFP Datasheet HTML 5Page - Renesas Technology Corp R5F21355MNFP Datasheet HTML 6Page - Renesas Technology Corp R5F21355MNFP Datasheet HTML 7Page - Renesas Technology Corp R5F21355MNFP Datasheet HTML 8Page - Renesas Technology Corp R5F21355MNFP Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 57 page
background image
R8C/35M Group
1. Overview
Under development Preliminary document
Specifications in this document are tentative and subject to change.
R01DS0021EJ0020 Rev.0.20
Page 4 of 54
Feb 15, 2011
1.2
Product List
Table 1.3 lists Product List for R8C/35M Group, and Figure 1.1 shows a Part Number, Memory Size, and Package
of R8C/35M Group.
(D): Under development
(P): Under planning
Figure 1.1
Part Number, Memory Size, and Package of R8C/35M Group
Table 1.3
Product List for R8C/35M Group
Current of Feb 2011
Part No.
ROM Capacity
RAM
Capacity
Package Type
Remarks
Program ROM
Data flash
R5F21354MNFP (D)
16 Kbytes
1 Kbyte
× 4
1.5 Kbytes
PLQP0052JA-A
N version
R5F21355MNFP (D)
24 Kbytes
1 Kbyte
× 4
2 Kbytes
PLQP0052JA-A
R5F21356MNFP (D)
32 Kbytes
1 Kbyte
× 4
2.5 Kbytes
PLQP0052JA-A
R5F21357MNFP (P)
48 Kbytes
1 Kbyte
× 4
4 Kbytes
PLQP0052JA-A
R5F21358MNFP (P)
64 Kbytes
1 Kbyte
× 4
6 Kbytes
PLQP0052JA-A
R5F2135AMNFP (P)
96 Kbytes
1 Kbyte
× 4
8 Kbytes
PLQP0052JA-A
R5F2135CMNFP (P)
128 Kbytes
1 Kbyte
× 4
10 Kbytes
PLQP0052JA-A
R5F21354MDFP (D)
16 Kbytes
1 Kbyte
× 4
1.5 Kbytes
PLQP0052JA-A
D version
R5F21355MDFP (D)
24 Kbytes
1 Kbyte
× 4
2 Kbytes
PLQP0052JA-A
R5F21356MDFP (D)
32 Kbytes
1 Kbyte
× 4
2.5 Kbytes
PLQP0052JA-A
R5F21357MDFP (P)
48 Kbytes
1 Kbyte
× 4
4 Kbytes
PLQP0052JA-A
R5F21358MDFP (P)
64 Kbytes
1 Kbyte
× 4
6 Kbytes
PLQP0052JA-A
R5F2135AMDFP (P)
96 Kbytes
1 Kbyte
× 4
8 Kbytes
PLQP0052JA-A
R5F2135CMDFP (P)
128 Kbytes
1 Kbyte
× 4
10 Kbytes
PLQP0052JA-A
Part No.
R 5 F 21 35 6 M N FP
Package type:
FP: PLQP0052JA-A (0.65 mm pin-pitch, 10 mm square body)
Classification
N: Operating ambient temperature -20°C to 85°C
D: Operating ambient temperature -40°C to 85°C
ROM capacity
4: 16 KB
5: 24 KB
6: 32 KB
7: 48 KB
8: 64 KB
A: 96 KB
C: 128 KB
R8C/35M Group
R8C/3x Series
Memory type
F: Flash memory
Renesas MCU
Renesas semiconductor


Similar Part No. - R5F21355MNFP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R5F21355MNFP RENESAS-R5F21355MNFP Datasheet
548Kb / 57P
   The R8C/35M Group of single-chip MCUs incorporates the R8C CPU core
More results

Similar Description - R5F21355MNFP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R8C33M RENESAS-R8C33M Datasheet
548Kb / 56P
   Electronic household appliances, office equipment, audio equipment, consumer equipment
R8C3NT RENESAS-R8C3NT Datasheet
589Kb / 58P
   Electronic household appliances, office equipment, audio equipment, consumer equipment
R8C32M RENESAS-R8C32M Datasheet
541Kb / 56P
   Electronic household appliances, office equipment, audio equipment, consumer equipment
R5F2LA64ANFP RENESAS-R5F2LA64ANFP Datasheet
1Mb / 106P
   Household appliances, office equipment, audio equipment, consumer products
R8CL35A RENESAS-R8CL35A_09 Datasheet
1Mb / 89P
   Household appliances, office equipment, audio equipment, consumer products, etc.
logo
Toshiba Semiconductor
TLP785GBFC TOSHIBA-TLP785GBFC Datasheet
374Kb / 16P
   Office Equipment Household Appliances
logo
Renesas Technology Corp
M16C64C RENESAS-M16C64C Datasheet
757Kb / 91P
   cameras, televisions, household appliances, office equipment
M16C RENESAS-M16C_11 Datasheet
891Kb / 112P
   televisions, household appliances, office equipment, communication devices
logo
American Electronic Com...
DG31H AEC-DG31H Datasheet
353Kb / 2P
   Domestic appliances, office equipment etc
logo
Toshiba Semiconductor
TLP3061 TOSHIBA-TLP3061 Datasheet
285Kb / 5P
   office machine household use equipment
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com