Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R8C35M Datasheet(PDF) 44 Page - Renesas Technology Corp

Part # R8C35M
Description  household appliances, office equipment, audio equipment, consumer equipment
Download  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C35M Datasheet(HTML) 44 Page - Renesas Technology Corp

Back Button R8C35M Datasheet HTML 40Page - Renesas Technology Corp R8C35M Datasheet HTML 41Page - Renesas Technology Corp R8C35M Datasheet HTML 42Page - Renesas Technology Corp R8C35M Datasheet HTML 43Page - Renesas Technology Corp R8C35M Datasheet HTML 44Page - Renesas Technology Corp R8C35M Datasheet HTML 45Page - Renesas Technology Corp R8C35M Datasheet HTML 46Page - Renesas Technology Corp R8C35M Datasheet HTML 47Page - Renesas Technology Corp R8C35M Datasheet HTML 48Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 57 page
background image
R8C/35M Group
5. Electrical Characteristics
Under development Preliminary document
Specifications in this document are tentative and subject to change.
R01DS0021EJ0020 Rev.0.20
Page 44 of 54
Feb 15, 2011
Timing Requirements
(Unless Otherwise Specified: VCC = 5 V, VSS = 0 V at Topr = 25
°C)
Figure 5.8
External Clock Input Timing Diagram when VCC = 5 V
Figure 5.9
TRAIO Input Timing Diagram when VCC = 5 V
Table 5.20
External Clock Input (XOUT, XCIN)
Symbol
Parameter
Standard
Unit
Min.
Max.
tc(XOUT)
XOUT input cycle time
50
ns
tWH(XOUT)
XOUT input “H” width
24
ns
tWL(XOUT)
XOUT input “L” width
24
ns
tc(XCIN)
XCIN input cycle time
14
TBD
µs
tWH(XCIN)
XCIN input “H” width
7
TBD
µs
tWL(XCIN)
XCIN input “L” width
7
TBD
µs
Table 5.21
TRAIO Input
Symbol
Parameter
Standard
Unit
Min.
Max.
tc(TRAIO)
TRAIO input cycle time
100
ns
tWH(TRAIO)
TRAIO input “H” width
40
ns
tWL(TRAIO)
TRAIO input “L” width
40
ns
VCC = 5 V
External Clock Input
tWH(XOUT),
tWH(XCIN)
tC(XOUT), tC(XCIN)
tWL(XOUT), tWL(XCIN)
TRAIO input
VCC = 5 V
tC(TRAIO)
tWL(TRAIO)
tWH(TRAIO)


Similar Part No. - R8C35M

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R8C35M RENESAS-R8C35M_15 Datasheet
548Kb / 57P
   The R8C/35M Group of single-chip MCUs incorporates the R8C CPU core
More results

Similar Description - R8C35M

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R8C33M RENESAS-R8C33M Datasheet
548Kb / 56P
   Electronic household appliances, office equipment, audio equipment, consumer equipment
R8C3NT RENESAS-R8C3NT Datasheet
589Kb / 58P
   Electronic household appliances, office equipment, audio equipment, consumer equipment
R8C32M RENESAS-R8C32M Datasheet
541Kb / 56P
   Electronic household appliances, office equipment, audio equipment, consumer equipment
R5F2LA64ANFP RENESAS-R5F2LA64ANFP Datasheet
1Mb / 106P
   Household appliances, office equipment, audio equipment, consumer products
R8CL35A RENESAS-R8CL35A_09 Datasheet
1Mb / 89P
   Household appliances, office equipment, audio equipment, consumer products, etc.
logo
Toshiba Semiconductor
TLP785GBFC TOSHIBA-TLP785GBFC Datasheet
374Kb / 16P
   Office Equipment Household Appliances
logo
Renesas Technology Corp
M16C64C RENESAS-M16C64C Datasheet
757Kb / 91P
   cameras, televisions, household appliances, office equipment
M16C RENESAS-M16C_11 Datasheet
891Kb / 112P
   televisions, household appliances, office equipment, communication devices
logo
American Electronic Com...
DG31H AEC-DG31H Datasheet
353Kb / 2P
   Domestic appliances, office equipment etc
logo
Toshiba Semiconductor
TLP3061 TOSHIBA-TLP3061 Datasheet
285Kb / 5P
   office machine household use equipment
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com