Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R5F3640ECNFA Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # R5F3640ECNFA
Description  cameras, televisions, household appliances, office equipment
Download  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F3640ECNFA Datasheet(HTML) 2 Page - Renesas Technology Corp

  R5F3640ECNFA Datasheet HTML 1Page - Renesas Technology Corp R5F3640ECNFA Datasheet HTML 2Page - Renesas Technology Corp R5F3640ECNFA Datasheet HTML 3Page - Renesas Technology Corp R5F3640ECNFA Datasheet HTML 4Page - Renesas Technology Corp R5F3640ECNFA Datasheet HTML 5Page - Renesas Technology Corp R5F3640ECNFA Datasheet HTML 6Page - Renesas Technology Corp R5F3640ECNFA Datasheet HTML 7Page - Renesas Technology Corp R5F3640ECNFA Datasheet HTML 8Page - Renesas Technology Corp R5F3640ECNFA Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 91 page
background image
R01DS0016EJ0100 Rev.1.00
Page 2 of 88
Feb 07, 2011
M16C/64C Group
1. Overview
1.2
Specifications
The M16C/64C Group includes 100-pin package. Table 1.1 and Table 1.2 list specifications.
Table 1.1
Specifications for the 100-Pin Package (1/2)
Item
Function
Description
CPU
Central processing unit
M16C/60 Series core
(multiplier: 16 bit × 16 bit
32 bit,
multiply and accumulate instruction: 16 bit × 16 bit + 32 bit
32 bit)
Number of basic instructions: 91
Minimum instruction execution time:
40.0 ns (f(BCLK) = 25 MHz, VCC1 = VCC2 = 2.7 to 5.5 V)
Operating modes: Single-chip, memory expansion, and microprocessor
Memory
ROM, RAM, data flash
See Table 1.3 “Product List (N-Version)” and Table 1.4 “Product List (D-
Version)”.
Voltage
Detection
Voltage detector
Power-on reset
3 voltage detection points (detection level of voltage detection 0 and 1
selectable)
Clock
Clock generator
4 circuits: Main clock, sub clock, low-speed on-chip oscillator (125 kHz),
PLL frequency synthesizer
Oscillation stop detection: Main clock oscillation stop/restart detection
function
Frequency divider circuit: Divide ratio selectable from 1, 2, 4, 8, and 16
Power saving features: Wait mode, stop mode
Real-time clock
External Bus
Expansion
Bus memory expansion
Address space: 1 MB
External bus interface: 0 to 3 waits inserted, 4 chip select outputs,
memory area expansion function (expandable to 4 MB), 3 V and 5 V
interfaces
Bus format: Separate bus or multiplexed bus selectable, data bus width
selectable (8 or 16 bits), number of address buses selectable (12, 16, or
20)
I/O Ports
Programmable I/O ports
CMOS I/O ports: 85 (selectable pull-up resistors)
N-channel open drain ports: 3
Interrupts
Interrupt vectors: 70
External interrupt inputs: 13 (NMI, INT × 8, key input × 4)
Interrupt priority levels: 7
Watchdog Timer
15-bit timer × 1 (with prescaler)
Automatic reset start function selectable
DMA
DMAC
4 channels, cycle steal mode
Trigger sources: 43
Transfer modes: 2 (single transfer, repeat transfer)


Similar Part No. - R5F3640ECNFA

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R5F36406DFA RENESAS-R5F36406DFA Datasheet
8Mb / 398P
   RENESAS MCU M16C FAMILY / M16C/60 SERIES
R5F36406DFB RENESAS-R5F36406DFB Datasheet
8Mb / 398P
   RENESAS MCU M16C FAMILY / M16C/60 SERIES
R5F36406NFA RENESAS-R5F36406NFA Datasheet
8Mb / 398P
   RENESAS MCU M16C FAMILY / M16C/60 SERIES
R5F36406NFB RENESAS-R5F36406NFB Datasheet
8Mb / 398P
   RENESAS MCU M16C FAMILY / M16C/60 SERIES
R5F3640DDFA RENESAS-R5F3640DDFA Datasheet
8Mb / 398P
   RENESAS MCU M16C FAMILY / M16C/60 SERIES
More results

Similar Description - R5F3640ECNFA

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M16C RENESAS-M16C_11 Datasheet
891Kb / 112P
   televisions, household appliances, office equipment, communication devices
logo
Toshiba Semiconductor
TLP785GBFC TOSHIBA-TLP785GBFC Datasheet
374Kb / 16P
   Office Equipment Household Appliances
logo
Renesas Technology Corp
R8C35M RENESAS-R8C35M Datasheet
560Kb / 57P
   household appliances, office equipment, audio equipment, consumer equipment
R5F2LA64ANFP RENESAS-R5F2LA64ANFP Datasheet
1Mb / 106P
   Household appliances, office equipment, audio equipment, consumer products
R8C32M RENESAS-R8C32M Datasheet
541Kb / 56P
   Electronic household appliances, office equipment, audio equipment, consumer equipment
R8C33M RENESAS-R8C33M Datasheet
548Kb / 56P
   Electronic household appliances, office equipment, audio equipment, consumer equipment
R8C3NT RENESAS-R8C3NT Datasheet
589Kb / 58P
   Electronic household appliances, office equipment, audio equipment, consumer equipment
R8CL35A RENESAS-R8CL35A_09 Datasheet
1Mb / 89P
   Household appliances, office equipment, audio equipment, consumer products, etc.
logo
American Electronic Com...
DG31H AEC-DG31H Datasheet
353Kb / 2P
   Domestic appliances, office equipment etc
logo
Toshiba Semiconductor
TLP3061 TOSHIBA-TLP3061 Datasheet
285Kb / 5P
   office machine household use equipment
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com