Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LC6528N Datasheet(PDF) 6 Page - Sanyo Semicon Device

Part # LC6528N
Description  One-Time Programmable 4-Bit Single-Chip Microcontroller
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC6528N Datasheet(HTML) 6 Page - Sanyo Semicon Device

Back Button LC6528N Datasheet HTML 2Page - Sanyo Semicon Device LC6528N Datasheet HTML 3Page - Sanyo Semicon Device LC6528N Datasheet HTML 4Page - Sanyo Semicon Device LC6528N Datasheet HTML 5Page - Sanyo Semicon Device LC6528N Datasheet HTML 6Page - Sanyo Semicon Device LC6528N Datasheet HTML 7Page - Sanyo Semicon Device LC6528N Datasheet HTML 8Page - Sanyo Semicon Device LC6528N Datasheet HTML 9Page - Sanyo Semicon Device LC6528N Datasheet HTML 10Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
User Options
• Ports C and D output level during reset option
One of the following two options for the output level during a reset can be selected for each of the ports C and D in
4-bit units.
• Port output circuit type option
The I/O ports A, C, and D are always set up as open-drain outputs.
No. 5894-6/14
LC65P29
Option
Conditions and notes
High-level output at reset
Ports C and D in 4-bit units
Low-level output at reset
Ports C and D in 4-bit units
Option
Circuit
Open-drain output (OD)
• Oscillator circuit options
Option
Circuit
Conditions and notes
The OSC2 pin must be left open.
External clock
Two-pin RC oscillator
Two-pin ceramic oscillator
• Divisor option
Option
Circuit
Conditions and notes
Can be used with any of the 3 oscillator options. (N, F,
and L versions)
Can only be used with the external clock and ceramic
oscillator options. (N and L versions)
Can only be used with the external clock and ceramic
oscillator options. (N and L versions)
No divisor (1/1)
Divide-by-3 circuit (1/3)
Divide-by-4 circuit (1/4)


Similar Part No. - LC6528N

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC6528N SANYO-LC6528N Datasheet
962Kb / 42P
   SINGLE-CHIP 4-BIT MICROCOMPUTER FOR SMALL-SCALE CONTROL-ORIENTED APPLICATIONS
More results

Similar Description - LC6528N

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC86P6560 SANYO-LC86P6560 Datasheet
676Kb / 22P
   8-Bit Single Chip Microcontroller with One-Time Programmable PROM
LC86P7148 SANYO-LC86P7148 Datasheet
662Kb / 21P
   8-Bit Single Chip Microcontroller with One-Time Programmable PROM
LC86P6449 SANYO-LC86P6449 Datasheet
653Kb / 22P
   8-Bit Single Chip Microcontroller with One-Time Programmable PROM
LC86P5632 SANYO-LC86P5632 Datasheet
702Kb / 23P
   8-Bit Single Chip Microcontroller with One-Time Programmable PROM
LC86P6548 SANYO-LC86P6548 Datasheet
676Kb / 22P
   8-Bit Single Chip Microcontroller with One-Time Programmable PROM
LC86E5632 SANYO-LC86E5632 Datasheet
670Kb / 21P
   8-Bit Single Chip Microcontroller with the One-Time Programmable UVEPROM
LC86P5420 SANYO-LC86P5420 Datasheet
83Kb / 22P
   8-Bit Single Chip Microcontroller with the One-Time Programmable PROM
logo
National Semiconductor ...
COP87L88CL NSC-COP87L88CL Datasheet
385Kb / 34P
   8-Bit One-Time Programmable OTP Microcontroller
COP8782C NSC-COP8782C Datasheet
398Kb / 28P
   8-Bit One-Time Programmable (OTP) Microcontroller
logo
Sanyo Semicon Device
LC86P7248 SANYO-LC86P7248 Datasheet
651Kb / 20P
   8-Bit Single-Chip Microcontroller with the One-Time Programmable PROM Built in
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com