Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LC651302A Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # LC651302A
Description  4-Bit Single-Chip CMOS Microcontroller for Small-Scale Control Applications
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC651302A Datasheet(HTML) 1 Page - Sanyo Semicon Device

  LC651302A Datasheet HTML 1Page - Sanyo Semicon Device LC651302A Datasheet HTML 2Page - Sanyo Semicon Device LC651302A Datasheet HTML 3Page - Sanyo Semicon Device LC651302A Datasheet HTML 4Page - Sanyo Semicon Device LC651302A Datasheet HTML 5Page - Sanyo Semicon Device LC651302A Datasheet HTML 6Page - Sanyo Semicon Device LC651302A Datasheet HTML 7Page - Sanyo Semicon Device LC651302A Datasheet HTML 8Page - Sanyo Semicon Device LC651302A Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
N3000 RM (IM) TY No.6829-1/22
Ver.1.01
62600
Preliminary
Overview
The LC65F1306A belongs to our 4-bit single-chip microcontroller LC6500 series fabricated using CMOS process
technology. They are ideally suited for use in small-scale control applications. Their basic architecture and instruction set
are the same. These microcontrollers include an 8-input 8-bit A/D converter and are appropriate for use in a wide range of
applications. That range includes applications with a small number of control circuits that were previously implemented in
standard logic, and applications with a larger scale such as home appliances, automotive equipment, communications
equipment, office equipment, and audio equipment such as decks and players. This microcontroller, with some exceptions,
has identical functions to the LC651306A, 1304A, 1302A and 1301A mask ROM version microcontrollers. It can also be
used as an OTP version microcontroller. Further, through a rewrite operation on the FLASH memory, the LC65F1306A can
be used in applications where previously microcontrollers of this type could not have been implemented.
Features
1) CMOS technology for a low-power consumption operation (A standby function that can be invoked under program
control is also provided.)
2) Flash ROM/RAM
LC65F1306A Flash ROM : 6K
× 8 bits, RAM : 256 × 4 bits
3) Instruction set : 81 instructions common to all microcontrollers of the LC6500 series
4) Wide operating voltage range : 3.0 V to 5.5 V
5) Instruction cycle time : 0.92
µs
6) On-chip serial I/O port
4-Bit Single-Chip CMOS Microcontroller for
Small-Scale Control Applications
LC65F1306A
Ordering number : ENN*6829
CMOS IC


Similar Part No. - LC651302A

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC651302A SANYO-LC651302A Datasheet
697Kb / 21P
   4-Bit Single-Chip Microcontroller for Small-Scale Control Applications
More results

Similar Description - LC651302A

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC651306A SANYO-LC651306A Datasheet
697Kb / 21P
   4-Bit Single-Chip Microcontroller for Small-Scale Control Applications
LC651204N SANYO-LC651204N Datasheet
312Kb / 35P
   4-Bit Single-Chip Microcontrollers for Small-Scale Control Applications
LC6543N SANYO-LC6543N Datasheet
1Mb / 49P
   CMOS LSI SINGLE-CHIP 4-BIT MICROCOMPUTER FOR SMALL-SCALE CONTROL-ORIENTED APPLICATIONS???
LC6543C SANYO-LC6543C Datasheet
1Mb / 41P
   CMOS LSI SINGLE-CHIP 4-BIT MICROCOMPUTER FOR SMALL-SCALE CONTROL-ORIENTED APPLICATIONS?
LC651104N SANYO-LC651104N Datasheet
854Kb / 35P
   Single-Chip 4-Bit Microcomputer for Small-Scale Control-Oriented Applications
LC6527C SANYO-LC6527C Datasheet
1Mb / 32P
   Single Chip 4 Bit Microcomputers for Small scale control oriented applications
LC6527N SANYO-LC6527N Datasheet
962Kb / 42P
   SINGLE-CHIP 4-BIT MICROCOMPUTER FOR SMALL-SCALE CONTROL-ORIENTED APPLICATIONS
LC6529N SANYO-LC6529N Datasheet
525Kb / 39P
   4-Bit Microcomputer for Small-Scale Control Applications
LC651154N SANYO-LC651154N Datasheet
336Kb / 39P
   Four-Bit CMOS Microcontrollers for Small-Scale Control Applications
LC651432N SANYO-LC651432N Datasheet
374Kb / 39P
   Four-Bit CMOS Microcontrollers for Small-Scale Control Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com