Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M16C Datasheet(PDF) 69 Page - Renesas Technology Corp

Part # M16C
Description  televisions, household appliances, office equipment, communication devices
Download  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C Datasheet(HTML) 69 Page - Renesas Technology Corp

Back Button M16C_11 Datasheet HTML 65Page - Renesas Technology Corp M16C_11 Datasheet HTML 66Page - Renesas Technology Corp M16C_11 Datasheet HTML 67Page - Renesas Technology Corp M16C_11 Datasheet HTML 68Page - Renesas Technology Corp M16C_11 Datasheet HTML 69Page - Renesas Technology Corp M16C_11 Datasheet HTML 70Page - Renesas Technology Corp M16C_11 Datasheet HTML 71Page - Renesas Technology Corp M16C_11 Datasheet HTML 72Page - Renesas Technology Corp M16C_11 Datasheet HTML 73Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 112 page
background image
R01DS0015EJ0100 Rev.1.00
Page 69 of 109
Feb 07, 2011
M16C/65C Group
5. Electrical Characteristics
VCC1 = VCC2 = 5 V
Timing Requirements
(VCC1 = VCC2 = 5 V, VSS = 0 V, at Topr = -20°C to 85°C/-40°C to 85°C unless otherwise specified)
5.2.2.4
Timer B Input
Figure 5.9
Timer B Input
Table 5.29
Timer B Input (Counter Input in Event Counter Mode)
Symbol
Parameter
Standard
Unit
Min.
Max.
tc(TB)
TBiIN input cycle time (counted on one edge)
100
ns
tw(TBH)
TBiIN input high pulse width (counted on one edge)
40
ns
tw(TBL)
TBiIN input low pulse width (counted on one edge)
40
ns
tc(TB)
TBiIN input cycle time (counted on both edges)
200
ns
tw(TBH)
TBiIN input high pulse width (counted on both edges)
80
ns
tw(TBL)
TBiIN input low pulse width (counted on both edges)
80
ns
Table 5.30
Timer B Input (Pulse Period Measurement Mode)
Symbol
Parameter
Standard
Unit
Min.
Max.
tc(TB)
TBiIN input cycle time
400
ns
tw(TBH)
TBiIN input high pulse width
200
ns
tw(TBL)
TBiIN input low pulse width
200
ns
Table 5.31
Timer B Input (Pulse Width Measurement Mode)
Symbol
Parameter
Standard
Unit
Min.
Max.
tc(TB)
TBiIN input cycle time
400
ns
tw(TBH)
TBiIN input high pulse width
200
ns
tw(TBL)
TBiIN input low pulse width
200
ns
TBiIN input
tc(TB)
t w(TBH)
t w(TBL)


Similar Part No. - M16C_11

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M16C-100PIN-FP RENESAS-M16C-100PIN-FP Datasheet
287Kb / 9P
   SINGLE-CHIP MICROCOMPUTER
M16C-100PIN-GP RENESAS-M16C-100PIN-GP Datasheet
287Kb / 9P
   SINGLE-CHIP MICROCOMPUTER
M16C-128PIN RENESAS-M16C-128PIN Datasheet
319Kb / 8P
   SINGLE-CHIP MICROCOMPUTER
M16C-144PIN RENESAS-M16C-144PIN Datasheet
295Kb / 9P
   SINGLE-CHIP MICROCOMPUTER
M16C/1N RENESAS-M16C/1N Datasheet
1Mb / 238P
   RENESAS 16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M16C/10 SERIES
More results

Similar Description - M16C_11

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M16C64C RENESAS-M16C64C Datasheet
757Kb / 91P
   cameras, televisions, household appliances, office equipment
logo
Toshiba Semiconductor
TLP785GBFC TOSHIBA-TLP785GBFC Datasheet
374Kb / 16P
   Office Equipment Household Appliances
logo
Renesas Technology Corp
R8C35M RENESAS-R8C35M Datasheet
560Kb / 57P
   household appliances, office equipment, audio equipment, consumer equipment
R5F2LA64ANFP RENESAS-R5F2LA64ANFP Datasheet
1Mb / 106P
   Household appliances, office equipment, audio equipment, consumer products
R8C32M RENESAS-R8C32M Datasheet
541Kb / 56P
   Electronic household appliances, office equipment, audio equipment, consumer equipment
R8C33M RENESAS-R8C33M Datasheet
548Kb / 56P
   Electronic household appliances, office equipment, audio equipment, consumer equipment
R8C3NT RENESAS-R8C3NT Datasheet
589Kb / 58P
   Electronic household appliances, office equipment, audio equipment, consumer equipment
R8CL35A RENESAS-R8CL35A_09 Datasheet
1Mb / 89P
   Household appliances, office equipment, audio equipment, consumer products, etc.
logo
American Electronic Com...
DG31H AEC-DG31H Datasheet
353Kb / 2P
   Domestic appliances, office equipment etc
logo
Toshiba Semiconductor
TLP3061 TOSHIBA-TLP3061 Datasheet
285Kb / 5P
   office machine household use equipment
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com