Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R5F2LA64ANFP Datasheet(PDF) 73 Page - Renesas Technology Corp

Part # R5F2LA64ANFP
Description  Household appliances, office equipment, audio equipment, consumer products
Download  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F2LA64ANFP Datasheet(HTML) 73 Page - Renesas Technology Corp

Back Button R5F2LA64ANFP Datasheet HTML 69Page - Renesas Technology Corp R5F2LA64ANFP Datasheet HTML 70Page - Renesas Technology Corp R5F2LA64ANFP Datasheet HTML 71Page - Renesas Technology Corp R5F2LA64ANFP Datasheet HTML 72Page - Renesas Technology Corp R5F2LA64ANFP Datasheet HTML 73Page - Renesas Technology Corp R5F2LA64ANFP Datasheet HTML 74Page - Renesas Technology Corp R5F2LA64ANFP Datasheet HTML 75Page - Renesas Technology Corp R5F2LA64ANFP Datasheet HTML 76Page - Renesas Technology Corp R5F2LA64ANFP Datasheet HTML 77Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 106 page
background image
R01DS0011EJ0100 Rev.1.00
Page 73 of 102
Dec 21, 2010
R8C/LA3A Group, R8C/LA5A Group, R8C/LA6A Group, R8C/LA8A Group
5. Electrical Characteristics
Note:
1.
1tCYC = 1/f1(s)
Figure 5.7
I/O Timing of I2C bus Interface
Table 5.25
Timing Requirements of I2C bus Interface (1)
(VCC = 1.8 to 5.5 V, VSS = 0 V, and Topr =
−20 to 85 °C (N version)/ −40 to 85 °C
(D version), unless otherwise specified.)
Symbol
Parameter
Condition
Standard
Unit
Min.
Typ.
Max.
tSCL
SCL input cycle time
12tCYC + 600 (1)
––
ns
tSCLH
SCL input “H” width
3tCYC + 300 (1)
––
ns
tSCLL
SCL input “L” width
5tCYC + 500 (1)
––
ns
tsf
SCL, SDA input fall time
300
ns
tSP
SCL, SDA input spike pulse rejection time
1tCYC (1)
ns
tBUF
SDA input bus-free time
5tCYC (1)
––
ns
tSTAH
Start condition input hold time
3tCYC (1)
––
ns
tSTAS
Retransmit start condition input setup time
3tCYC (1)
––
ns
tSTOP
Stop condition input setup time
3tCYC (1)
––
ns
tSDAS
Data input setup time
1tCYC + 40 (1)
––
ns
tSDAH
Data input hold time
10
ns
SDA
tSTAH
tSCLL
tBUF
VIH
VIL
tSCLH
SCL
tsr
tsf
tSDAH
tSCL
tSTAS
tSP
tSTOP
tSDAS
P(2)
S(1)
Sr(3)
P(2)
Notes:
1. Start condition
2. Stop condition
3. Retransmit start condition


Similar Part No. - R5F2LA64ANFP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R5F2L357ADFP RENESAS-R5F2L357ADFP Datasheet
10Mb / 848P
   RENESAS MCU R8C FAMILY / R8C/Lx SERIES
R5F2L357ANFP RENESAS-R5F2L357ANFP Datasheet
10Mb / 848P
   RENESAS MCU R8C FAMILY / R8C/Lx SERIES
R5F2L357BDFP RENESAS-R5F2L357BDFP Datasheet
10Mb / 848P
   RENESAS MCU R8C FAMILY / R8C/Lx SERIES
R5F2L357BNFP RENESAS-R5F2L357BNFP Datasheet
10Mb / 848P
   RENESAS MCU R8C FAMILY / R8C/Lx SERIES
R5F2L357CDFP RENESAS-R5F2L357CDFP Datasheet
854Kb / 76P
   RENESAS MCU
More results

Similar Description - R5F2LA64ANFP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R8CL35A RENESAS-R8CL35A_09 Datasheet
1Mb / 89P
   Household appliances, office equipment, audio equipment, consumer products, etc.
R8C35M RENESAS-R8C35M Datasheet
560Kb / 57P
   household appliances, office equipment, audio equipment, consumer equipment
R8C33M RENESAS-R8C33M Datasheet
548Kb / 56P
   Electronic household appliances, office equipment, audio equipment, consumer equipment
R8C3NT RENESAS-R8C3NT Datasheet
589Kb / 58P
   Electronic household appliances, office equipment, audio equipment, consumer equipment
R8C32M RENESAS-R8C32M Datasheet
541Kb / 56P
   Electronic household appliances, office equipment, audio equipment, consumer equipment
logo
Toshiba Semiconductor
TLP785GBFC TOSHIBA-TLP785GBFC Datasheet
374Kb / 16P
   Office Equipment Household Appliances
logo
Renesas Technology Corp
M16C64C RENESAS-M16C64C Datasheet
757Kb / 91P
   cameras, televisions, household appliances, office equipment
M16C RENESAS-M16C_11 Datasheet
891Kb / 112P
   televisions, household appliances, office equipment, communication devices
logo
American Electronic Com...
DG31H AEC-DG31H Datasheet
353Kb / 2P
   Domestic appliances, office equipment etc
logo
Toshiba Semiconductor
TLP3061 TOSHIBA-TLP3061 Datasheet
285Kb / 5P
   office machine household use equipment
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com