Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LC65F1306A Datasheet(PDF) 6 Page - Sanyo Semicon Device

Part No. LC65F1306A
Description  4-Bit Single-Chip CMOS Microcontroller for Small-Scale Control Applications
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC65F1306A Datasheet(HTML) 6 Page - Sanyo Semicon Device

Back Button LC65F1306A Datasheet HTML 2Page - Sanyo Semicon Device LC65F1306A Datasheet HTML 3Page - Sanyo Semicon Device LC65F1306A Datasheet HTML 4Page - Sanyo Semicon Device LC65F1306A Datasheet HTML 5Page - Sanyo Semicon Device LC65F1306A Datasheet HTML 6Page - Sanyo Semicon Device LC65F1306A Datasheet HTML 7Page - Sanyo Semicon Device LC65F1306A Datasheet HTML 8Page - Sanyo Semicon Device LC65F1306A Datasheet HTML 9Page - Sanyo Semicon Device LC65F1306A Datasheet HTML 10Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
LC65F1306A
No.6829-6/22
System Block Diagram
LC65F1306A
RAM
:
Data Memory
FLASH ROM :
Program Memory
F
:
Flag
PC
:
Program Counter
WR
:
Working Register
INT
:
Interrupt control
AC
:
Accumulator
IR
:
Instruction Register
ALU
:
Arithmetic and Logic Unit
I.DEC
:
Instruction Decoder
DP
:
Data Pointer
CF, CSF
:
Carry Flag, Carry Save Flag
E
:
E register
ZF, ZSF
:
Zero Flag, Zero Save Flag
CTL
:
Control register
EXTF
:
External Interrupt Request Flag
OSC
:
Oscillation Circuit
TMF
:
Internal Interrupt Request Flag
TM
:
Timer
STS
:
Status register
Port D
Serial
shift
register
Serial
shift
register
Serial
mode
register
Serial
mode
register
RAM
I.DEC
E
AC
ALU
CF
EXTF TMF
CSF
ZSF
TM
CTL
INT
OSC
System Bus
STS
DP
Port F
PF0-3
AD4-7
Port C
PC0-3
PD0-3
I/O Bus
OSC1
OSC2
IR
FLASH
ROM
PC
STACK 1
STACK 8
RES
TEST
VDD
VSS
PF1/SO
4/8 bit
4 bit
lower digit
higher digit
4/8 bit
PF0/SI
PF2/SCK
PF3/INT
F WR
Port E
PE0-1
ZF
Port A
PA0-3
AD0-3
to
WDR
8-BIT
ADC


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
LC651306A 4-Bit Single-Chip Microcontroller for Small-Scale Control Applications 1  2  3  4  5  More Sanyo Semicon Device
KS57C01502 The KS57C01502/C01504 single-chip CMOS microcontroller has been designed for high-performance using Samsungs newest 4-bit CPU core SAM47 Samsung Arr 1  2  3  4  5  More Samsung semiconductor
LC6543C CMOS LSI SINGLE-CHIP 4-BIT MICROCOMPUTER FOR SMALL-SCALE CONTROL-ORIENTED APPLICATIONS  1  2  3  4  5  More Sanyo Semicon Device
KS57C0301 The KS57C0301/0302 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core. 1  2  3  4  5  More Samsung semiconductor
S3C7295 The S3C7295 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core SAM47 Samsung Arrangeable M 1  2  3  4  5  More Samsung semiconductor
LC6543N CMOS LSI SINGLE-CHIP 4-BIT MICROCOMPUTER FOR SMALL-SCALE CONTROL-ORIENTED APPLICATIONS   1  2  3  4  5  More Sanyo Semicon Device
M34280M1 SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER for INFRARED REMOTE CONTROL TRANSMITTERS 1  2  3  4  5  More Mitsubishi Electric Semiconductor
KS57C0404 The KS57C0404/C0408 single-chip CMOS microcontroller has been designed for very high-performance using Samsungs newest 4-bit CPU core SAM47 Samsung 1  2  3  4  5  More Samsung semiconductor
S3C72B5 The S3C72B5/C72B7/C72B9 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core SAM47 Samsung A 1  2  3  4  5  More Samsung semiconductor
KS57C21116 The KS57C21116/C21124/C21132 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core SAM47 Sams 1  2  3  4  5  More Samsung semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn