Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LC65F1306A Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part No. LC65F1306A
Description  4-Bit Single-Chip CMOS Microcontroller for Small-Scale Control Applications
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC65F1306A Datasheet(HTML) 1 Page - Sanyo Semicon Device

  LC65F1306A Datasheet HTML 1Page - Sanyo Semicon Device LC65F1306A Datasheet HTML 2Page - Sanyo Semicon Device LC65F1306A Datasheet HTML 3Page - Sanyo Semicon Device LC65F1306A Datasheet HTML 4Page - Sanyo Semicon Device LC65F1306A Datasheet HTML 5Page - Sanyo Semicon Device LC65F1306A Datasheet HTML 6Page - Sanyo Semicon Device LC65F1306A Datasheet HTML 7Page - Sanyo Semicon Device LC65F1306A Datasheet HTML 8Page - Sanyo Semicon Device LC65F1306A Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
N3000 RM (IM) TY No.6829-1/22
Ver.1.01
62600
Preliminary
Overview
The LC65F1306A belongs to our 4-bit single-chip microcontroller LC6500 series fabricated using CMOS process
technology. They are ideally suited for use in small-scale control applications. Their basic architecture and instruction set
are the same. These microcontrollers include an 8-input 8-bit A/D converter and are appropriate for use in a wide range of
applications. That range includes applications with a small number of control circuits that were previously implemented in
standard logic, and applications with a larger scale such as home appliances, automotive equipment, communications
equipment, office equipment, and audio equipment such as decks and players. This microcontroller, with some exceptions,
has identical functions to the LC651306A, 1304A, 1302A and 1301A mask ROM version microcontrollers. It can also be
used as an OTP version microcontroller. Further, through a rewrite operation on the FLASH memory, the LC65F1306A can
be used in applications where previously microcontrollers of this type could not have been implemented.
Features
1) CMOS technology for a low-power consumption operation (A standby function that can be invoked under program
control is also provided.)
2) Flash ROM/RAM
LC65F1306A Flash ROM : 6K
× 8 bits, RAM : 256 × 4 bits
3) Instruction set : 81 instructions common to all microcontrollers of the LC6500 series
4) Wide operating voltage range : 3.0 V to 5.5 V
5) Instruction cycle time : 0.92
µs
6) On-chip serial I/O port
4-Bit Single-Chip CMOS Microcontroller for
Small-Scale Control Applications
LC65F1306A
Ordering number : ENN*6829
CMOS IC


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
LC651306A 4-Bit Single-Chip Microcontroller for Small-Scale Control Applications 1  2  3  4  5  More Sanyo Semicon Device
KS57C01502 The KS57C01502/C01504 single-chip CMOS microcontroller has been designed for high-performance using Samsungs newest 4-bit CPU core SAM47 Samsung Arr 1  2  3  4  5  More Samsung semiconductor
LC6543C CMOS LSI SINGLE-CHIP 4-BIT MICROCOMPUTER FOR SMALL-SCALE CONTROL-ORIENTED APPLICATIONS  1  2  3  4  5  More Sanyo Semicon Device
KS57C0301 The KS57C0301/0302 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core. 1  2  3  4  5  More Samsung semiconductor
S3C7295 The S3C7295 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core SAM47 Samsung Arrangeable M 1  2  3  4  5  More Samsung semiconductor
LC6543N CMOS LSI SINGLE-CHIP 4-BIT MICROCOMPUTER FOR SMALL-SCALE CONTROL-ORIENTED APPLICATIONS   1  2  3  4  5  More Sanyo Semicon Device
M34280M1 SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER for INFRARED REMOTE CONTROL TRANSMITTERS 1  2  3  4  5  More Mitsubishi Electric Semiconductor
KS57C0404 The KS57C0404/C0408 single-chip CMOS microcontroller has been designed for very high-performance using Samsungs newest 4-bit CPU core SAM47 Samsung 1  2  3  4  5  More Samsung semiconductor
S3C72B5 The S3C72B5/C72B7/C72B9 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core SAM47 Samsung A 1  2  3  4  5  More Samsung semiconductor
KS57C21116 The KS57C21116/C21124/C21132 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core SAM47 Sams 1  2  3  4  5  More Samsung semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn