Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LC65F1306A Datasheet(PDF) 9 Page - Sanyo Semicon Device

Part # LC65F1306A
Description  4-Bit Single-Chip CMOS Microcontroller for Small-Scale Control Applications
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC65F1306A Datasheet(HTML) 9 Page - Sanyo Semicon Device

Back Button LC65F1306A Datasheet HTML 5Page - Sanyo Semicon Device LC65F1306A Datasheet HTML 6Page - Sanyo Semicon Device LC65F1306A Datasheet HTML 7Page - Sanyo Semicon Device LC65F1306A Datasheet HTML 8Page - Sanyo Semicon Device LC65F1306A Datasheet HTML 9Page - Sanyo Semicon Device LC65F1306A Datasheet HTML 10Page - Sanyo Semicon Device LC65F1306A Datasheet HTML 11Page - Sanyo Semicon Device LC65F1306A Datasheet HTML 12Page - Sanyo Semicon Device LC65F1306A Datasheet HTML 13Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
LC65F1306A
No.6829-9/22
User Option
User option is selected according to the information written to the user option area on the on-chip Flash ROM.
Oscillator Circuit Options
Option
Circuit
Conditions and notes
External clock
The OSC2 pin should be
left open.
Two-pin RC oscillator
Ceramic oscillator
Divider Circuit Options
Option
Circuit
Conditions and notes
No divider
(1/1)
• The oscillator frequency or external clock
frequency should not exceed 4330 kHz.
Built-in
divide-by-three
circuit
• This option can only be used with the
external clock and the ceramic oscillator
options.
• The oscillator frequency or external clock
frequency should not exceed 4330 kHz.
Built-in
divide-by-four
circuit
• This option can only be used with the
external clock and the ceramic oscillator
options.
• The oscillator frequency or external clock
frequency should not exceed 4330 kHz.
Note: The following table summarizes the oscillator and divider circuit options. When selecting the divider option, the
relationship between frequency and cycle time must be taken into account.
OSC1
OSC1
R
OSC2
Ceramic
Resonator
C2
C1
OSC1
Rext
OSC
Cext
fOSC
fOSC
3
Divide by 3
fOSC
fOSC
4
Divide by 4
fOSC


Similar Part No. - LC65F1306A

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LC65 MICROSEMI-LC65 Datasheet
79Kb / 2P
   TRANSIENT ABSORPTION ZENER
logo
Seoul Semiconductor
LC650Z SEOUL-LC650Z Datasheet
390Kb / 12P
   GREEN OVAL LAMP LED
LC651 SEOUL-LC651 Datasheet
376Kb / 14P
   INFRARED LAMP LED
LC651 SEOUL-LC651 Datasheet
360Kb / 13P
   CYAN LAMP LED
LC651 SEOUL-LC651 Datasheet
392Kb / 14P
   RED OVAL LAMP LED
More results

Similar Description - LC65F1306A

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC651306A SANYO-LC651306A Datasheet
697Kb / 21P
   4-Bit Single-Chip Microcontroller for Small-Scale Control Applications
LC651204N SANYO-LC651204N Datasheet
312Kb / 35P
   4-Bit Single-Chip Microcontrollers for Small-Scale Control Applications
LC6543N SANYO-LC6543N Datasheet
1Mb / 49P
   CMOS LSI SINGLE-CHIP 4-BIT MICROCOMPUTER FOR SMALL-SCALE CONTROL-ORIENTED APPLICATIONS???
LC6543C SANYO-LC6543C Datasheet
1Mb / 41P
   CMOS LSI SINGLE-CHIP 4-BIT MICROCOMPUTER FOR SMALL-SCALE CONTROL-ORIENTED APPLICATIONS?
LC651104N SANYO-LC651104N Datasheet
854Kb / 35P
   Single-Chip 4-Bit Microcomputer for Small-Scale Control-Oriented Applications
LC6527C SANYO-LC6527C Datasheet
1Mb / 32P
   Single Chip 4 Bit Microcomputers for Small scale control oriented applications
LC6527N SANYO-LC6527N Datasheet
962Kb / 42P
   SINGLE-CHIP 4-BIT MICROCOMPUTER FOR SMALL-SCALE CONTROL-ORIENTED APPLICATIONS
LC6529N SANYO-LC6529N Datasheet
525Kb / 39P
   4-Bit Microcomputer for Small-Scale Control Applications
LC651154N SANYO-LC651154N Datasheet
336Kb / 39P
   Four-Bit CMOS Microcontrollers for Small-Scale Control Applications
LC651432N SANYO-LC651432N Datasheet
374Kb / 39P
   Four-Bit CMOS Microcontrollers for Small-Scale Control Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com