Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM4040CIM3-5.0 Datasheet(PDF) 10 Page - Micrel Semiconductor

Part # LM4040CIM3-5.0
Description  Precision Micropower Shunt Voltage Reference
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

LM4040CIM3-5.0 Datasheet(HTML) 10 Page - Micrel Semiconductor

Back Button LM4040CIM3-5.0 Datasheet HTML 6Page - Micrel Semiconductor LM4040CIM3-5.0 Datasheet HTML 7Page - Micrel Semiconductor LM4040CIM3-5.0 Datasheet HTML 8Page - Micrel Semiconductor LM4040CIM3-5.0 Datasheet HTML 9Page - Micrel Semiconductor LM4040CIM3-5.0 Datasheet HTML 10Page - Micrel Semiconductor LM4040CIM3-5.0 Datasheet HTML 11Page - Micrel Semiconductor LM4040CIM3-5.0 Datasheet HTML 12Page - Micrel Semiconductor LM4040CIM3-5.0 Datasheet HTML 13Page - Micrel Semiconductor LM4040CIM3-5.0 Datasheet HTML 14Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
LM4040/4041
Micrel, Inc.
M9999-031805
10
March 2005
LM4041-Adjustable Electrical Characteristics (Note 4)
Boldface limits apply for TA = TJ = TMIN to TMAX; all other limits TJ = 25°C unless otherwise specified (SOT-23, see Note 8),
IRMIN ≤ IR < 12mA, VREF ≤ VOUT ≤ 10V. The grades C and D designate initial Reverse Breakdown Voltage tolerance of ±0.5% and ±1%,
respectively for VOUT = 5V.
LM4041CIM3
LM4041DIM3
Symbol
Parameter
Conditions
Typical
Units
(Note 5)
Limits
Limits
(Limit)
(Note 6)
(Note 6)
VREF
Reference Breakdown Voltage
IR = 100µA
1.233
V
VOUT = 5V
Reference Breakdown Voltage
IR = 100µA
±6.2
±12
mV (max)
Tolerance
(Note 9)
±14
±24
mV (max)
IRMIN
Minimum Operating Current
45
µA
60
65
µA (max)
65
70
µA (max)
ΔVREF
Reference Voltage
IRMIN ≤ IR 1mA
0.7
mV
/ΔIR
Change with Operating
SOT-23:
1.5
2.0
mV (max)
Current Change
VOUT ≥ 1.6V
2.0
2.5
mV (max)
(Note 8)
1mA ≤ IR 15mA
2
mV
SOT-23:
4
6
mV (max)
VOUT ≥ 1.6V
6
8
mV (max)
(Note 8)
ΔVREF
Reference Voltage Change
IR = 1mA
–1.55
mV/V
/ΔVO
with Output Voltage Change
–2.0
–2.5
mV/V (max)
–2.5
–3.0
mV/V (max)
IFB
Feedback Current
60
nA
100
150
nA (max)
120
200
nA (max)
ΔVREF
Average Reference
VOUT = 5V
/ΔT
Voltage Temperature
IR = 10mA
±20
ppm/°C
Coefficient
IR = 1mA
±15
±100
±150
ppm/°C (max)
(Note 9)
IR = 100µA
±15
ppm/°C (max)
ZOUT
Dynamic Output Impedance
IR = 1mA, f = 120Hz
IAC = 0.1 IR
VOUT = VREF
0.3
Ω
VOUT = 10V
2
Ω (max)
eN
Wideband Noise
IR = 100µA
10Hz ≤ f ≤ 10kHz
20
µVRMS
ΔVREF
Reference Voltage
t = 1000hrs
Long Term Stability
T = 25°C ±0.1°C
120
ppm
IR = 100µA
Note 4. Specification for packaged product only.
Note 5. Typicals are at TJ = 25°C and represent most likely parametric norm.
Note 6. Limits are 100% production tested at 25°C. Limits over temperature are guaranteed through correlation using Statistical Quality Control (SQL)
methods.
Note 7. The boldface (over temperature limit for Reverse Breakdown Voltage Tolerance is defined as the room temperature Reverse Breakdown Volt-
age Tolerance ±[(ΔVR/ΔT)(65°C)(VR)]. ΔVR/ΔT is the VR temperature coefficient, 65°C is the temperature range from –40°C to the reference
point of 25°C, and VR is the reverse breakdown voltage. The total over temperature tolerance for the different grades follows:
C-grade: ±1.15% = ±0.5% ±100ppm/°C × 65°C
D-grade: ±1.98% = ±1.0% ±150ppm/°C × 65°C
Example: The C-grade LM4040-2.5 has an over temperature Reverse Breakdown Voltage tolerance of ±2.5 × 1.15% = ±29mV.
Note 8. When VOUT ≤ 1.6V, the LM4041-ADJ must operate at reduced IR. This is caused by the series resistance of the die attach between the die (–)
output and the package (–) output pin. See the Output Saturation curve in the “Typical Performance Characteristics” section.
Note 9. Reference voltage and temperature coefficient will change with output voltage. See “Typical Performance Characteristics” curves.


Similar Part No. - LM4040CIM3-5.0

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4040CIM3-5.0 NSC-LM4040CIM3-5.0 Datasheet
365Kb / 30P
   Precision Micropower Shunt Voltage Reference
logo
Micrel Semiconductor
LM4040CIM3-5.0 MICREL-LM4040CIM3-5.0 Datasheet
106Kb / 16P
   Precision Micropower Shunt Voltage Reference
logo
National Semiconductor ...
LM4040CIM3-5.0 NSC-LM4040CIM3-5.0 Datasheet
745Kb / 31P
   Precision Micropower Shunt Voltage Reference
logo
Texas Instruments
LM4040CIM3-5.0 TI1-LM4040CIM3-5.0 Datasheet
1Mb / 52P
[Old version datasheet]   LM4040-N/LM4040Q-N Precision Micropower Shunt Voltage Reference
LM4040CIM3-5.0 TI1-LM4040CIM3-5.0 Datasheet
1Mb / 51P
[Old version datasheet]   LM4040-N/LM4040Q-N Precision Micropower Shunt Voltage Reference
More results

Similar Description - LM4040CIM3-5.0

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4051 NSC-LM4051 Datasheet
301Kb / 14P
   Precision Micropower Shunt Voltage Reference
logo
Texas Instruments
LM4041C TI-LM4041C Datasheet
509Kb / 24P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
logo
National Semiconductor ...
LM4050 NSC-LM4050 Datasheet
287Kb / 15P
   Precision Micropower Shunt Voltage Reference
logo
Texas Instruments
LM4040-N TI1-LM4040-N Datasheet
1Mb / 33P
[Old version datasheet]   Precision Micropower Shunt Voltage Reference
LM4040A10 TI1-LM4040A10_15 Datasheet
1Mb / 53P
[Old version datasheet]   Precision Micropower Shunt Voltage Reference
LM4040-N TI1-LM4040-N_15 Datasheet
1Mb / 67P
[Old version datasheet]   Precision Micropower Shunt Voltage Reference
LM4041 TI-LM4041_15 Datasheet
1Mb / 30P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
LM4040 TI-LM4040_10 Datasheet
709Kb / 51P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
LM4040 TI-LM4040_08 Datasheet
717Kb / 51P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
LM4040C25-EP TI1-LM4040C25-EP Datasheet
569Kb / 12P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
TL4050A10 TI1-TL4050A10 Datasheet
719Kb / 37P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com