Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM2575BWM Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # LM2575BWM
Description  52kHz Simple 1A Buck Regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

LM2575BWM Datasheet(HTML) 1 Page - Micrel Semiconductor

  LM2575BWM Datasheet HTML 1Page - Micrel Semiconductor LM2575BWM Datasheet HTML 2Page - Micrel Semiconductor LM2575BWM Datasheet HTML 3Page - Micrel Semiconductor LM2575BWM Datasheet HTML 4Page - Micrel Semiconductor LM2575BWM Datasheet HTML 5Page - Micrel Semiconductor LM2575BWM Datasheet HTML 6Page - Micrel Semiconductor LM2575BWM Datasheet HTML 7Page - Micrel Semiconductor LM2575BWM Datasheet HTML 8Page - Micrel Semiconductor LM2575BWM Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
LM2575
52kHz Simple 1A Buck Regulator
Micrel Inc. • 2180 Fortune Drive • San Jose, CA 95131 • USA • tel +1 (
408) 944-0800 • fax + 1 (408) 474-1000 • http://www.micrel.com
May 2009
1
M9999-051209-B
General Description
The LM2575 series of monolithic integrated circuits
provide all the active functions for a step-down (buck)
switching regulator. Fixed versions are available with a
3.3V, 5V, 12V, fixed output. Adjustable versions have an
output voltage range from 1.23V to 37V. Both versions are
capable of driving a 1A load with excellent line and load
regulation.
These regulators are simple to use because they require a
minimum number of external components and include
internal frequency compensation and a fixed-frequency
oscillator.
The LM2575 series offers a high efficiency replacement for
popular three-terminal adjustable linear regulators. It
substantially reduces the size of the heat sink, and in
many cases no heat sink is required.
A standard series of inductors available from several
different manufacturers are ideal for use with the LM2575
series. This feature greatly simplifies the design of switch-
mode power supplies.
The feedback voltage is guaranteed to ±2% tolerance for
adjustable versions, and the output voltage is guaranteed
to ±3% for fixed versions, within specified input voltages
and output load conditions. The oscillator frequency is
guaranteed to ±10%. External shutdown is included,
featuring less than 200µA standby current. The output
switch includes cycle-by-cycle current limiting and thermal
shutdown for full protection under fault conditions.
Data sheets and support documentation can be found on
Micrel’s web site at www.micrel.com.
Features
• 3.3V, 5V, 12V, and adjustable output versions
• Voltage over specified line and load conditions:
Fixed version: ±3% max. output voltage
Adjustable version: ±2% max. feedback voltage
• Guaranteed 1A output current
• Wide input voltage range
4V to 40V
• Wide output voltage range
1.23V to 37V
• Requires only 4 external components
• 52kHz fixed frequency internal oscillator
• Low power standby mode IQ typically <200µA
• 80% efficiency (adjustable version typically >80%)
• Uses readily available standard inductors
• Thermal shutdown and current limit protection
• 100% electrical thermal limit burn-in
Applications
• Simple high-efficiency step-down (buck) regulator
• Efficient pre-regulator for linear regulators
• On-card switching regulators
• Positive to negative converter (inverting Buck-Boost)
• Isolated flyback converter using minimum number of
external components
• Negative boost converter
___________________________________________________________________________________________________________
Typical Applications
7V–40V
Unregulated
DC Input
LM2575-5.0
+
CIN
100µF
+VIN
1
3
Gnd
5
On/Off
2
Output
4
Feedback
L1
330µH
+
D1
1N5822
COUT
330µF
+5V, 1A
Regulated
Output
Note: Pin numbers are for TO-220 Package
R2
R1
7V–40V
Unregulated
DC Input
LM2575
+
CIN
100µF
+VIN
1
3
Gnd
5
On/Off
2
Output
4
Feedback
L1
330µH
+
D1
1N5822
COUT
330µF
R2 3.09k
R1 1k
VOUT = 1.23 1 +
()
+5V, 1A
Regulated
Output
Note: Pin numbers are for TO-220 Package
Fixed Regulation in Typical Application
Adjustable Regulation in Fixed Output Application


Similar Part No. - LM2575BWM

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
LM2575BWM MICREL-LM2575BWM Datasheet
104Kb / 9P
   52kHz Simple 1A Buck Regulator
LM2575BWM MICREL-LM2575BWM Datasheet
158Kb / 12P
   52kHz Simple 1A Buck Regulator
More results

Similar Description - LM2575BWM

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
LM2575-3.3BU MICREL-LM2575-3.3BU Datasheet
158Kb / 12P
   52kHz Simple 1A Buck Regulator
LM2575 MICREL-LM2575 Datasheet
104Kb / 9P
   52kHz Simple 1A Buck Regulator
LM2574 MICREL-LM2574 Datasheet
67Kb / 5P
   52kHz Simple 0.5A Buck Regulator
LM2574 MICREL-LM2574_05 Datasheet
192Kb / 8P
   52kHz Simple 0.5A Buck Regulator
LM2576 MICREL-LM2576_05 Datasheet
64Kb / 9P
   52kHz Simple 3A Buck Regulator
LM2576-5.0WU MICREL-LM2576-5.0WU Datasheet
64Kb / 9P
   52kHz Simple 3A Buck Regulator
LM2576-5.0WT MICREL-LM2576-5.0WT Datasheet
58Kb / 9P
   52kHz Simple 3A Buck Regulator
LM2574 MICREL-LM2574 Datasheet
41Kb / 8P
   52KHZ SIMPLE 0.5A BUCK REGULATOR
LM2576 MICREL-LM2576 Datasheet
89Kb / 8P
   52kHz Simple 3A Buck Voltage Regulator
MIC4575 MICREL-MIC4575_09 Datasheet
531Kb / 15P
   200kHz Simple 1A Buck Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com