Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM2574-3.3BN Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # LM2574-3.3BN
Description  52kHz Simple 0.5A Buck Regulator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

LM2574-3.3BN Datasheet(HTML) 2 Page - Micrel Semiconductor

  LM2574-3.3BN Datasheet HTML 1Page - Micrel Semiconductor LM2574-3.3BN Datasheet HTML 2Page - Micrel Semiconductor LM2574-3.3BN Datasheet HTML 3Page - Micrel Semiconductor LM2574-3.3BN Datasheet HTML 4Page - Micrel Semiconductor LM2574-3.3BN Datasheet HTML 5Page - Micrel Semiconductor LM2574-3.3BN Datasheet HTML 6Page - Micrel Semiconductor LM2574-3.3BN Datasheet HTML 7Page - Micrel Semiconductor LM2574-3.3BN Datasheet HTML 8Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
LM2574
Micrel, Inc.
M9999-072805
2
July 2005
Pin Configuration
FB 1
SIG GND 2
ON/OFF 3
PWR GND 4
8 NC
7 OUTPUT
6 NC
5 VIN
8-Pin DIP (N)
Ordering Information
Part Number
Junction
Temp. Range
Package
Standard
Pb-Free
LM2574BN
LM2574YN
–40ºC to +85ºC
8-pin Plastic DIP
LM2574-3.3BN
LM2574-3.3YN
–40ºC to +85ºC
8-pin Plastic DIP
LM2574-5.0BN
LM2574-5.0YN
–40ºC to +85ºC
8-pin Plastic DIP


Similar Part No. - LM2574-3.3BN

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
LM2574-3.3BN MICREL-LM2574-3.3BN Datasheet
67Kb / 5P
   52kHz Simple 0.5A Buck Regulator
LM2574-3.3BN MICREL-LM2574-3.3BN Datasheet
41Kb / 8P
   52KHZ SIMPLE 0.5A BUCK REGULATOR
More results

Similar Description - LM2574-3.3BN

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
LM2574 MICREL-LM2574 Datasheet
67Kb / 5P
   52kHz Simple 0.5A Buck Regulator
LM2574 MICREL-LM2574 Datasheet
41Kb / 8P
   52KHZ SIMPLE 0.5A BUCK REGULATOR
LM2576 MICREL-LM2576_05 Datasheet
64Kb / 9P
   52kHz Simple 3A Buck Regulator
LM2576-5.0WU MICREL-LM2576-5.0WU Datasheet
64Kb / 9P
   52kHz Simple 3A Buck Regulator
LM2576-5.0WT MICREL-LM2576-5.0WT Datasheet
58Kb / 9P
   52kHz Simple 3A Buck Regulator
LM2575-3.3BU MICREL-LM2575-3.3BU Datasheet
158Kb / 12P
   52kHz Simple 1A Buck Regulator
LM2575 MICREL-LM2575_09 Datasheet
158Kb / 12P
   52kHz Simple 1A Buck Regulator
LM2575 MICREL-LM2575 Datasheet
104Kb / 9P
   52kHz Simple 1A Buck Regulator
LM2576 MICREL-LM2576 Datasheet
89Kb / 8P
   52kHz Simple 3A Buck Voltage Regulator
MIC4574 MICREL-MIC4574_05 Datasheet
462Kb / 7P
   200kHz Simple 0.5A Buck Regulator
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com