Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD8218 Datasheet(PDF) 10 Page - Analog Devices

Part # AD8218
Description  Zero Drift, Bidirectional Current Shunt Monitor
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8218 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD8218 Datasheet HTML 6Page - Analog Devices AD8218 Datasheet HTML 7Page - Analog Devices AD8218 Datasheet HTML 8Page - Analog Devices AD8218 Datasheet HTML 9Page - Analog Devices AD8218 Datasheet HTML 10Page - Analog Devices AD8218 Datasheet HTML 11Page - Analog Devices AD8218 Datasheet HTML 12Page - Analog Devices AD8218 Datasheet HTML 13Page - Analog Devices AD8218 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
AD8218
Rev. A | Page 10 of 16
THEORY OF OPERATION
AMPLIFIER CORE
In typical applications, the AD8218 amplifies a small differential
input voltage generated by the load current flowing through
a shunt resistor. The AD8218 rejects high common-mode vol-
tages (up to 80 V) and provides a ground-referenced, buffered
output. Figure 27 shows a simplified schematic of the AD8218.
VREF
LOAD
V2
ILOAD
V1
SHUNT
4V
TO
80V
ICHARGE
GND
5V
LDO
R2
R1
AD8218
R4
R3
+IN
–IN
OUT
ENB
REF
GND
VS
CF
Figure 27. Simplified Schematic
The AD8218 is configured as a difference amplifier. The
transfer function is
OUT = ((R4/R1) × (V1 − V2)) + VREF
Resistors R4 and R1 are matched to within 0.01% and have
values of 1.5 MΩ and 75 kΩ, respectively, meaning an input-
to-output total gain of 20 V/V for the AD8218. The difference
between V1 and V2 is the voltage across the shunt resistor, or
VIN. Therefore, the input-to-output transfer function of the
AD8218 is
OUT (V) = (20 × VIN) + VREF
The AD8218 accurately amplifies the input differential signal,
rejecting high voltage common modes ranging from 4 V to 80 V.
The main amplifier uses a novel zero-drift architecture, providing
the end user with breakthrough temperature stability. The
offset drift is typically less than ±100 nV/°C. This performance
leads to optimal accuracy and dynamic range.
OUTPUT CLAMPING
After the input common-mode voltage in the application is
above 5.2 V, the internal LDO output of the AD8218 also
reaches its maximum value of 5.2 V, which is the maximum
output range of the AD8218. Because in typical applications
the output interfaces with a converter, clamping the AD8218
output voltage to 5.2 V ensures that the ADC input is not
damaged due to excessive overvoltage.


Similar Part No. - AD8218

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8218BCPZ-RL AD-AD8218BCPZ-RL Datasheet
361Kb / 16P
   Zero Drift, Bidirectional Current Shunt Monitor
REV. B
AD8218BCPZ-WP AD-AD8218BCPZ-WP Datasheet
361Kb / 16P
   Zero Drift, Bidirectional Current Shunt Monitor
REV. B
AD8218BRMZ AD-AD8218BRMZ Datasheet
361Kb / 16P
   Zero Drift, Bidirectional Current Shunt Monitor
REV. B
AD8218BRMZ-RL AD-AD8218BRMZ-RL Datasheet
361Kb / 16P
   Zero Drift, Bidirectional Current Shunt Monitor
REV. B
AD8218 AD-AD8218_13 Datasheet
361Kb / 16P
   Zero Drift, Bidirectional Current Shunt Monitor
REV. B
More results

Similar Description - AD8218

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8218 AD-AD8218_13 Datasheet
361Kb / 16P
   Zero Drift, Bidirectional Current Shunt Monitor
REV. B
AD8219 AD-AD8219 Datasheet
288Kb / 16P
   Zero Drift, Unidirectional Current Shunt Monitor
REV. 0
AD8219BRMZ AD-AD8219BRMZ Datasheet
339Kb / 12P
   Zero Drift, Unidirectional Current Shunt Monitor
REV. A
AD8217 AD-AD8217 Datasheet
314Kb / 16P
   High Resolution, Zero-Drift Current Shunt Monitor
REV. 0
logo
Texas Instruments
INA225 TI-INA225_15 Datasheet
1Mb / 33P
[Old version datasheet]   36-V, Programmable-Gain, Voltage-Output, Bidirectional, Zero-Drift Series,Current-Shunt Monitor
INA254 TI-INA254 Datasheet
950Kb / 21P
[Old version datasheet]   INA254, 80V, High-Voltage, 짹 50A Integrated Precision Shunt, Bidirectional, Zero-Drift Current-Shunt Monitor
INA213A-Q1 TI1-INA213A-Q1 Datasheet
850Kb / 20P
[Old version datasheet]   VOLTAGE OUTPUT, HIGH OR LOW SIDE MEASUREMENT, BIDIRECTIONAL, ZERO-DRIFT CURRENT SHUNT MONITOR
logo
ON Semiconductor
NCS210 ONSEMI-NCS210_16 Datasheet
86Kb / 6P
   Current-Shunt Monitor, Voltage Output Bi-Directional Zero-Drift
October, 2016 ??Rev. 6
NCS210 ONSEMI-NCS210 Datasheet
74Kb / 5P
   Current-Shunt Monitor Voltage Output Bi-Directional Zero-Drift
October, 2015 ??Rev. 0
NCS199 ONSEMI-NCS199 Datasheet
72Kb / 5P
   Current-Shunt Monitor, Voltage Output Bi-Directional Zero-Drift
July, 2016 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com