Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD5421 Datasheet(PDF) 1 Page - Analog Devices

Part # AD5421
Description  16-Bit, Serial Input, Loop-Powered, 4 mA to 20 mA DAC
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5421 Datasheet(HTML) 1 Page - Analog Devices

  AD5421_11 Datasheet HTML 1Page - Analog Devices AD5421_11 Datasheet HTML 2Page - Analog Devices AD5421_11 Datasheet HTML 3Page - Analog Devices AD5421_11 Datasheet HTML 4Page - Analog Devices AD5421_11 Datasheet HTML 5Page - Analog Devices AD5421_11 Datasheet HTML 6Page - Analog Devices AD5421_11 Datasheet HTML 7Page - Analog Devices AD5421_11 Datasheet HTML 8Page - Analog Devices AD5421_11 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
16-Bit, Serial Input,
Loop-Powered, 4 mA to 20 mA DAC
AD5421
Rev. 0
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©201
1 Analog Devices, Inc. All rights reserved.
FEATURES
16-bit resolution and monotonicity
Pin selectable NAMUR-compliant ranges
4 mA to 20 mA
3.8 mA to 21 mA
3.2 mA to 24 mA
NAMUR-compliant alarm currents
Downscale alarm current = 3.2 mA
Upscale alarm current = 22.8 mA/24 mA
Total unadjusted error (TUE): 0.05% maximum
INL error: 0.0035% FSR maximum
Output TC: 3 ppm/°C typical
Quiescent current: 300 μA maximum
Flexible SPI-compatible serial digital interface
with Schmitt triggered inputs
On-chip fault alerts via FAULT pin or alarm current
Automatic readback of fault register on each write cycle
Slew rate control function
Gain and offset adjust registers
On-chip reference TC: 4 ppm/°C maximum
Selectable regulated voltage output
Loop voltage range: 5.5 V to 52 V
Temperature range: −40°C to +105°C
TSSOP package
HART compatible
APPLICATIONS
Industrial process control
4 mA to 20 mA loop-powered transmitters
Smart transmitters
GENERAL DESCRIPTION
The AD5421 is a complete, loop-powered, 4 mA to 20 mA
digital-to-analog converter (DAC) designed to meet the needs
of smart transmitter manufacturers in the industrial control
industry. The DAC provides a high precision, fully integrated,
low cost solution in a compact TSSOP package.
The AD5421 includes a regulated voltage output that is used to
power itself and other devices in the transmitter. This regulator
provides a regulated 1.8 V to 12 V output voltage. The AD5421
also contains 1.22 V and 2.5 V references, thus eliminating the
need for a discrete regulator and voltage reference.
The AD5421 can be used with standard HART® FSK protocol
communication circuitry without any degradation in specified
performance. The high speed serial interface is capable of opera-
ting at 30 MHz and allows for simple connection to commonly
used microprocessors and microcontrollers via a SPI-compatible,
3-wire interface.
The AD5421 is guaranteed monotonic to 16 bits. It provides
0.0015% integral nonlinearity, 0.0012% offset error, and
0.0006% gain error under typical conditions.
The AD5421 is available in a 28-lead TSSOP and is specified over
the extended industrial temperature range of −40°C to +105°C.
FUNCTIONAL BLOCK DIAGRAM
RSET
24kΩ
SYNC
SCLK
SDIN
SDO
LDAC
RANGE0
RANGE1
ALARM_CURRENT_DIRECTION
FAULT
RINT/REXT
INPUT
REGISTER
CONTROL
LOGIC
GAIN/OFFSET
ADJUSTMENT
REGISTERS
TEMPERATURE
SENSOR
REFOUT2
REFIN
CIN REXT1 REXT2
COM
REFOUT1
VREF
16
16-BIT
DAC
LOOP
VOLTAGE
MONITOR
VLOOP
DVDD
IODVDD
AD5421
VOLTAGE
REGULATOR
REG_SEL0 REG_SEL1 REG_SEL2 REGOUT REGIN
DRIVE
LOOP–
11.5kΩ
52Ω
Figure 1.


Similar Part No. - AD5421_11

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5421 AD-AD5421_13 Datasheet
726Kb / 36P
   16-Bit, Serial Input, Loop-Powered, 4 mA to 20 mA DAC
Rev. F
More results

Similar Description - AD5421_11

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5421 AD-AD5421_13 Datasheet
726Kb / 36P
   16-Bit, Serial Input, Loop-Powered, 4 mA to 20 mA DAC
Rev. F
UG-250 AD-UG-250 Datasheet
562Kb / 12P
   Evaluation Board for 16-Bit, Serial Input, Loop-Powered 4 mA to 20 mA DAC
REV. A
AD421BNZ AD-AD421BNZ Datasheet
173Kb / 14P
   Loop-Powered 4 mA to 20 mA DAC
REV. C
AD421 AD-AD421 Datasheet
171Kb / 14P
   Loop-Powered 4 mA to 20 mA DAC
REV. C
AD421BRZRL AD-AD421BRZRL Datasheet
173Kb / 14P
   Loop-Powered 4 mA to 20 mA DAC
REV. C
AD421 AD-AD421_15 Datasheet
173Kb / 14P
   Loop-Powered 4 mA to 20 mA DAC
REV. C
AD420 AD-AD420 Datasheet
144Kb / 11P
   Serial Input 16-Bit 4 mA-20 mA, 0 mA-20 mA DAC
REV. F
AD420 AD-AD420_11 Datasheet
303Kb / 16P
   Serial Input 16-Bit 4 mA??0 mA, 0 mA??0 mA DAC
Rev. H
AD420 AD-AD420_15 Datasheet
303Kb / 16P
   Serial Input 16-Bit 4 mA??0 mA, 0 mA??0 mA DAC
Rev. H
AD420ANZ-32 AD-AD420ANZ-32 Datasheet
303Kb / 16P
   Serial Input 16-Bit 4 mA??0 mA, 0 mA??0 mA DAC
Rev. H
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com