Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TEA1713T Datasheet(PDF) 4 Page - NXP Semiconductors

Part # TEA1713T
Description  Resonant power supply control IC with PFC
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TEA1713T Datasheet(HTML) 4 Page - NXP Semiconductors

  TEA1713T_11 Datasheet HTML 1Page - NXP Semiconductors TEA1713T_11 Datasheet HTML 2Page - NXP Semiconductors TEA1713T_11 Datasheet HTML 3Page - NXP Semiconductors TEA1713T_11 Datasheet HTML 4Page - NXP Semiconductors TEA1713T_11 Datasheet HTML 5Page - NXP Semiconductors TEA1713T_11 Datasheet HTML 6Page - NXP Semiconductors TEA1713T_11 Datasheet HTML 7Page - NXP Semiconductors TEA1713T_11 Datasheet HTML 8Page - NXP Semiconductors TEA1713T_11 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 47 page
background image
TEA1713T
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 2 — 9 February 2011
4 of 47
NXP Semiconductors
TEA1713T
Resonant power supply control IC with PFC
6.
Pinning information
6.1 Pinning
6.2 Pin description
Fig 2.
Pin configuration
TEA1713T
COMPPFC
SNSBOOST
SNSMAINS
RCPROT
SNSAUXPFC
SSHBC/EN
SNSCURPFC
SNSFB
SNSOUT
RFMAX
SUPIC
CFMIN
GATEPFC
SGND
PGND
SNSCURHBC
SUPREG
n.c.
GATELS
HB
n.c.
SUPHS
SUPHV
GATEHS
014aaa826
1
2
3
4
5
6
7
8
9
10
11
12
14
13
16
15
18
17
20
19
22
21
24
23
Table 2.
Pin description
Symbol
Pin
Description
COMPPFC
1
frequency compensation for PFC controller; externally connected to filter
SNSMAINS
2
sense input for mains voltage; externally connected to resistive divided
mains voltage
SNSAUXPFC
3
sense input for PFC demagnetization timing; externally connected to
auxiliary winding of PFC
SNSCURPFC
4
sense input for momentary current and soft start of the PFC controller;
externally connected to current sense resistor and soft start filter
SNSOUT
5
sense input for monitoring the output voltage of the HBC; externally
connected to the auxiliary winding; sense input for burst mode of HBC
controller or PFC and HBC controllers
SUPIC
6
low-voltage supply for SUPIC input; output of internal HV start-up source;
externally connected to auxiliary winding of HBC or to external DC supply
GATEPFC
7
gate driver output for PFC MOSFET
PGND
8
power ground; reference (ground) for HBC low-side and PFC driver
SUPREG
9
regulated SUPREG IC supply; output from internal regulator; input for
drivers; externally connected to SUPREG buffer capacitor
GATELS
10
gate driver output for low-side MOSFET of HBC
n.c.
11
not connected; high-voltage spacer.
SUPHV
12
high-voltage supply input for internal HV start-up source; externally
connected to boost voltage
GATEHS
13
gate driver output for high-side MOSFET of HBC
SUPHS
14
high-side driver supply input; externally connected to bootstrap capacitor
(CSUPHS)


Similar Part No. - TEA1713T_11

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TEA1713T NXP-TEA1713T Datasheet
359Kb / 45P
   Resonant power supply control IC with PFC
Rev. 01-22 December 2009
More results

Similar Description - TEA1713T_11

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TEA1716T PHILIPS-TEA1716T Datasheet
692Kb / 47P
   Resonant power supply control IC with PFC
Rev. 3-30 November 2012
SSL4120T NXP-SSL4120T Datasheet
400Kb / 47P
   Resonant power supply control IC with PFC
Rev. 1-21 June 2012
TEA1713T NXP-TEA1713T Datasheet
359Kb / 45P
   Resonant power supply control IC with PFC
Rev. 01-22 December 2009
SSL4120 NXP-SSL4120 Datasheet
631Kb / 48P
   Resonant power supply controller IC with PFC for LED lighting
Rev. 1-8 January 2013
logo
Infineon Technologies A...
ICL5101 INFINEON-ICL5101 Datasheet
1Mb / 44P
   Resonant controller IC with PFC for LED driver
Rev. 1.3, 2016-01-15
ICL5101 INFINEON-ICL5101_15 Datasheet
1Mb / 44P
   Resonant controller IC with PFC for LED driver
Rev. 1.2, 2015-09-23
ICL5101 INFINEON-ICL5101_16 Datasheet
1Mb / 44P
   Resonant controller IC with PFC for LED driver
Rev. 1.3, 2016-01-15
logo
Fuji Electric
FA5502 FUJI-FA5502 Datasheet
215Kb / 23P
   POWER SUPPLY CONTROL IC
logo
International Rectifier
IR1150 IRF-IR1150_15 Datasheet
925Kb / 16P
   PFC ONE CYCLE CONTROL PFC IC
IRS2166DSPBF IRF-IRS2166DSPBF Datasheet
501Kb / 20P
   PFC BALLAST CONTROL IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com