Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LC6529F Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # LC6529F
Description  4-Bit Microcomputer for Small-Scale Control Applications
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC6529F Datasheet(HTML) 1 Page - Sanyo Semicon Device

  LC6529F Datasheet HTML 1Page - Sanyo Semicon Device LC6529F Datasheet HTML 2Page - Sanyo Semicon Device LC6529F Datasheet HTML 3Page - Sanyo Semicon Device LC6529F Datasheet HTML 4Page - Sanyo Semicon Device LC6529F Datasheet HTML 5Page - Sanyo Semicon Device LC6529F Datasheet HTML 6Page - Sanyo Semicon Device LC6529F Datasheet HTML 7Page - Sanyo Semicon Device LC6529F Datasheet HTML 8Page - Sanyo Semicon Device LC6529F Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 39 page
background image
CMOS LSI
Ordering number : EN*5117
92995HA (OT) No. 5117-1/39
Preliminary
SANYO Electric Co.,Ltd. Semiconductor Bussiness Headquarters
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN
4-Bit Microcomputer
for Small-Scale Control Applications
LC6529N, LC6529F, LC6529L
Overview
The LC6529N/F/L provides the basic architecture and
instruction set of the Sanyo LC6500 Series of 4-bit single-
chip microcomputers in a version specially for small-scale
control applications involving circuits built with standard
logic elements, applications using simple, comparator-
based voltage or phase detectors, or other applications
controlling a limited number of controls. The LC6529F is
a replacement for the former LC6529H. (Certain functions
differ, however.) The N (medium-speed) and L (power-
saving) versions are new additions to the lineup.
Features
• Power-saving CMOS design (Standby mode accessed
with HALT instruction included.)
• Memory: 1 kilobyte of 8-bit ROM and 64 words of 4-bit
RAM
• Instruction set: 51-member subset of LC6500 standard
complement of 80 instructions
• (L version) Wide range of operating voltages:
2.2 to 6.0 V
• (F version) 0.92 µs/3.0 V instruction cycle time
• Flexible I/O ports
Four ports with up to 16 lines
— Bidirectional I/O ports: 12
Dedicated input ports: 4 (These double as
comparator inputs.)
— I/O voltage limit: max. +15 V (open-drain
configuration)
— Output current: max. 20 mA sink current (capable of
directly driving an LED)
Choice of options to match system specifications
— Choice of open-drain or pull-up resistor output
configurations at the bit level for all ports
— Choice of reset output levels for Ports C and D in
groups of 4 bits each
Port E configurable as four comparator inputs
• Stack: Four levels
• Timers: 4-bit prescaler plus 8-bit programmable counter
• Comparators: 4 channels (2 reference levels)
Separator reference level for each channel pair
— Feedback resistor option for choice of input with or
without hysteresis
• Choice of clock oscillator options to match system
specifications
— Oscillator circuit options: 2-pin RC oscillator circuit
(N and L versions) or 2-pin ceramic oscillator circuit
(N, F, and L versions)
— Frequency divider options: Built-in 1/3 and 1/4
frequency dividers that eliminate the need for
external frequency dividers


Similar Part No. - LC6529F

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC6529F SANYO-LC6529F Datasheet
261Kb / 14P
   One-Time Programmable 4-Bit Single-Chip Microcontroller
More results

Similar Description - LC6529F

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC651104N SANYO-LC651104N Datasheet
854Kb / 35P
   Single-Chip 4-Bit Microcomputer for Small-Scale Control-Oriented Applications
LC6527N SANYO-LC6527N Datasheet
962Kb / 42P
   SINGLE-CHIP 4-BIT MICROCOMPUTER FOR SMALL-SCALE CONTROL-ORIENTED APPLICATIONS
LC6543N SANYO-LC6543N Datasheet
1Mb / 49P
   CMOS LSI SINGLE-CHIP 4-BIT MICROCOMPUTER FOR SMALL-SCALE CONTROL-ORIENTED APPLICATIONS???
LC6543C SANYO-LC6543C Datasheet
1Mb / 41P
   CMOS LSI SINGLE-CHIP 4-BIT MICROCOMPUTER FOR SMALL-SCALE CONTROL-ORIENTED APPLICATIONS?
LC6538D SANYO-LC6538D Datasheet
758Kb / 28P
   SINGLE-CHIP 4-BIT MICROCOMPUTER FOR LARGE-SCALE CONTROL-ORIENTED APPLICATIONS
LC651306A SANYO-LC651306A Datasheet
697Kb / 21P
   4-Bit Single-Chip Microcontroller for Small-Scale Control Applications
LC651204N SANYO-LC651204N Datasheet
312Kb / 35P
   4-Bit Single-Chip Microcontrollers for Small-Scale Control Applications
LC6527C SANYO-LC6527C Datasheet
1Mb / 32P
   Single Chip 4 Bit Microcomputers for Small scale control oriented applications
LC65F1306A SANYO-LC65F1306A Datasheet
685Kb / 22P
   4-Bit Single-Chip CMOS Microcontroller for Small-Scale Control Applications
LC651154N SANYO-LC651154N Datasheet
336Kb / 39P
   Four-Bit CMOS Microcontrollers for Small-Scale Control Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com