Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

SPI3012-150MZF-11 Datasheet(PDF) 1 Page - Superworld Electronics

Part No. SPI3012-150MZF-11
Description  SMD POWER INDUCTORS
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SUPERWORLD [Superworld Electronics]
Homepage  http://www.superworld.com.sg
Logo 

SPI3012-150MZF-11 Datasheet(HTML) 1 Page - Superworld Electronics

   
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SUPERWORLD ELECTRONICS (S) PTE LTD
PG. 1
23.09.2010
NOTE : Specifications subject to change without notice. Please check our website for latest information.
2. CONFIGURATION & DIMENSIONS :
3. MATERIALS :
(a) Core : Ferrite
(b) Wire : Polyurethane Enamelled Copper Wire
(c) Terminal Clip : C5191
(f)
S P I 3 0 1 2 - 1 R 0 N Z F -
(d)(e)
(b)
(c)
(a)
1. PART NO. EXPRESSION :
1.4
1.2 Max.
A
B
C
1.5 Typ
DE
0.76 Typ
3.0±0.3
3.0±0.2
Unit:m/m
(d) Adhesive : Epoxy
Recommended PCB Pattern
3.4
1.2 Typ
FG
0.7 Typ
(e) Ink : 70000-00101
0.6
3.2
SMD POWER INDUCTORS (PRELIMINARY)
SPI3012 SERIES
OR
A
E
D
E
(c) Inductance code : 1R0 = 1.0uH
(a) Series code
(b) Dimension code
(g) 11 ~ 99 : Internal controlled number
(f) F : RoHS Compliant
(e) Z : Standard part
E
Marking
(d) Tolerance code : M = ±20%, N = ±30%
(g)


Html Pages

1  2  3  4  5 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn