Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

PCF8576D Datasheet(PDF) 38 Page - NXP Semiconductors

Part No. PCF8576D
Description  Universal LCD driver for low multiplex rates
Download  50 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NXP [NXP Semiconductors]
Homepage  http://www.nxp.com
Logo 

PCF8576D Datasheet(HTML) 38 Page - NXP Semiconductors

Zoom Inzoom in Zoom Outzoom out
 38 / 50 page
background image
PCF8576D
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 10 — 14 February 2011
38 of 50
NXP Semiconductors
PCF8576D
Universal LCD driver for low multiplex rates
[1]
Dimension not drawn to scale.
[2]
Pad size.
[3]
Passivation opening.
[1]
Dimension not drawn to scale.
Table 19.
Dimensions of PCF8576DU/DA/2
Original dimensions are in mm.
Unit (mm)
A
D
E
e[1]
P1[2]
P2[3]
P3[2]
P4[3]
max
-
--
--
--
-
nom
0.38
2.2
2.0
-
0.09
0.08
0.066
0.056
min
-
-
-
0.072
-
-
-
-
Table 20.
Dimensions of PCF8576DU/2DA/2
Original dimensions are in mm.
Unit (mm)
A
A1
A2
b
D
E
e[1]
L
max
-
--
--
--
-
nom
0.40
0.015
0.381
0.052
2.2
2.0
-
0.077
min
-
--
--
-0.072
-
Table 21.
Bonding pad location for PCF8576DU/x
All x/y coordinates represent the position of the center of each pad with respect to the center
(x/y = 0) of the chip (see Figure 3, Figure 25 and Figure 26).
Symbol
Pad
X (
μm)
Y (
μm)
Description
SDA
1
−34.38
−876.6
I2C-bus serial data input/output
SCL
2
109.53
−876.6
I2C-bus serial clock input
SCL
3
181.53
−876.6
SYNC
4
365.58
−876.6
cascade synchronization input/output
CLK
5
469.08
−876.6
external clock input/output
VDD
6
577.08
−876.6
supply voltage
OSC
7
740.88
−876.6
internal oscillator enable input
A0
8
835.83
−876.6
subaddress inputs
A1
9
1005.48
−630.9
A2
10
1005.48
−513.9
SA0
11
1005.48
−396.9
I2C-bus address input; bit 0
VSS
12
1005.48
−221.4
ground supply voltage
VLCD
13
1005.48
10.71
LCD supply voltage
BP0
14
1005.48
156.51
LCD backplane outputs
BP2
15
1005.48
232.74
BP1
16
1005.48
308.97
BP3
17
1005.48
385.2
S0
18
1005.48
493.2
LCD segment outputs
S1
19
1005.48
565.2
S2
20
1005.48
637.2
S3
21
1005.48
709.2


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn