Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LPC1225FBD48321 Datasheet(PDF) 52 Page - NXP Semiconductors

Part No. LPC1225FBD48321
Description  32-bit ARM Cortex-M0 microcontroller; up to 128 kB flash and 8 kB SRAM
Download  60 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NXP [NXP Semiconductors]
Homepage  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC1225FBD48321 Datasheet(HTML) 52 Page - NXP Semiconductors

Back Button LPC1225FBD48321 Datasheet HTML 48Page - NXP Semiconductors LPC1225FBD48321 Datasheet HTML 49Page - NXP Semiconductors LPC1225FBD48321 Datasheet HTML 50Page - NXP Semiconductors LPC1225FBD48321 Datasheet HTML 51Page - NXP Semiconductors LPC1225FBD48321 Datasheet HTML 52Page - NXP Semiconductors LPC1225FBD48321 Datasheet HTML 53Page - NXP Semiconductors LPC1225FBD48321 Datasheet HTML 54Page - NXP Semiconductors LPC1225FBD48321 Datasheet HTML 55Page - NXP Semiconductors LPC1225FBD48321 Datasheet HTML 56Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 60 page
background image
LPC122X
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Objective data sheet
Rev. 1.1 — 21 February 2011
52 of 60
NXP Semiconductors
LPC122x
32-bit ARM Cortex-M0 microcontroller
12.3 ElectroMagnetic Compatibility (EMC)
Radiated emission measurements according to the IEC61967-2 standard using the
TEM-cell method are shown for the LPC1227FBD64/301 in Table 17.
[1]
IEC levels refer to Appendix D in the IEC61967-2 Specification.
Table 17.
ElectroMagnetic Compatibility (EMC) for part LPC1227FBD64/301 (TEM-cell
method)
VDD = 3.3 V; Tamb = 25 C.
Parameter
Frequency band
System clock =
Unit
12 MHz
24 MHz
33 MHz
Input clock: IRC (12 MHz)
maximum
peak level
150 kHz - 30 MHz
<tbd>
<tbd>
<tbd>
dB
V
30 MHz - 150 MHz
<tbd>
<tbd>
<tbd>
dB
V
150 MHz - 1 GHz
<tbd>
<tbd>
<tbd>
dB
V
IEC level[1]
-
<tbd>
<tbd>
<tbd>
-
Input clock: crystal oscillator (12 MHz)
maximum
peak level
150 kHz - 30 MHz
<tbd>
<tbd>
<tbd>
dB
V
30 MHz - 150 MHz
<tbd>
<tbd>
<tbd>
dB
V
150 MHz - 1 GHz
<tbd>
<tbd>
<tbd>
dB
V
IEC level[1]
-
<tbd>
<tbd>
<tbd>
-


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn