Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

LPC1225FBD48321 Datasheet(PDF) 5 Page - NXP Semiconductors

Part No. LPC1225FBD48321
Description  32-bit ARM Cortex-M0 microcontroller; up to 128 kB flash and 8 kB SRAM
Download  60 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NXP [NXP Semiconductors]
Homepage  http://www.nxp.com
Logo 

LPC1225FBD48321 Datasheet(HTML) 5 Page - NXP Semiconductors

 
Zoom Inzoom in Zoom Outzoom out
 5 / 60 page
background image
LPC122X
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Objective data sheet
Rev. 1.1 — 21 February 2011
5 of 60
NXP Semiconductors
LPC122x
32-bit ARM Cortex-M0 microcontroller
5.
Block diagram
Fig 1.
LPC122x block diagram
ARM
CORTEX-M0
TEST/DEBUG
INTERFACE
MICRO DMA
CONTROLLER
system
bus
CLOCK
GENERATION,
POWER CONTROL,
SYSTEM
FUNCTIONS
XTALIN
XTALOUT
RESET
SWD
CRC
ENGINE
LPC122x
master
32/48/64/80/
96/128 kB
FLASH
slave
4/8 kB
SRAM
slave
ROM
slave
slave
slave
slave
002aaf269
GPIO ports
WINDOWED WDT
IOCONFIG
RTC
32 kHz OSCILLATOR
SYSTEM CONTROL
CLKOUT
SSP/SPI
UART0 RS-485
I2C
32-bit COUNTER/TIMER 0
SCK
SSEL
MISO
MOSI
4 × MAT
4 × CAP
SDA
SCL
UART1
TXD1
TXD0
RXD1
RXD0
32-bit COUNTER/TIMER 1
4 × MAT
4 × CAP
16-bit COUNTER/TIMER 0
2 × MAT
2 × CAP
16-bit COUNTER/TIMER 1
2 × MAT
2 × CAP
DTR0, DSR0, CTS0,
DCD0, RI0, RTS0
10-bit ADC
MICRO DMA REGISTERS
COMPARATOR0/1
AD[7:0]
ACMP0_I[3:0]
ACMP1_O
ACMP1_I[3:0]
VREF_CMP
ACMP0_O
AHB-LITE BUS
AHB-APB
BRIDGE
HIGH-SPEED
GPIO
RTCXOUT
RTCXIN
IRC, OSCILLATORS
POR
BOD
clocks and controls
Grey-shaded blocks represent peripherals
with connection to the micro DMA


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn