Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LPC1225FBD48321 Datasheet(PDF) 48 Page - NXP Semiconductors

Part No. LPC1225FBD48321
Description  32-bit ARM Cortex-M0 microcontroller; up to 128 kB flash and 8 kB SRAM
Download  60 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NXP [NXP Semiconductors]
Homepage  http://www.nxp.com
Logo 

LPC1225FBD48321 Datasheet(HTML) 48 Page - NXP Semiconductors

Zoom Inzoom in Zoom Outzoom out
 48 / 60 page
background image
LPC122X
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Objective data sheet
Rev. 1.1 — 21 February 2011
48 of 60
NXP Semiconductors
LPC122x
32-bit ARM Cortex-M0 microcontroller
11.5 SSP/SPI interface
[1]
Tcy(clk) = (SSPCLKDIV  (1 + SCR)  CPSDVSR) / fmain. The clock cycle time derived from the SPI bit rate Tcy(clk) is a function of the
main clock frequency fmain, the SSP peripheral clock divider (SSPCLKDIV), the SSP SCR parameter (specified in the SSP0CR0
register), and the SSP CPSDVSR parameter (specified in the SSP clock prescale register).
[2]
Tamb = 40 C to 85 C; VDD(3V3) = 3.0 V to 3.6 V; VDD(IO) = 3.0 V to 3.6 V.
[3]
Tcy(clk) = 12  Tcy(PCLK).
[4]
Tamb = 25 C; VDD(3V3) = 3.3 V; VDD(IO) = 3.3 V.
Table 16.
Dynamic characteristics: SSP pins in SPI mode
Tamb =25 C.
Symbol
Parameter
Conditions
Min
Max
Unit
Tcy(clk)
clock cycle time
when only
transmitting
[1]
<tbd>
-
ns
when only
receiving
<tbd>
-
SSP master
tDS
data set-up time
in SPI mode
[2]
15
-
ns
tDH
data hold time
in SPI mode
[2]
0-
ns
tv(Q)
data output valid time
in SPI mode
[2]
-10
ns
th(Q)
data output hold time
in SPI mode
[2]
0-
ns
SSP slave
tDS
data set-up time
in SPI mode
[3][4]
0-
ns
tDH
data hold time
in SPI mode
[3][4]
3
 T
cy(PCLK) + 4
-
ns
tv(Q)
data output valid time
in SPI mode
[3][4]
-3
 T
cy(PCLK) + 11
ns
th(Q)
data output hold time
in SPI mode
[3][4]
-2
 T
cy(PCLK) + 5
ns


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn