Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LPC1225FBD48321 Datasheet(PDF) 4 Page - NXP Semiconductors

Part No. LPC1225FBD48321
Description  32-bit ARM Cortex-M0 microcontroller; up to 128 kB flash and 8 kB SRAM
Download  60 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NXP [NXP Semiconductors]
Homepage  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC1225FBD48321 Datasheet(HTML) 4 Page - NXP Semiconductors

  LPC1225FBD48321 Datasheet HTML 1Page - NXP Semiconductors LPC1225FBD48321 Datasheet HTML 2Page - NXP Semiconductors LPC1225FBD48321 Datasheet HTML 3Page - NXP Semiconductors LPC1225FBD48321 Datasheet HTML 4Page - NXP Semiconductors LPC1225FBD48321 Datasheet HTML 5Page - NXP Semiconductors LPC1225FBD48321 Datasheet HTML 6Page - NXP Semiconductors LPC1225FBD48321 Datasheet HTML 7Page - NXP Semiconductors LPC1225FBD48321 Datasheet HTML 8Page - NXP Semiconductors LPC1225FBD48321 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 60 page
background image
LPC122X
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Objective data sheet
Rev. 1.1 — 21 February 2011
4 of 60
NXP Semiconductors
LPC122x
32-bit ARM Cortex-M0 microcontroller
4.
Ordering information
4.1 Ordering options
Table 1.
Ordering information
Type number
Package
Name
Description
Version
LPC1227FBD64/301 LQFP64 LQFP64: plastic low profile quad flat package; 64 leads; body 10
 10  1.4 mm SOT314-2
LPC1226FBD64/301 LQFP64 LQFP64: plastic low profile quad flat package; 64 leads; body 10
 10  1.4 mm SOT314-2
LPC1225FBD64/321 LQFP64 LQFP64: plastic low profile quad flat package; 64 leads; body 10
 10  1.4 mm SOT314-2
LPC1225FBD64/301 LQFP64 LQFP64: plastic low profile quad flat package; 64 leads; body 10
 10  1.4 mm SOT314-2
LPC1224FBD64/121 LQFP64 LQFP64: plastic low profile quad flat package; 64 leads; body 10
 10  1.4 mm SOT314-2
LPC1224FBD64/101 LQFP64 LQFP64: plastic low profile quad flat package; 64 leads; body 10
 10  1.4 mm SOT314-2
LPC1227FBD48/301 LQFP48 LQFP48: plastic low profile quad flat package; 48 leads; body 7
 7  1.4 mm
SOT313-2
LPC1226FBD48/301 LQFP48 LQFP48: plastic low profile quad flat package; 48 leads; body 7
 7  1.4 mm
SOT313-2
LPC1225FBD48/321 LQFP48 LQFP48: plastic low profile quad flat package; 48 leads; body 7
 7  1.4 mm
SOT313-2
LPC1225FBD48/301 LQFP48 LQFP48: plastic low profile quad flat package; 48 leads; body 7
 7  1.4 mm
SOT313-2
LPC1224FBD48/121 LQFP48 LQFP48: plastic low profile quad flat package; 48 leads; body 7
 7  1.4 mm
SOT313-2
LPC1224FBD48/101 LQFP48 LQFP48: plastic low profile quad flat package; 48 leads; body 7
 7  1.4 mm
SOT313-2
Table 2.
Ordering options for LPC122x
Type number
Flash
Total
SRAM
UART
I2C/
FM+
SSP/
SPI
ADC
channels
GPIO Package
LPC1227
LPC1227FBD64/301 128 kB 8 kB
2
1
1
8
55
LQFP64
LPC1227FBD48/301 128 kB 8 kB
2
1
1
8
39
LQFP48
LPC1226
LPC1226FBD64/301 96 kB
8 kB
2
1
1
8
55
LQFP64
LPC1226FBD48/301 96 kB
8 kB
2
1
1
8
39
LQFP48
LPC1225
LPC1225FBD64/321 80 kB
8 kB
2
1
1
8
55
LQFP64
LPC1225FBD64/301 64 kB
8 kB
2
1
1
8
55
LQFP64
LPC1225FBD48/321 80 kB
8 kB
2
1
1
8
39
LQFP48
LPC1225FBD48/301 64 kB
8 kB
2
1
1
8
39
LQFP48
LPC1224
LPC1224FBD64/121 48 kB
4 kB
2
1
1
8
55
LQFP64
LPC1224FBD64/101 32 kB
4 kB
2
1
1
8
55
LQFP64
LPC1224FBD48/121 48 kB
4 kB
2
1
1
8
39
LQFP48
LPC1224FBD48/101 32 kB
4 kB
2
1
1
8
39
LQFP48


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn