Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LPC1225FBD48321 Datasheet(PDF) 32 Page - NXP Semiconductors

Part No. LPC1225FBD48321
Description  32-bit ARM Cortex-M0 microcontroller; up to 128 kB flash and 8 kB SRAM
Download  60 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NXP [NXP Semiconductors]
Homepage  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC1225FBD48321 Datasheet(HTML) 32 Page - NXP Semiconductors

Back Button LPC1225FBD48321 Datasheet HTML 28Page - NXP Semiconductors LPC1225FBD48321 Datasheet HTML 29Page - NXP Semiconductors LPC1225FBD48321 Datasheet HTML 30Page - NXP Semiconductors LPC1225FBD48321 Datasheet HTML 31Page - NXP Semiconductors LPC1225FBD48321 Datasheet HTML 32Page - NXP Semiconductors LPC1225FBD48321 Datasheet HTML 33Page - NXP Semiconductors LPC1225FBD48321 Datasheet HTML 34Page - NXP Semiconductors LPC1225FBD48321 Datasheet HTML 35Page - NXP Semiconductors LPC1225FBD48321 Datasheet HTML 36Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 60 page
background image
LPC122X
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Objective data sheet
Rev. 1.1 — 21 February 2011
32 of 60
NXP Semiconductors
LPC122x
32-bit ARM Cortex-M0 microcontroller
VIL
LOW-level input
voltage
--
0.3VDD(IO)
V
Vhys
hysteresis voltage
-
0.4
-
V
VOH
HIGH-level output
voltage
IOH = 4 mA
2.4
-
-
V
VOL
LOW-level output
voltage
IOL =4 mA
-
-
0.4
V
IOH
HIGH-level output
current
VOH =2.4 V
Normal-drive pins; low
mode
[5] 3.9
7.8
12.9
mA
Normal-drive pins; high
mode
[5] 7.7
15.6
25.8
mA
High-drive pins; low
mode
[6] 17.4
35.1
58.1
mA
High-drive pins; high
mode
[6] 23.1
46.8
77.5
mA
IOL
LOW-level output
current
VOL =0.4 V
Normal-drive pins; low
mode
[5] 3.4
5.4
7.4
mA
Normal-drive pins; high
mode
[5] 6.7
10.7
14.7
mA
High-drive pins; low
mode
[6] 13.4
21.5
29.4
mA
High-drive pins; high
mode
[6] 20.1
32.2
44.1
mA
IOHS
HIGH-level
short-circuit output
current
VOH =0V
[7] --
45
mA
IOLS
LOW-level
short-circuit output
current
VOL =VDDA
[7] --
50
mA
Ipu
pull-up current
VI =0V
50
80
100
A
I2C-bus pins (PIO0_10 and PIO0_11)
VIH
HIGH-level input
voltage
0.7VDD(IO)
--V
VIL
LOW-level input
voltage
--
0.3VDD(IO)
V
Vhys
hysteresis voltage
-
0.05VDD(IO) -V
VOL
LOW-level output
voltage
IOLS =20 mA
-
-
0.4
V
ILI
input leakage current
VI =VDD(IO)
[8] -2
4
A
VI =5V
-
10
22
A
Ci
capacitance for each
I/O pin
on pins PIO0_10 and
PIO0_11
--
8
pF
Table 7.
Static characteristics …continued
Tamb = 40 C to +85 C, unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ[1]
Max
Unit


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn