Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LPC1225FBD48321 Datasheet(PDF) 31 Page - NXP Semiconductors

Part No. LPC1225FBD48321
Description  32-bit ARM Cortex-M0 microcontroller; up to 128 kB flash and 8 kB SRAM
Download  60 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NXP [NXP Semiconductors]
Homepage  http://www.nxp.com
Logo 

LPC1225FBD48321 Datasheet(HTML) 31 Page - NXP Semiconductors

Zoom Inzoom in Zoom Outzoom out
 31 / 60 page
background image
LPC122X
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Objective data sheet
Rev. 1.1 — 21 February 2011
31 of 60
NXP Semiconductors
LPC122x
32-bit ARM Cortex-M0 microcontroller
10. Static characteristics
Table 7.
Static characteristics
Tamb = 40 C to +85 C, unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ[1]
Max
Unit
VDD(IO)
input/output supply
voltage
on pin VDD(IO)
3.0
3.3
3.6
V
VDD(3V3)
supply voltage (3.3 V)
3.0
3.3
3.6
V
IDD
supply current
Active mode;
VDD(3V3) =3.3 V;
Tamb =25 C; code
while(1){}
executed from flash
all peripherals disabled:
CCLK = 12 MHz
-
3.1
-
mA
CCLK = 24 MHz
-
5.6
-
mA
CCLK = 33 MHz
-
8.1
-
mA
all peripherals enabled:
CCLK = 12 MHz
-
5.3
-
mA
CCLK = 24 MHz
-
9.5
-
mA
CCLK = 33 MHz
-
13.7
-
mA
Sleep mode;
VDD(3V3) = 3.3 V;
Tamb =25 C;
all peripherals disabled
CCLK = 12 MHz
-
2.0
-
mA
CCLK = 24 MHz
-
3.5
-
mA
CCLK = 33 MHz
-
5.0
-
mA
Deep-sleep mode;
VDD(3V3) = 3.3 V;
Tamb =25 C
-
23.5
-
A
Deep power-down mode;
VDD(3V3) = 3.3 V;
Tamb =25 C
-
680
-
nA
Standard port pins, RESET
IIL
LOW-level input
current
VI =0V;
-
-
1
A
IIH
HIGH-level input
current
VI =VDD(IO);
-
-
1
A
IOZ
OFF-state output
current
VO =0V; VO =VDD(IO);
-
-
1
A
VI
input voltage
pin configured to provide a
digital function
[2][3][4] 0-
VDD(IO)
V
VO
output voltage
output active
0
-
VDD(IO)
V
VIH
HIGH-level input
voltage
0.7VDD(IO)
--V


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn