Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LPC1225FBD48321 Datasheet(PDF) 30 Page - NXP Semiconductors

Part No. LPC1225FBD48321
Description  32-bit ARM Cortex-M0 microcontroller; up to 128 kB flash and 8 kB SRAM
Download  60 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NXP [NXP Semiconductors]
Homepage  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC1225FBD48321 Datasheet(HTML) 30 Page - NXP Semiconductors

Back Button LPC1225FBD48321 Datasheet HTML 26Page - NXP Semiconductors LPC1225FBD48321 Datasheet HTML 27Page - NXP Semiconductors LPC1225FBD48321 Datasheet HTML 28Page - NXP Semiconductors LPC1225FBD48321 Datasheet HTML 29Page - NXP Semiconductors LPC1225FBD48321 Datasheet HTML 30Page - NXP Semiconductors LPC1225FBD48321 Datasheet HTML 31Page - NXP Semiconductors LPC1225FBD48321 Datasheet HTML 32Page - NXP Semiconductors LPC1225FBD48321 Datasheet HTML 33Page - NXP Semiconductors LPC1225FBD48321 Datasheet HTML 34Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 60 page
background image
LPC122X
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Objective data sheet
Rev. 1.1 — 21 February 2011
30 of 60
NXP Semiconductors
LPC122x
32-bit ARM Cortex-M0 microcontroller
9.
Thermal characteristics
9.1 Thermal characteristics
The average chip junction temperature, Tj (C), can be calculated using the following
equation:
(1)
Tamb = ambient temperature (C),
Rth(j-a) = the package junction-to-ambient thermal resistance (C/W)
PD = sum of internal and I/O power dissipation
The internal power dissipation is the product of IDD and VDD. The I/O power dissipation of
the I/O pins is often small and many times can be negligible. However it can be significant
in some applications.
T
j
T
amb
P
D
R
th j
a


+
=
Table 6.
Thermal characteristics
VDD = 3.0 V to 3.6 V; Tamb = 40 C to +85 C unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Rth(j-a)
thermal resistance from
junction to ambient
JEDEC test board; no
air flow
LQFP64 package
-
61
-
C/W
LQFP48 package
86
-
C/W
Rth(j-c)
thermal resistance from
junction to case
JEDEC test board
LQFP64 package
-
19
-
C/W
LQFP48 package
36
-
C/W
Tj(max)
maximum junction
temperature
--150
C


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn