Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LPC1225FBD48321 Datasheet(PDF) 27 Page - NXP Semiconductors

Part No. LPC1225FBD48321
Description  32-bit ARM Cortex-M0 microcontroller; up to 128 kB flash and 8 kB SRAM
Download  60 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NXP [NXP Semiconductors]
Homepage  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC1225FBD48321 Datasheet(HTML) 27 Page - NXP Semiconductors

Back Button LPC1225FBD48321 Datasheet HTML 23Page - NXP Semiconductors LPC1225FBD48321 Datasheet HTML 24Page - NXP Semiconductors LPC1225FBD48321 Datasheet HTML 25Page - NXP Semiconductors LPC1225FBD48321 Datasheet HTML 26Page - NXP Semiconductors LPC1225FBD48321 Datasheet HTML 27Page - NXP Semiconductors LPC1225FBD48321 Datasheet HTML 28Page - NXP Semiconductors LPC1225FBD48321 Datasheet HTML 29Page - NXP Semiconductors LPC1225FBD48321 Datasheet HTML 30Page - NXP Semiconductors LPC1225FBD48321 Datasheet HTML 31Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 60 page
background image
LPC122X
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Objective data sheet
Rev. 1.1 — 21 February 2011
27 of 60
NXP Semiconductors
LPC122x
32-bit ARM Cortex-M0 microcontroller
An external pull-up resistor is required on the RESET pin if Deep power-down mode is
used.
7.19.3 Brownout detection
The LPC122x includes four levels for monitoring the voltage on the VDD(3V3) pin. If this
voltage falls below one of the four selected levels, the BOD asserts an interrupt signal to
the NVIC. This signal can be enabled for interrupt in the Interrupt Enable Register in the
NVIC in order to cause a CPU interrupt; if not, software can monitor the signal by reading
a dedicated status register. An additional threshold level can be selected to cause a
forced reset of the chip.
7.19.4 Code security (Code Read Protection - CRP)
This feature of the LPC122x allows user to enable different levels of security in the system
so that access to the on-chip flash and use of the SWD and ISP can be restricted. When
needed, CRP is invoked by programming a specific pattern into a dedicated flash location.
IAP commands are not affected by the CRP.
There are three levels of Code Read Protection:
1. CRP1 disables access to chip via the SWD and allows partial flash update (excluding
flash sector 0) using a limited set of the ISP commands. This mode is useful when
CRP is required and flash field updates are needed but all sectors can not be erased.
2. CRP2 disables access to chip via the SWD and only allows full flash erase and
update using a reduced set of the ISP commands.
3. Running an application with level CRP3 selected fully disables any access to chip via
the SWD pins and the ISP. This mode effectively disables ISP override using PIO0_12
pin, too. It is up to the user’s application to provide (if needed) flash update
mechanism using IAP calls or call reinvoke ISP command to enable flash update via
UART0.
In addition to the three CRP levels, sampling of pin PIO0_12 for valid user code can be
disabled.
7.19.5 APB interface
The APB peripherals are located on one APB bus.
7.19.6 AHB-Lite
The AHB-Lite connects the CPU bus of the ARM Cortex-M0 to the flash memory, the main
static RAM, and the Boot ROM.
7.19.7 External interrupt inputs
All GPIO pins can be level or edge sensitive interrupt inputs.
CAUTION
If level three Code Read Protection (CRP3) is selected, no future factory testing can be
performed on the device.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn