Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LPC1225FBD48321 Datasheet(PDF) 21 Page - NXP Semiconductors

Part No. LPC1225FBD48321
Description  32-bit ARM Cortex-M0 microcontroller; up to 128 kB flash and 8 kB SRAM
Download  60 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NXP [NXP Semiconductors]
Homepage  http://www.nxp.com
Logo 

LPC1225FBD48321 Datasheet(HTML) 21 Page - NXP Semiconductors

Zoom Inzoom in Zoom Outzoom out
 21 / 60 page
background image
LPC122X
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Objective data sheet
Rev. 1.1 — 21 February 2011
21 of 60
NXP Semiconductors
LPC122x
32-bit ARM Cortex-M0 microcontroller
Bidirectional data transfer between masters and slaves.
Multi-master bus (no central master).
Arbitration between simultaneously transmitting masters without corruption of serial
data on the bus.
Serial clock synchronization allows devices with different bit rates to communicate via
one serial bus.
Serial clock synchronization can be used as a handshake mechanism to suspend and
resume serial transfer.
The I2C-bus can be used for test and diagnostic purposes.
The I2C-bus controller supports multiple address recognition and a bus monitor mode.
7.13 10-bit ADC
The LPC122x contains one ADC. It is a single 10-bit successive approximation ADC with
eight channels.
7.13.1 Features
10-bit successive approximation ADC.
Input multiplexing among 8 pins.
Power-down mode.
Measurement range 0 V to VDD(3V3).
10-bit conversion time of 257 kHz.
Burst conversion mode for single or multiple inputs.
Optional conversion on transition of input pin or counter/timer match signal.
Individual result registers for each ADC channel to reduce interrupt overhead.
7.14 Comparator block
The comparator block consists of two analog comparators.
7.14.1 Features
Up to six selectable external sources per comparator; fully configurable on either
positive or negative comparator input channels.
BOD 0.9 V internal reference voltage selectable on both comparators; configurable on
either positive or negative comparator input channels.
32-stage Voltage Ladder internal reference voltage selectable on both comparators;
configurable on either positive or negative comparator input channels.
Voltage ladder source voltage is selectable from an external pin or an internal 3.3 V
voltage rail if external power source is not available.
Voltage ladder can be separately powered down for applications only requiring the
comparator function.
Relaxation oscillator circuitry output for a feedback 555-style timer application.
Common interrupt connected to NVIC.
Comparator outputs selectable as synchronous or asynchronous.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn