Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCA9525D Datasheet(PDF) 6 Page - NXP Semiconductors

Part # PCA9525D
Description  Simple 2-wire bus buffer
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9525D Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button PCA9525D Datasheet HTML 2Page - NXP Semiconductors PCA9525D Datasheet HTML 3Page - NXP Semiconductors PCA9525D Datasheet HTML 4Page - NXP Semiconductors PCA9525D Datasheet HTML 5Page - NXP Semiconductors PCA9525D Datasheet HTML 6Page - NXP Semiconductors PCA9525D Datasheet HTML 7Page - NXP Semiconductors PCA9525D Datasheet HTML 8Page - NXP Semiconductors PCA9525D Datasheet HTML 9Page - NXP Semiconductors PCA9525D Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
PCA9525
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 1 — 25 February 2011
6 of 22
NXP Semiconductors
PCA9525
Simple 2-wire bus buffer
[1]
Guaranteed by design, not subject to test.
[2]
Supply voltage dependent; refer to graphs (Figure 5 through Figure 8) for typical trend.
Enable (EN)
Vth(en)
enable threshold voltage
EN active; VDD =2.7 V
2.0
-
-
V
EN active; VDD =5.5 V
4.8
-
-
V
Vth(dis)
disable threshold voltage
EN standby; VDD = 2.7 V
--0.9
V
EN standby; VDD = 5.5 V
--2.1
V
Vhys
hysteresis voltage
VDD =2.7 V
100
-
-
mV
VDD =5.5 V
200
-
-
mV
ILI
input leakage current
VI = VDD
--
±0.1
μA
Direction (DIR)
VI(dir)
direction input voltage
direction SCL_OUT to SCL_IN
VDD =2.7 V
2.0
-
-
V
VDD =5.5 V
4.8
-
-
V
direction SCL_IN to SCL_OUT
VDD = 2.7 V
-
-
0.9
V
VDD = 5.5 V
-
-
2.1
V
Vhys
hysteresis voltage
VDD =2.7 V
100
-
-
mV
VDD =5.5 V
200
-
-
mV
ILI
input leakage current
VI =VDD
--
±0.1
μA
Timing characteristics (Figure 4)
td
delay time
RPU = 620 Ω
[1] -17
-
ns
tf
fall time
RPU = 620 Ω
[1] -3.5
-
ns
Table 4.
Characteristics …continued
Tamb = 40 °C to +85 °C; voltages are specified with respect to ground (VSS); VDD = 5.5 V unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Fig 4.
Timing diagram
002aaf332
tf
td
VI2C-bus
time
70 % VDD
30 % VDD
Sxx_IN
Sxx_OUT
30 % VDD


Similar Part No. - PCA9525D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA9525 NXP-PCA9525 Datasheet
727Kb / 8P
   Smart, simple solutions for the 12 most common design concerns
August 2011
More results

Similar Description - PCA9525D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA9605 NXP-PCA9605 Datasheet
414Kb / 22P
   Simple 2-wire bus buffer
Rev. 1-28 February 2011
logo
Linear Technology
LTC4303 LINER-LTC4303 Datasheet
549Kb / 12P
   Hot Swappable 2-Wire Bus Buffer with Stuck Bus Recovery
LTC4304 LINER-LTC4304_15 Datasheet
650Kb / 16P
   Hot Swappable 2-Wire Bus Buffer with Stuck Bus Recovery
LTC4304 LINER-LTC4304 Datasheet
644Kb / 16P
   Hot Swappable 2-Wire Bus Buffer with Stuck Bus Recovery
LTC4303 LINER-LTC4303_15 Datasheet
555Kb / 12P
   Hot Swappable 2-Wire Bus Buffer with Stuck Bus Recovery
logo
Linear Dimensions Semic...
LTC4303CMS8PBF LINEAR_DIMENSIONS-LTC4303CMS8PBF Datasheet
555Kb / 12P
   Hot Swappable 2-Wire Bus Buffer with Stuck Bus Recovery
logo
Linear Technology
LTC4315 LINER-LTC4315 Datasheet
281Kb / 20P
   2-Wire Bus Buffer with High Noise Margin
LTC4315 LINER-LTC4315_15 Datasheet
281Kb / 20P
   2-Wire Bus Buffer with High Noise Margin
LTC4301 LINER-LTC4301_09 Datasheet
223Kb / 12P
   Supply Independent Hot Swappable 2-Wire Bus Buffer
LTC4301 LINER-LTC4301_15 Datasheet
228Kb / 12P
   Supply Independent Hot Swappable 2-Wire Bus Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com