Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LPC2470FET208 Datasheet(PDF) 46 Page - NXP Semiconductors

Part # LPC2470FET208
Description  Flashless 16-bit/32-bit microcontroller; Ethernet, CAN, LCD, USB 2.0 device/host/OTG
Download  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC2470FET208 Datasheet(HTML) 46 Page - NXP Semiconductors

Back Button LPC2470FET208 Datasheet HTML 42Page - NXP Semiconductors LPC2470FET208 Datasheet HTML 43Page - NXP Semiconductors LPC2470FET208 Datasheet HTML 44Page - NXP Semiconductors LPC2470FET208 Datasheet HTML 45Page - NXP Semiconductors LPC2470FET208 Datasheet HTML 46Page - NXP Semiconductors LPC2470FET208 Datasheet HTML 47Page - NXP Semiconductors LPC2470FET208 Datasheet HTML 48Page - NXP Semiconductors LPC2470FET208 Datasheet HTML 49Page - NXP Semiconductors LPC2470FET208 Datasheet HTML 50Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 89 page
background image
LPC2470
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 3 — 14 February 2011
46 of 89
NXP Semiconductors
LPC2470
Flashless 16-bit/32-bit microcontroller
level, starts the wake-up timer (see description in Section 7.25.3 “Wake-up timer”),
causing reset to remain asserted until the external Reset is de-asserted, the oscillator is
running, and a fixed number of clocks have passed.
Once the internal reset is removed, all of the processor and peripheral registers have
been initialized to predetermined values and the LPC2470 continues with booting from an
external static memory.
7.26.2 Boot process
The processor always boots from the off-chip static memory bank 1, executing code from
address 0x8100 0000 (see Table 5 “LPC2470 memory usage and details”). During the
boot process initiated by POR, the boot pins P3[15]/D15 and P3[14]/D14 are sampled,
and the external memory banks 0 and 1 are configured with the same data bus width. The
data bus width is determined by the setting of the two boot pins. Unused address pins are
configured as GPIO. See Section 14.2 “Suggested boot memory interface solutions” for
address and data bus interface details.
Remark: After POR, the address ranges of chip select 1 and chip select 0 are swapped.
The user code residing in the external boot memory must be linked to execute from
address location 0x8000 0000.
When booting from external memory, the interrupt vectors are mapped to the bottom of
the external memory. Once booting is over, the application must map interrupt vectors to
the proper domain.
7.26.3 Brownout detection
The LPC2470 includes 2-stage monitoring of the voltage on the VDD(DCDC)(3V3) pins. If this
voltage falls below 2.95 V, the BOD asserts an interrupt signal to the Vectored Interrupt
Controller. This signal can be enabled for interrupt in the Interrupt Enable Register in the
VIC in order to cause a CPU interrupt; if not, software can monitor the signal by reading a
dedicated status register.
The second stage of low-voltage detection asserts a BOD Reset and generates a Reset (if
this reset source is enabled in software) to inactivate the LPC2470 when the voltage on
the VDD(DCDC)(3V3) pins falls below 2.65 V. The BOD circuit maintains this reset down
below 1 V, at which point the power-on reset circuitry maintains the overall Reset.
Both the 2.95 V and 2.65 V thresholds include some hysteresis. In normal operation, this
hysteresis allows the 2.95 V detection to reliably interrupt, or a regularly-executed event
loop to sense the condition.
7.26.4 AHB
The LPC2470 implements two AHB in order to allow the Ethernet block to operate without
interference caused by other system activity. The primary AHB, referred to as AHB1,
includes the Vectored Interrupt Controller, GPDMA controller, USB interface, and 16 kB
SRAM.
The second AHB, referred to as AHB2, includes only the Ethernet block and an
associated 16 kB SRAM. In addition, a bus bridge is provided that allows the secondary
AHB to be a bus master on AHB1, allowing expansion of Ethernet buffer space into
off-chip memory or unused space in memory residing on AHB1.


Similar Part No. - LPC2470FET208

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LPC2470FET208 PHILIPS-LPC2470FET208 Datasheet
1Mb / 72P
   Flashless 16-bit/32-bit micro; Ethernet, CAN, LCD, USB 2.0 device/host/OTG, external memory interface
Rev. 00.01-5 October 2007
LPC2470FET208 NXP-LPC2470FET208 Datasheet
2Mb / 83P
   Flashless 16-bit/32-bit microcontroller; Ethernet, CAN, LCD, USB 2.0 device/host/OTG, external memory interface
Rev. 02-15 October 2009
LPC2470FET208 NXP-LPC2470FET208 Datasheet
800Kb / 91P
   Flashless 16-bit/32-bit microcontroller; Ethernet, CAN, LCD, USB 2.0 device/host/OTG, external memory interface
Rev. 4-8 September 2011
More results

Similar Description - LPC2470FET208

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LPC2470_1109 NXP-LPC2470_1109 Datasheet
800Kb / 91P
   Flashless 16-bit/32-bit microcontroller; Ethernet, CAN, LCD, USB 2.0 device/host/OTG, external memory interface
Rev. 4-8 September 2011
LPC2470 NXP-LPC2470 Datasheet
2Mb / 83P
   Flashless 16-bit/32-bit microcontroller; Ethernet, CAN, LCD, USB 2.0 device/host/OTG, external memory interface
Rev. 02-15 October 2009
LPC2470 PHILIPS-LPC2470 Datasheet
1Mb / 72P
   Flashless 16-bit/32-bit micro; Ethernet, CAN, LCD, USB 2.0 device/host/OTG, external memory interface
Rev. 00.01-5 October 2007
LPC2420 NXP-LPC2420 Datasheet
370Kb / 73P
   Flashless 16-bit/32-bit microcontroller; Ethernet, CAN, ISP/IAP, USB 2.0 device/host/OTG, external memory interface
Rev. 03-20 November 2008
LPC2420 NXP-LPC2420_10 Datasheet
1Mb / 79P
   Flashless 16-bit/32-bit microcontroller; Ethernet, CAN, ISP/IAP, USB 2.0 device/host/OTG, external memory interface
Rev. 05-24 February 2010
LPC2420 NXP-LPC2420_09 Datasheet
1Mb / 78P
   Flashless 16-bit/32-bit microcontroller; Ethernet, CAN, ISP/IAP, USB 2.0 device/host/OTG, external memory interface
Rev. 04-15 October 2009
LPC2420 NXP-LPC2420_11 Datasheet
505Kb / 86P
   Flashless 16-bit/32-bit microcontroller; Ethernet, CAN, ISP/IAP, USB 2.0 device/host/OTG, external memory interface
Rev. 6.1-22 September2011
LPC2420 NXP-LPC2420_V01 Datasheet
2Mb / 87P
   Flashless 16-bit/32-bit microcontroller; Ethernet, CAN, ISP/IAP, USB 2.0 device/host/OTG, external memory interface
Rev. 6.3-15 October 2020
LPC2460 PHILIPS-LPC2460_08 Datasheet
363Kb / 68P
   Flashless 16-bit/32-bit micro; Ethernet, CAN, ISP/IAP, USB 2.0 device/host/OTG, external memory interface
Rev. 02-1 February 2008
LPC2460 PHILIPS-LPC2460 Datasheet
1Mb / 67P
   Flashless 16-bit/32-bit micro; Ethernet, CAN, ISP/IAP, USB 2.0 device/host/OTG, external memory interface
Rev. 00.01-5 October 2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com