Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LPC1227FBD64301 Datasheet(PDF) 10 Page - NXP Semiconductors

Part No. LPC1227FBD64301
Description  32-bit ARM Cortex-M0 microcontroller; up to 128 kB flash and 8 kB SRAM
Download  60 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NXP [NXP Semiconductors]
Homepage  http://www.nxp.com
Logo 

LPC1227FBD64301 Datasheet(HTML) 10 Page - NXP Semiconductors

Zoom Inzoom in Zoom Outzoom out
 10 / 60 page
background image
LPC122X
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Objective data sheet
Rev. 1.1 — 21 February 2011
10 of 60
NXP Semiconductors
LPC122x
32-bit ARM Cortex-M0 microcontroller
PIO0_17/MOSI
32 44
[2]
no
I/O
I; PU
PIO0_17 — General purpose digital input/output pin.
I/O
-
MOSI — Master Out Slave In for SSP/SPI.
PIO0_18/SWCLK/
CT32B0_CAP0/
CT32B0_MAT0
33 45
[2]
no
I/O
I; PU
PIO0_18 — General purpose digital input/output pin.
I-
SWCLK — Serial wire clock, alternate location.
I-
CT32B0_CAP0 — Capture input, channel 0 for 32-bit timer 0.
O-
CT32B0_MAT0 — Match output, channel 0 for 32-bit timer 0.
PIO0_19/ACMP0_I0/
CT32B0_CAP1/
CT32B0_MAT1
44
[5]
no
I/O
I; PU
PIO0_19 — General purpose digital input/output pin.
I-
ACMP0_I0 — Input 0 for comparator 0.
I-
CT32B0_CAP1 — Capture input, channel 1 for 32-bit timer 0.
O-
CT32B0_MAT1 — Match output, channel 1 for 32-bit timer 0
PIO0_20/ACMP0_I1/
CT32B0_CAP2/
CT32B0_MAT2
55
[5]
no
I/O
I; PU
PIO0_20 — General purpose digital input/output pin.
I-
ACMP0_I1 — Input 1 for comparator 0.
I-
CT32B0_CAP2 — Capture input, channel 2 for 32-bit timer 0.
O-
CT32B0_MAT2 — Match output, channel 2 for 32-bit timer 0.
PIO0_21/ACMP0_I2/
CT32B0_CAP3/
CT32B0_MAT3
66
[5]
no
I/O
I; PU
PIO0_21 — General purpose digital input/output pin.
I-
ACMP0_I2 — Input 2 for comparator 0.
I-
CT32B0_CAP3 — Capture input, channel 3 for 32-bit timer 0.
O-
CT32B0_MAT3 — Match output, channel 3 for 32-bit timer 0.
PIO0_22/ACMP0_I3
7
7
[5]
no
I/O
I; PU
PIO0_22 — General purpose digital input/output pin.
I-
ACMP0_I3 — Input 3 for comparator 0.
PIO0_23/
ACMP1_I0/
CT32B1_CAP0/
CT32B1_MAT0
88
[5]
no
I/O
I; PU
PIO0_23 — General purpose digital input/output pin.
I-
ACMP1_I0 — Input 0 for comparator 1.
I-
CT32B1_CAP0 — Capture input, channel 0 for 32-bit timer 1.
O-
CT32B1_MAT0 — Match output, channel 0 for 32-bit timer 1.
PIO0_24/ACMP1_I1/
CT32B1_CAP1/
CT32B1_MAT1
99
[5]
no
I/O
I; PU
PIO0_24 — General purpose digital input/output pin.
I-
ACMP1_I1 — Input 1 for comparator 1.
I-
CT32B1_CAP1 — Capture input, channel 1 for 32-bit timer 1.
O-
CT32B1_MAT1 — Match output, channel 1 for 32-bit timer 1.
SWDIO/ACMP1_I2/
CT32B1_CAP2/
CT32B1_MAT2/
PIO0_25
10 10
[5]
no
I/O
I; PU
SWDIO — Serial wire debug input/output, default location.
I-
ACMP1_I2 — Input 2 for comparator 1.
I-
CT32B1_CAP2 — Capture input, channel 2 for 32-bit timer 1.
O-
CT32B1_MAT2 — Match output, channel 2 for 32-bit timer 1.
I/O
-
PIO0_25 — General purpose digital input/output pin.
SWCLK/ACMP1_I3/
CT32B1_CAP3/
CT32B1_MAT3/
PIO0_26
11 11
[5]
no
I
I; PU
SWCLK — Serial wire clock, default location.
I-
ACMP1_I3 — Input 3 for comparator 1.
I-
CT32B1_CAP3 — Capture input, channel 3 or 32-bit timer 1.
O-
CT32B1_MAT3 — Match output, channel 3 for 32-bit timer 1.
I/O
PIO0_26 — General purpose digital input/output pin.
Table 3.
LPC122x pin description …continued
Symbol
Start
logic
input
Type Reset
state
[1]
Description


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn