Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LPC1227FBD64301 Datasheet(PDF) 1 Page - NXP Semiconductors

Part No. LPC1227FBD64301
Description  32-bit ARM Cortex-M0 microcontroller; up to 128 kB flash and 8 kB SRAM
Download  60 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NXP [NXP Semiconductors]
Homepage  http://www.nxp.com
Logo 

LPC1227FBD64301 Datasheet(HTML) 1 Page - NXP Semiconductors

 
Zoom Inzoom in Zoom Outzoom out
 1 / 60 page
background image
1.
General description
The LPC122x extend NXP's 32-bit ARM microcontroller continuum and target a wide
range of industrial applications in the areas of factory and home automation. Benefitting
from the ARM Cortex-M0 Thumb instruction set, the LPC122x have up to 50 % higher
code density compared to common 8/16-bit microcontroller performing typical tasks. The
LPC122x also feature an optimized ROM-based divide library for Cortex-M0, which offers
several times the arithmetic performance of software-based libraries, as well as highly
deterministic cycle time combined with reduced flash code size. The ARM Cortex-M0
efficiency also helps the LPC122x achieve lower average power for similar applications.
The LPC122x operate at CPU frequencies of up to 45 MHz.They offer a wide range of
flash memory options, from 32 kB to 128 kB. The small 512-byte page erase of the flash
memory brings multiple design benefits, such as finer EEPROM emulation, boot-load
support from any serial interface and ease of in-field programming with reduced on-chip
RAM buffer requirements.
The peripheral complement of the LPC122x includes a 10-bit ADC, two comparators with
output feedback loop, two UARTs, one SSP/SPI interface, one I2C-bus interface with
Fast-mode Plus features, a Windowed Watchdog Timer, a DMA controller, a CRC engine,
four general purpose timers, a 32-bit RTC, a 1 % internal oscillator for baud rate
generation, and up to 55 General Purpose I/O (GPIO) pins.
2.
Features and benefits
Processor core
ARM Cortex-M0 processor, running at frequencies of up to 45 MHz (one wait state
from flash) or 30 MHz (zero wait states from flash). The LPC122x have a high
score of over 45 in CoreMark CPU performance benchmark testing, equivalent to
1.51/MHz.
ARM Cortex-M0 built-in Nested Vectored Interrupt Controller (NVIC).
Serial Wire Debug (SWD).
System tick timer.
Memory
Up to 8 kB SRAM.
Up to 128 kB on-chip flash programming memory.
In-System Programming (ISP) and In-Application Programming (IAP) via on-chip
bootloader software.
Includes ROM-based 32-bit integer division routines.
Clock generation unit
LPC122x
32-bit ARM Cortex-M0 microcontroller; up to 128 kB flash and
8 kB SRAM
Rev. 1.1 — 21 February 2011
Objective data sheet


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn