Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LPC1227FBD64301 Datasheet(PDF) 9 Page - NXP Semiconductors

Part # LPC1227FBD64301
Description  32-bit ARM Cortex-M0 microcontroller; up to 128 kB flash and 8 kB SRAM
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC1227FBD64301 Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button LPC1227FBD64301 Datasheet HTML 5Page - NXP Semiconductors LPC1227FBD64301 Datasheet HTML 6Page - NXP Semiconductors LPC1227FBD64301 Datasheet HTML 7Page - NXP Semiconductors LPC1227FBD64301 Datasheet HTML 8Page - NXP Semiconductors LPC1227FBD64301 Datasheet HTML 9Page - NXP Semiconductors LPC1227FBD64301 Datasheet HTML 10Page - NXP Semiconductors LPC1227FBD64301 Datasheet HTML 11Page - NXP Semiconductors LPC1227FBD64301 Datasheet HTML 12Page - NXP Semiconductors LPC1227FBD64301 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 60 page
background image
LPC122X
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Objective data sheet
Rev. 1.1 — 21 February 2011
9 of 60
NXP Semiconductors
LPC122x
32-bit ARM Cortex-M0 microcontroller
PIO0_7/CTS0/
CT32B1_CAP1/
CT32B1_MAT1
22 26
[2]
yes
I/O
I; PU
PIO0_7 — General purpose digital input/output pin.
I-
CTS0 — Clear To Send input for UART0.
I-
CT32B1_CAP1 — Capture input, channel 1 for 32-bit timer 1.
O-
CT32B1_MAT1 — Match output, channel 1 for 32-bit timer 1.
PIO0_8/RXD1/
CT32B1_CAP2/
CT32B1_MAT2
23 27
[2]
yes
I/O
I; PU
PIO0_8 — General purpose digital input/output pin.
I-
RXD1 — Receiver input for UART1.
I-
CT32B1_CAP2 — Capture input, channel 2 for 32-bit timer 1.
O-
CT32B1_MAT2 — Match output, channel 2 for 32-bit timer 1.
PIO0_9/TXD1/
CT32B1_CAP3/
CT32B1_MAT3
24 28
[2]
yes
I/O
I; PU
PIO0_9 — General purpose digital input/output pin.
O-
TXD1 — Transmitter output for UART1.
I-
CT32B1_CAP3 — Capture input, channel 3 for 32-bit timer 1.
O-
CT32B1_MAT3 — Match output, channel 3 for 32-bit timer 1.
PIO0_10/SCL
25 37
[3]
yes
I/O
I; IA
PIO0_10 — General purpose digital input/output pin.
I/O
-
SCL — I2C-bus clock input/output.
PIO0_11/SDA/
CT16B0_CAP0/
CT16B0_MAT0
26 38
[3]
yes
I/O
I; IA
PIO0_11 — General purpose digital input/output pin.
I/O
-
SDA — I2C-bus data input/output.
I-
CT16B0_CAP0 — Capture input, channel 0 for 16-bit timer 0.
O-
CT16B0_MAT0 — Match output, channel 0 for 16-bit timer 0.
PIO0_12/CLKOUT/
CT16B0_CAP1/
CT16B0_MAT1
27 39
[7]
no
I/O
I; PU
PIO0_12 — General purpose digital input/output pin. A LOW
level on this pin during reset starts the ISP command handler.
High-current output driver.
O-
CLKOUT — Clock out pin.
I-
CT16B0_CAP1 — Capture input, channel 1 for 16-bit timer 0.
O-
CT16B0_MAT1 — Match output, channel 1 for 16-bit timer 0.
RESET/PIO0_13
28 40
[4]
no
I
I; PU
RESET — External reset input: A LOW on this pin resets the
device, causing I/O ports and peripherals to take on their
default states, and processor execution to begin at address 0.
I/O
-
PIO0_13 — General purpose digital input/output pin.
PIO0_14/SCK
29 41
[2]
no
I/O
I; PU
PIO0_14 — General purpose digital input/output pin.
I/O
-
SCK — Serial clock for SSP/SPI.
PIO0_15/SSEL/
CT16B1_CAP0/
CT16B1_MAT0
30 42
[2]
no
I/O
I; PU
PIO0_15 — General purpose digital input/output pin.
I/O
-
SSEL — Slave select for SSP/SPI.
I-
CT16B1_CAP0 — Capture input, channel 0 for 16-bit timer 1.
O-
CT16B1_MAT0 — Match output, channel 0 for 16-bit timer 1.
PIO0_16/MISO/
CT16B1_CAP1/
CT16B1_MAT1
31 43
[2]
no
I/O
I; PU
PIO0_16 — General purpose digital input/output pin.
I/O
-
MISO — Master In Slave Out for SSP/SPI.
I-
CT16B1_CAP1 — Capture input, channel 1 for 16-bit timer 1.
O-
CT16B1_MAT1 — Match output, channel 1 for 16-bit timer 1.
Table 3.
LPC122x pin description …continued
Symbol
Start
logic
input
Type Reset
state
[1]
Description


Similar Part No. - LPC1227FBD64301

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LPC1227FBD64-301 NXP-LPC1227FBD64-301 Datasheet
210Kb / 2P
   Up to 128 KB Flash and configurable peripherals for industrial control
February 2011
More results

Similar Description - LPC1227FBD64301

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LPC122X_1108 NXP-LPC122X_1108 Datasheet
513Kb / 61P
   32-bit ARM Cortex-M0 microcontroller; up to 128 kB flash and 8 kB SRAM
Rev. 2-26 August 2011
LPC1111 NXP-LPC1111 Datasheet
410Kb / 59P
   32-bit ARM Cortex-M0 microcontroller; up to 32 kB flash and 8 kB SRAM
Rev. 01-16 April 2010
logo
Holtek Semiconductor In...
HT32F52243 HOLTEK-HT32F52243 Datasheet
6Mb / 44P
   32-Bit Arm Cortex -M0 Microcontroller, up to 128 KB Flash and 16 KB SRAM
logo
NXP Semiconductors
LPC1111 NXP-LPC1111_11 Datasheet
621Kb / 64P
   32-bit ARM Cortex-M0 microcontroller; up to 32 kB flash and 8 kB SRAM
Rev. 5-22 June 2011
LPC1102_1106 NXP-LPC1102_1106 Datasheet
301Kb / 39P
   32-bit ARM Cortex-M0 microcontroller; 32 kB flash and 8 kB SRAM
Rev. 4-24 June 2011
LPC1102 NXP-LPC1102_V01 Datasheet
683Kb / 43P
   32-bit ARM Cortex-M0 microcontroller; 32 kB flash and 8 kB SRAM
Rev. 7-26 September 2013
LPC1102 NXP-LPC1102_11 Datasheet
292Kb / 39P
   32-bit ARM Cortex-M0 microcontroller; 32 kB flash and 8 kB SRAM
Rev. 3-18 April 2011
LPC1102 NXP-LPC1102 Datasheet
255Kb / 38P
   32-bit ARM Cortex-M0 microcontroller; 32 kB flash and 8 kB SRAM
Rev. 00.04-23 June 2010
LPC11E3X NXP-LPC11E3X Datasheet
1Mb / 71P
   32-bit ARM Cortex-M0 microcontroller; up to 128 kB flash; up to 12 kB SRAM and 4 kB EEPROM; USART
Rev.2.3-11 September 2014
LPC81XM PHILIPS-LPC81XM_15 Datasheet
739Kb / 77P
   32-bit ARM Cortex-M0 microcontroller; up to 16 kB flash and 4 kB SRAM
Rev. 4.4-23 June 2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com