Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LPC1227FBD64301 Datasheet(PDF) 41 Page - NXP Semiconductors

Part No. LPC1227FBD64301
Description  32-bit ARM Cortex-M0 microcontroller; up to 128 kB flash and 8 kB SRAM
Download  60 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NXP [NXP Semiconductors]
Homepage  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC1227FBD64301 Datasheet(HTML) 41 Page - NXP Semiconductors

Back Button LPC1227FBD64301 Datasheet HTML 37Page - NXP Semiconductors LPC1227FBD64301 Datasheet HTML 38Page - NXP Semiconductors LPC1227FBD64301 Datasheet HTML 39Page - NXP Semiconductors LPC1227FBD64301 Datasheet HTML 40Page - NXP Semiconductors LPC1227FBD64301 Datasheet HTML 41Page - NXP Semiconductors LPC1227FBD64301 Datasheet HTML 42Page - NXP Semiconductors LPC1227FBD64301 Datasheet HTML 43Page - NXP Semiconductors LPC1227FBD64301 Datasheet HTML 44Page - NXP Semiconductors LPC1227FBD64301 Datasheet HTML 45Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 60 page
background image
LPC122X
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Objective data sheet
Rev. 1.1 — 21 February 2011
41 of 60
NXP Semiconductors
LPC122x
32-bit ARM Cortex-M0 microcontroller
10.4 ADC characteristics
[1]
Typical ratings are not guaranteed. The values listed are at room temperature (25
C), nominal supply
voltages.
[2]
Conditions: VSS =0V, VDD(3V3) =3.3 V.
[3]
The ADC is monotonic, there are no missing codes.
[4]
The differential linearity error (ED) is the difference between the actual step width and the ideal step width.
See Figure 17.
[5]
The integral non-linearity (EL(adj)) is the peak difference between the center of the steps of the actual and
the ideal transfer curve after appropriate adjustment of gain and offset errors. See Figure 17.
[6]
The offset error (EO) is the absolute difference between the straight line which fits the actual curve and the
straight line which fits the ideal curve. See Figure 17.
[7]
The gain error (EG) is the relative difference in percent between the straight line fitting the actual transfer
curve after removing offset error, and the straight line which fits the ideal transfer curve. See Figure 17.
[8]
The absolute error (ET) is the maximum difference between the center of the steps of the actual transfer
curve of the non-calibrated ADC and the ideal transfer curve. See Figure 17.
Table 9.
ADC static characteristics
Tamb = 40 C to +85 C unless otherwise specified; ADC frequency 9 MHz, VDD(3V3) = 3.0 V to
3.6 V.
Symbol
Parameter
Conditions
Min
Typ[1]
Max
Unit
VIA
analog input voltage
0
-
VDD(3V3)
V
Cia
analog input capacitance
-
-
1
pF
ED
differential linearity error
[2][3][4] --
 1LSB
EL(adj)
integral non-linearity
[2][5] --
 2.5
LSB
EO
offset error
[2][6] --
 1LSB
EG
gain error
[2][7] --
 3LSB
ET
absolute error
[2][8] --
 3LSB
fc(ADC)
ADC conversion frequency
-
-
257
kHz


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn