Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LPC1227FBD64301 Datasheet(PDF) 37 Page - NXP Semiconductors

Part No. LPC1227FBD64301
Description  32-bit ARM Cortex-M0 microcontroller; up to 128 kB flash and 8 kB SRAM
Download  60 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NXP [NXP Semiconductors]
Homepage  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC1227FBD64301 Datasheet(HTML) 37 Page - NXP Semiconductors

Back Button LPC1227FBD64301 Datasheet HTML 33Page - NXP Semiconductors LPC1227FBD64301 Datasheet HTML 34Page - NXP Semiconductors LPC1227FBD64301 Datasheet HTML 35Page - NXP Semiconductors LPC1227FBD64301 Datasheet HTML 36Page - NXP Semiconductors LPC1227FBD64301 Datasheet HTML 37Page - NXP Semiconductors LPC1227FBD64301 Datasheet HTML 38Page - NXP Semiconductors LPC1227FBD64301 Datasheet HTML 39Page - NXP Semiconductors LPC1227FBD64301 Datasheet HTML 40Page - NXP Semiconductors LPC1227FBD64301 Datasheet HTML 41Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 60 page
background image
LPC122X
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Objective data sheet
Rev. 1.1 — 21 February 2011
37 of 60
NXP Semiconductors
LPC122x
32-bit ARM Cortex-M0 microcontroller
Conditions: BOD disabled; all oscillators and analog blocks disabled in the PDSLEEPCFG register
(PDSLEEPCFG =<tbd>).
Fig 10. Deep-sleep mode: Typical supply current IDD versus temperature for different
supply voltages VDD(3V3)
Fig 11. Deep power-down mode: Typical supply current IDD versus temperature for
different supply voltages VDD(3V3)
002aag021
20
30
25
35
IDD
(
μA)
15
temperature (
°C)
−40
85
35
10
60
−15
VDD(3V3) = 3.6 V
3.3 V
3.0 V
<tbd>
X (X)
XX
X
XX
X
001aab173
X
X
X
X
X
X
(X)
X


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn