Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LPC1227FBD64301 Datasheet(PDF) 3 Page - NXP Semiconductors

Part No. LPC1227FBD64301
Description  32-bit ARM Cortex-M0 microcontroller; up to 128 kB flash and 8 kB SRAM
Download  60 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NXP [NXP Semiconductors]
Homepage  http://www.nxp.com
Logo 

LPC1227FBD64301 Datasheet(HTML) 3 Page - NXP Semiconductors

 
Zoom Inzoom in Zoom Outzoom out
 3 / 60 page
background image
LPC122X
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Objective data sheet
Rev. 1.1 — 21 February 2011
3 of 60
NXP Semiconductors
LPC122x
32-bit ARM Cortex-M0 microcontroller
Digital peripherals
Micro DMA controller with 21 channels.
CRC engine.
Two UARTs with fractional baud rate generation and internal FIFO. One UART with
RS-485 and modem support and one standard UART with IrDA.
SSP/SPI controller with FIFO and multi-protocol capabilities.
I2C-bus interface supporting full I2C-bus specification and Fast-mode Plus with a
data rate of 1 Mbit/s with multiple address recognition and monitor mode. I2C-bus
pins have programmable glitch filter.
Up to 55 General Purpose I/O (GPIO) pins with programmable pull-up resistor,
open-drain mode, programmable digital input glitch filter, and programmable input
inverter.
Programmable output drive on all GPIO pins. Four pins support high-current output
drivers.
All GPIO pins can be used as edge and level sensitive interrupt sources.
Four general purpose counter/timers with four capture inputs and four match
outputs (32-bit timers) or two capture inputs and two match outputs (16-bit timers).
Windowed WatchDog Timer (WWDT).
Analog peripherals
One 8-channel, 10-bit ADC.
Two highly flexible analog comparators. Comparator outputs can be programmed
to trigger a timer match signal or can be used to emulate 555 timer behavior.
Power
Three reduced power modes: Sleep, Deep-sleep, and Deep power-down.
Processor wake-up from Deep-sleep mode via start logic using 12 port pins.
Processor wake-up from Deep-power down and Deep-sleep modes via the RTC.
Brownout detect with three separate thresholds each for interrupt and forced reset.
Power-On Reset (POR).
Integrated PMU (Power Management Unit).
Unique device serial number for identification.
3.3 V power supply.
Available as 64-pin and 48-pin LQFP package.
3.
Applications
eMetering
Lighting
Industrial networking
Alarm systems
White goods


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn