Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LPC122X Datasheet(PDF) 1 Page - NXP Semiconductors

Part # LPC122X
Description  32-bit ARM Cortex-M0 microcontroller; up to 128 kB flash and 8 kB SRAM
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC122X Datasheet(HTML) 1 Page - NXP Semiconductors

  LPC122X Datasheet HTML 1Page - NXP Semiconductors LPC122X Datasheet HTML 2Page - NXP Semiconductors LPC122X Datasheet HTML 3Page - NXP Semiconductors LPC122X Datasheet HTML 4Page - NXP Semiconductors LPC122X Datasheet HTML 5Page - NXP Semiconductors LPC122X Datasheet HTML 6Page - NXP Semiconductors LPC122X Datasheet HTML 7Page - NXP Semiconductors LPC122X Datasheet HTML 8Page - NXP Semiconductors LPC122X Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 60 page
background image
1.
General description
The LPC122x extend NXP's 32-bit ARM microcontroller continuum and target a wide
range of industrial applications in the areas of factory and home automation. Benefitting
from the ARM Cortex-M0 Thumb instruction set, the LPC122x have up to 50 % higher
code density compared to common 8/16-bit microcontroller performing typical tasks. The
LPC122x also feature an optimized ROM-based divide library for Cortex-M0, which offers
several times the arithmetic performance of software-based libraries, as well as highly
deterministic cycle time combined with reduced flash code size. The ARM Cortex-M0
efficiency also helps the LPC122x achieve lower average power for similar applications.
The LPC122x operate at CPU frequencies of up to 45 MHz.They offer a wide range of
flash memory options, from 32 kB to 128 kB. The small 512-byte page erase of the flash
memory brings multiple design benefits, such as finer EEPROM emulation, boot-load
support from any serial interface and ease of in-field programming with reduced on-chip
RAM buffer requirements.
The peripheral complement of the LPC122x includes a 10-bit ADC, two comparators with
output feedback loop, two UARTs, one SSP/SPI interface, one I2C-bus interface with
Fast-mode Plus features, a Windowed Watchdog Timer, a DMA controller, a CRC engine,
four general purpose timers, a 32-bit RTC, a 1 % internal oscillator for baud rate
generation, and up to 55 General Purpose I/O (GPIO) pins.
2.
Features and benefits
Processor core
ARM Cortex-M0 processor, running at frequencies of up to 45 MHz (one wait state
from flash) or 30 MHz (zero wait states from flash). The LPC122x have a high
score of over 45 in CoreMark CPU performance benchmark testing, equivalent to
1.51/MHz.
ARM Cortex-M0 built-in Nested Vectored Interrupt Controller (NVIC).
Serial Wire Debug (SWD).
System tick timer.
Memory
Up to 8 kB SRAM.
Up to 128 kB on-chip flash programming memory.
In-System Programming (ISP) and In-Application Programming (IAP) via on-chip
bootloader software.
Includes ROM-based 32-bit integer division routines.
Clock generation unit
LPC122x
32-bit ARM Cortex-M0 microcontroller; up to 128 kB flash and
8 kB SRAM
Rev. 1.1 — 21 February 2011
Objective data sheet


Similar Part No. - LPC122X

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LPC122X NXP-LPC122X Datasheet
513Kb / 61P
   32-bit ARM Cortex-M0 microcontroller; up to 128 kB flash and 8 kB SRAM
Rev. 2-26 August 2011
LPC122X NXP-LPC122X Datasheet
5Mb / 24P
   NXP LPC microcontrollers
November 2012
LPC122X_1108 NXP-LPC122X_1108 Datasheet
513Kb / 61P
   32-bit ARM Cortex-M0 microcontroller; up to 128 kB flash and 8 kB SRAM
Rev. 2-26 August 2011
More results

Similar Description - LPC122X

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LPC122X_1108 NXP-LPC122X_1108 Datasheet
513Kb / 61P
   32-bit ARM Cortex-M0 microcontroller; up to 128 kB flash and 8 kB SRAM
Rev. 2-26 August 2011
LPC1111 NXP-LPC1111 Datasheet
410Kb / 59P
   32-bit ARM Cortex-M0 microcontroller; up to 32 kB flash and 8 kB SRAM
Rev. 01-16 April 2010
logo
Holtek Semiconductor In...
HT32F52243 HOLTEK-HT32F52243 Datasheet
6Mb / 44P
   32-Bit Arm Cortex -M0 Microcontroller, up to 128 KB Flash and 16 KB SRAM
logo
NXP Semiconductors
LPC1111 NXP-LPC1111_11 Datasheet
621Kb / 64P
   32-bit ARM Cortex-M0 microcontroller; up to 32 kB flash and 8 kB SRAM
Rev. 5-22 June 2011
LPC1102_1106 NXP-LPC1102_1106 Datasheet
301Kb / 39P
   32-bit ARM Cortex-M0 microcontroller; 32 kB flash and 8 kB SRAM
Rev. 4-24 June 2011
LPC1102 NXP-LPC1102_V01 Datasheet
683Kb / 43P
   32-bit ARM Cortex-M0 microcontroller; 32 kB flash and 8 kB SRAM
Rev. 7-26 September 2013
LPC1102 NXP-LPC1102_11 Datasheet
292Kb / 39P
   32-bit ARM Cortex-M0 microcontroller; 32 kB flash and 8 kB SRAM
Rev. 3-18 April 2011
LPC1102 NXP-LPC1102 Datasheet
255Kb / 38P
   32-bit ARM Cortex-M0 microcontroller; 32 kB flash and 8 kB SRAM
Rev. 00.04-23 June 2010
LPC11E3X NXP-LPC11E3X Datasheet
1Mb / 71P
   32-bit ARM Cortex-M0 microcontroller; up to 128 kB flash; up to 12 kB SRAM and 4 kB EEPROM; USART
Rev.2.3-11 September 2014
LPC81XM PHILIPS-LPC81XM_15 Datasheet
739Kb / 77P
   32-bit ARM Cortex-M0 microcontroller; up to 16 kB flash and 4 kB SRAM
Rev. 4.4-23 June 2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com