Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LC651154F Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # LC651154F
Description  Four-Bit CMOS Microcontrollers for Small-Scale Control Applications
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC651154F Datasheet(HTML) 1 Page - Sanyo Semicon Device

  LC651154F Datasheet HTML 1Page - Sanyo Semicon Device LC651154F Datasheet HTML 2Page - Sanyo Semicon Device LC651154F Datasheet HTML 3Page - Sanyo Semicon Device LC651154F Datasheet HTML 4Page - Sanyo Semicon Device LC651154F Datasheet HTML 5Page - Sanyo Semicon Device LC651154F Datasheet HTML 6Page - Sanyo Semicon Device LC651154F Datasheet HTML 7Page - Sanyo Semicon Device LC651154F Datasheet HTML 8Page - Sanyo Semicon Device LC651154F Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 39 page
background image
Ordering number : ENN*6728
91799RM (OT) No. 6278-1/39
Overview
The LC651154N/F/L and the LC651152N/F/L are the
small-scale control application versions of Sanyo’s
LC6500
series
of
4-bit
single-chip
CMOS
microcontrollers, and feature the same basic architecture
and instruction set. These microcontrollers include an 8-
input 8-bit A/D converter and are appropriate for use in a
wide range of applications, from applications with a small
number of circuits and controls that were previously
implemented in standard logic to applications with a larger
scale such as home appliances, automotive equipment,
communications equipment, office equipment, and audio
equipment such as decks and players. Also note that since
these ICs provide the same basic functions (certain
functions and specifications do differ) as, and are pin
compatible with the earlier LC651104N/F/L and
LC651102N/F/L, they can replace those ICs in most cases.
Features
• Fabricated in a CMOS process for low power (A
standby function that can be invoked under program
control is also provided.)
• ROM/RAM
LC651154N/F/L — ROM: 4K
× 8 bits,
RAM: 256
× 4 bits
LC651152N/F/L — ROM: 2K
× 8 bits,
RAM: 256
× 4 bits
• Instruction set: The 80-instruction set common to the
LC6500 family
• Wide operating supply voltage range: 2.2 to 6.0 V
(L versions)
• Instruction cycle time: 0.92 µs (F versions)
• On-chip serial I/O function
• Flexible I/O ports
— Number of ports: 6 ports with a total of 22 pins
— All ports:
· Are I/O ports
· I/O voltage handling capacity: 15 V (maximum)
(Open-drain specification C, D, E, and F ports
only)
· Output current: 20 mA (maximum) sink current
(Are capable of directly driving an LED.)
— Support options to match application system
specifications
A. Open-drain output, internal pull-up resistor
specification: All ports, in bit units
B. Output level at reset specification: Ports C and D
can be specified to go to the high or low level in
4-bit units.
• Interrupt function
— Timer interrupts through an interrupt vector (Can be
tested under program control)
— INT pin and serial I/O full/empty interrupts through
an interrupt vector (Can be tested under program
control)
• Stack levels: 8 (Shared with the interrupt system.)
• Timers: 4-bit variable prescaler and 8-bit programmable
timers
• Clock oscillator options that match a wide range of
system specifications
— Oscillator circuit options:
Two-pin RC oscillator (N and L versions)
Two-pin ceramic oscillator (N, F, and L versions)
— Clock divider circuit options:
No divider, built-in divide-by-3, built-in divide-by-4
(N and L versions)
• Continuous square wave output (with a period 64 times
the cycle time)
• A/D converter (successive approximation)
— 8-bit precision with 8 input channels
• Watchdog timer
Preliminary
LC651154N, 651154F, 651154L, LC651152N, 651152F, 651152L
SANYO Electric Co.,Ltd. Semiconductor Company
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN
Four-Bit CMOS Microcontrollers for
Small-Scale Control Applications
CMOS IC
Any and all SANYO products described or contained herein do not have specifications that can handle
applications that require extremely high levels of reliability, such as life-support systems, aircraft’s
control systems, or other applications whose failure can be reasonably expected to result in serious
physical and/or material damage. Consult with your SANYO representative nearest you before using
any SANYO products described or contained herein in such applications.
SANYO assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or other
parameters) listed in products specifications of any and all SANYO products described or contained
herein.


Similar Part No. - LC651154F

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC651102F SANYO-LC651102F Datasheet
854Kb / 35P
   Single-Chip 4-Bit Microcomputer for Small-Scale Control-Oriented Applications
LC651102F SANYO-LC651102F Datasheet
265Kb / 19P
   On-Chip UVEPROM 4-Bit Single-Chip Microcontroller
LC651102F SANYO-LC651102F Datasheet
261Kb / 14P
   One-Time Programmable 4-Bit Single-Chip Microcontroller
LC651102L SANYO-LC651102L Datasheet
854Kb / 35P
   Single-Chip 4-Bit Microcomputer for Small-Scale Control-Oriented Applications
LC651102L SANYO-LC651102L Datasheet
265Kb / 19P
   On-Chip UVEPROM 4-Bit Single-Chip Microcontroller
More results

Similar Description - LC651154F

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC651432N SANYO-LC651432N Datasheet
374Kb / 39P
   Four-Bit CMOS Microcontrollers for Small-Scale Control Applications
LC651204N SANYO-LC651204N Datasheet
312Kb / 35P
   4-Bit Single-Chip Microcontrollers for Small-Scale Control Applications
LC65F1306A SANYO-LC65F1306A Datasheet
685Kb / 22P
   4-Bit Single-Chip CMOS Microcontroller for Small-Scale Control Applications
LC6529N SANYO-LC6529N Datasheet
525Kb / 39P
   4-Bit Microcomputer for Small-Scale Control Applications
LC6543N SANYO-LC6543N Datasheet
1Mb / 49P
   CMOS LSI SINGLE-CHIP 4-BIT MICROCOMPUTER FOR SMALL-SCALE CONTROL-ORIENTED APPLICATIONS???
LC6543C SANYO-LC6543C Datasheet
1Mb / 41P
   CMOS LSI SINGLE-CHIP 4-BIT MICROCOMPUTER FOR SMALL-SCALE CONTROL-ORIENTED APPLICATIONS?
LC651306A SANYO-LC651306A Datasheet
697Kb / 21P
   4-Bit Single-Chip Microcontroller for Small-Scale Control Applications
LC651104N SANYO-LC651104N Datasheet
854Kb / 35P
   Single-Chip 4-Bit Microcomputer for Small-Scale Control-Oriented Applications
LC6527C SANYO-LC6527C Datasheet
1Mb / 32P
   Single Chip 4 Bit Microcomputers for Small scale control oriented applications
LC6527N SANYO-LC6527N Datasheet
962Kb / 42P
   SINGLE-CHIP 4-BIT MICROCOMPUTER FOR SMALL-SCALE CONTROL-ORIENTED APPLICATIONS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com